Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS62152RGTR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62152RGTR
Description  3-V to 17-V, 1-A Step-Down Converter in 3-mm3-mm QFN Package
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62152RGTR Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS62152RGTR Datasheet HTML 5Page - Texas Instruments TPS62152RGTR Datasheet HTML 6Page - Texas Instruments TPS62152RGTR Datasheet HTML 7Page - Texas Instruments TPS62152RGTR Datasheet HTML 8Page - Texas Instruments TPS62152RGTR Datasheet HTML 9Page - Texas Instruments TPS62152RGTR Datasheet HTML 10Page - Texas Instruments TPS62152RGTR Datasheet HTML 11Page - Texas Instruments TPS62152RGTR Datasheet HTML 12Page - Texas Instruments TPS62152RGTR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 43 page
background image
control logic
Soft
start
Thermal
Shtdwn
UVLO
PG control
power
control
error
amplifier
gate
drive
HS lim
LS lim
PVIN
PVIN
AVIN
PG
PGND
PGND
AGND
comp
comp
+
_
timer tON
DCS - Control
TM
direct control
&
compensation
comparator
ramp
SW
SW
SW
EN
*
SS/TR
DEF
*
FSW
*
VOS
FB
*
Copyright © 2016, Texas Instruments Incorporated
9
TPS62150, TPS62150A, TPS62151, TPS62152, TPS62153
www.ti.com
SLVSAL5D – NOVEMBER 2011 – REVISED SEPTEMBER 2016
Product Folder Links: TPS62150 TPS62150A TPS62151 TPS62152 TPS62153
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
Functional Block Diagrams (continued)
* This pin is connected to a pull down resistor internally (see Feature Description section)
Figure 6. TPS62151, -2, -3 (Fixed Output Voltage)
space
8.3 Feature Description
8.3.1 Enable / Shutdown (EN)
When Enable (EN) is set High, the device starts operation. Shutdown is forced if EN is pulled Low with a
shutdown current of typically 1.5µA. During shutdown, the internal power MOSFETs as well as the entire control
circuitry are turned off. The internal resistive divider pulls down the output voltage smoothly. The EN signal must
be set externally to High or Low. An internal pull-down resistor of about 400kΩ is connected and keeps EN logic
low, if Low is set initially and then the pin gets floating. It is disconnected if the pin is set High
Connecting the EN pin to an appropriate output signal of another power rail provides sequencing of multiple
power rails.
8.3.2 Soft-Start or Tracking (SS/TR)
The internal soft-start circuitry controls the output voltage slope during start-up. This avoids excessive inrush
current and ensures a controlled output-voltage rise time. It also prevents unwanted voltage drops from high-
impedance power sources or batteries. When EN is set to start device operation, the device starts switching after
a delay of about 50 µs, and VOUT rises with a slope controlled by an external capacitor connected to the SS/TR
pin. See Figure 40 and Figure 41 for typical start-up operation.


Similar Part No. - TPS62152RGTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62152RGTR TI1-TPS62152RGTR Datasheet
1Mb / 33P
[Old version datasheet]   3-17V 1A Step-Down Converter in 3x3 QFN Package
More results

Similar Description - TPS62152RGTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62150 TI-TPS62150_15 Datasheet
1Mb / 39P
[Old version datasheet]   TPS6215x 3-V to 17-V, 1-A Step-Down Converter in 3-mm 횞 3-mm QFN Package
TPS62140 TI1-TPS62140 Datasheet
1Mb / 34P
[Old version datasheet]   3-V to 17-V 2-A Step-Down Converter in 3-mm 횞 3-mm QFN Package
TPS62152-Q1 TI1-TPS62152-Q1 Datasheet
1Mb / 35P
[Old version datasheet]   3 to 17-V 1-A Step-Down Converter in 3x3-mm QFN Package
TPS62140 TI-TPS62140_15 Datasheet
1Mb / 40P
[Old version datasheet]   TPS6214x 3-V to 17-V 2-A Step-Down Converter in 3 횞 3 QFN Package
TPS62140 TI-TPS62140_13 Datasheet
1Mb / 35P
[Old version datasheet]   3-V to 17-V 2-A Step-Down Converter in 3x3 QFN Package
TPS62825 TI1-TPS62825_18 Datasheet
1Mb / 24P
[Old version datasheet]   2-, 3-A Step-Down Converter with 1% Output Accuracy in 1.5-mm 횞 1.5-mm QFN Package
TPS62590-Q1 TI1-TPS62590-Q1 Datasheet
833Kb / 25P
[Old version datasheet]   1-A Step-Down Converter in 2-mm 횞 2-mm QFN Package
TPS62816-Q1 TI-TPS62816-Q1 Datasheet
7Mb / 40P
[Old version datasheet]   TPS62816-Q1 2.7-V to 6-V, 6-A Automotive Step-Down Converter in 3-mm 횞 2-mm QFN Package with Wettable Flanks
TPS62816-Q1 TI-TPS62816-Q1_V01 Datasheet
8Mb / 41P
[Old version datasheet]   TPS62816-Q1 2.7-V to 6-V, 6-A Automotive Step-Down Converter in 3-mm 횞 2-mm QFN Package with Wettable Flanks
DECEMBER 2021
TPS62825 TI-TPS62825_V01 Datasheet
2Mb / 33P
[Old version datasheet]   TPS6282x 2.4-V to 5.5-V Input, 1-, 2-, 3-, 4-A Step-down Converter with 1% Output Accuracy in 1.5-mm 횞 1.5-mm QFN Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com