Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS62171QDSGRQ1 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62171QDSGRQ1
Description  3-V to17-V 0.5-A Step-Down Converters with DCS-Control
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62171QDSGRQ1 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS62171QDSGRQ1 Datasheet HTML 7Page - Texas Instruments TPS62171QDSGRQ1 Datasheet HTML 8Page - Texas Instruments TPS62171QDSGRQ1 Datasheet HTML 9Page - Texas Instruments TPS62171QDSGRQ1 Datasheet HTML 10Page - Texas Instruments TPS62171QDSGRQ1 Datasheet HTML 11Page - Texas Instruments TPS62171QDSGRQ1 Datasheet HTML 12Page - Texas Instruments TPS62171QDSGRQ1 Datasheet HTML 13Page - Texas Instruments TPS62171QDSGRQ1 Datasheet HTML 14Page - Texas Instruments TPS62171QDSGRQ1 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
22uF
3.3V / 0.5A
10uF
2.2µH
VIN
TPS62170-Q1
470k
150k
VIN
EN
AGND
PGND
SW
VOS
PG
FB
100k
Copyright © 2016, Texas Instruments Incorporated
11
TPS62170-Q1, TPS62171-Q1, TPS62172-Q1
www.ti.com
SLVSCK7A – DECEMBER 2014 – REVISED SEPTEMBER 2016
Product Folder Links: TPS62170-Q1 TPS62171-Q1 TPS62172-Q1
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
(1)
See Third-Party Products disclaimer.
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
The following information is intended to be a guideline through the individual power supply design process.
8.2 Typical TPS62170-Q1 Application
space
Figure 5. 3.3-V/0.5-A Power Supply
8.2.1 Design Requirements
The step-down converter design can be adapted to different output voltage and load current needs by choosing
external components appropriate. The following design procedure is adequate for whole VIN, VOUT and load
current range of TPS62170-Q1. Using Table 2, the design procedure needs minimum effort.
Table 1. List of Components
REFERENCE
DESCRIPTION
MANUFACTURER(1)
IC
17-V, 0.5-A step-down converter, WSON
TPS62170QDSG, Texas Instruments
L1
2.2-µH, 1.4-A, 3 x 2.8 x 1.2 mm
VLF3012ST-2R2M1R4, TDK
CIN
10-µF, 25-V, ceramic
Standard
COUT
22-µF, 6.3-V, ceramic
Standard
R1
Depending on Vout
R2
Depending on Vout
R3
100-kΩ, chip, 0603, 1/16-W, 1%
Standard


Similar Part No. - TPS62171QDSGRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62171 TI1-TPS62171 Datasheet
1Mb / 33P
[Old version datasheet]   3-17V 0.5A Step-Down Converter with DCS-ControlTM
TPS62171DSG TI1-TPS62171DSG Datasheet
1Mb / 33P
[Old version datasheet]   3-17V 0.5A Step-Down Converter with DCS-ControlTM
TPS62171DSGR TI1-TPS62171DSGR Datasheet
1Mb / 33P
[Old version datasheet]   3-17V 0.5A Step-Down Converter with DCS-ControlTM
TPS62171DSGR TI1-TPS62171DSGR Datasheet
1Mb / 34P
[Old version datasheet]   Step-Down Converters
TPS62171DSGT TI1-TPS62171DSGT Datasheet
1Mb / 33P
[Old version datasheet]   3-17V 0.5A Step-Down Converter with DCS-ControlTM
More results

Similar Description - TPS62171QDSGRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62135 TI1-TPS62135 Datasheet
1Mb / 40P
[Old version datasheet]   High Accuracy 3-V to 17-V 3.5-A Step-Down Converters with DCS-Control
TPS62130A-Q1_016 TI1-TPS62130A-Q1_016 Datasheet
1Mb / 37P
[Old version datasheet]   3-V to 17-V 3-A Step-Down Converter with DCS-Control
TLV62130 TI-TLV62130_15 Datasheet
1Mb / 38P
[Old version datasheet]   TLV62130x 3-V to 17-V 3-A Step-Down Converter With DCS-Control?
TPS62160-Q1 TI1-TPS62160-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   3-V to 17-V 1-A Step-Down Converter with DCS-Control
TPS62160-Q1 TI1-TPS62160-Q1_16 Datasheet
1Mb / 34P
[Old version datasheet]   3-V to 17-V 1-A Step-Down Converter with DCS-Control
TPS62152C-Q1 TI1-TPS62152C-Q1 Datasheet
1Mb / 30P
[Old version datasheet]   3-V to 17-V 1 A Step-Down Converter with DCS-Control
TPS62136 TI1-TPS62136 Datasheet
3Mb / 45P
[Old version datasheet]   1-MHz High Accuracy 3-V to 17-V 4-A Step-Down Converters with DCS Control
TPS62130A-Q1 TI1-TPS62130A-Q1_16 Datasheet
1Mb / 35P
[Old version datasheet]   TPS6213xA-Q1 3-V to 17-V 3-A Step-Down Converter with DCS-Control
TPS62148 TI1-TPS62148 Datasheet
2Mb / 46P
[Old version datasheet]   High Accuracy 3-V to 17-V 2-A Step-Down Converter With DCS-Control
TLV62150 TI-TLV62150_15 Datasheet
1Mb / 38P
[Old version datasheet]   TLV62150x 4-V to 17-V 1-A Step-Down Converter With DCS-Control?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com