Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS62184YZFR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62184YZFR
Description  4-V to 17-V, 6-A, 2-Phase Step-Down Converter with AEE
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62184YZFR Datasheet(HTML) 3 Page - Texas Instruments

  TPS62184YZFR Datasheet HTML 1Page - Texas Instruments TPS62184YZFR Datasheet HTML 2Page - Texas Instruments TPS62184YZFR Datasheet HTML 3Page - Texas Instruments TPS62184YZFR Datasheet HTML 4Page - Texas Instruments TPS62184YZFR Datasheet HTML 5Page - Texas Instruments TPS62184YZFR Datasheet HTML 6Page - Texas Instruments TPS62184YZFR Datasheet HTML 7Page - Texas Instruments TPS62184YZFR Datasheet HTML 8Page - Texas Instruments TPS62184YZFR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
A
B
C
D
E
F
1
2
3
4
F
E
D
C
B
A
TPS62184
www.ti.com
SLVSCQ5A – DECEMBER 2014 – REVISED FEBRUARY 2015
spacing
6 Pin Configuration and Functions
spacing
24-Pin DSBGA
YZF Package
(Top View - Left, Bottom View - Right)
Pin Functions
PIN(1)
DESCRIPTION
NAME
NUMBER
AGND
C4
Analog Ground. Connect on PCB directly with PGND.
EN
E4
Enable input (High = enabled, Low = disabled)
Output voltage feedback. Connect resistive voltage divider to this pin and AGND. On TPS62182,
FB
B4
connect to AGND.
Output power good (High = VOUT ready, Low = VOUT below nominal regulation); open drain
PG
F4
(requires pull-up resistor)
A3, B3, C3, D3,
PGND
Common power ground.
E3, F3
Soft-Start and Tracking Pin. An external capacitor connected to this pin sets the internal voltage
SS/TR
D4
reference rise time.
Switch node for Phase 1 (master), connected to the internal MOSFET switches. Connect inductor 1
SW1
A2, B2, C2
between SW1 and output capacitor.
Switch node for Phase 2 (follower), connected to the internal MOSFET switches. Connect inductor 2
SW2
D2, E2, F2
between SW2 and output capacitor.
VIN1
A1, B1, C1
Supply voltage for Phase 1.
VIN2
D1, E1, F1
Supply voltage for Phase 2.
VO
A4
Output Voltage Connection
(1)
For more information about connecting pins, see Detailed Description and Application Information sections.
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: TPS62184


Similar Part No. - TPS62184YZFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62184 TI-TPS62184_15 Datasheet
1Mb / 32P
[Old version datasheet]   TPS62184 4-V to 17-V, 6-A, 2-Phase Step-Down Converter with AEE?
More results

Similar Description - TPS62184YZFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62184 TI-TPS62184_15 Datasheet
1Mb / 32P
[Old version datasheet]   TPS62184 4-V to 17-V, 6-A, 2-Phase Step-Down Converter with AEE?
TPS62180 TI1-TPS62180_16 Datasheet
1Mb / 35P
[Old version datasheet]   4-V to 15-V, 6-A, 2-Phase Step-Down Converters with AEE
TPS62180 TI-TPS62180_15 Datasheet
1Mb / 35P
[Old version datasheet]   TPS6218x 4-V to 15-V, 6-A, 2-Phase Step-Down Converters with AEE?
TPS54620 TI1-TPS54620_16 Datasheet
2Mb / 46P
[Old version datasheet]   4.5-V to 17-V Input, 6-A Synchronous Step Down SWIFT Converter
TLV62150 TI-TLV62150_15 Datasheet
1Mb / 38P
[Old version datasheet]   TLV62150x 4-V to 17-V 1-A Step-Down Converter With DCS-Control?
TPS62148 TI1-TPS62148 Datasheet
2Mb / 46P
[Old version datasheet]   High Accuracy 3-V to 17-V 2-A Step-Down Converter With DCS-Control
TPS54620 TI-TPS54620_15 Datasheet
1Mb / 41P
[Old version datasheet]   TPS54620 4.5-V to 17-V Input, 6-A Synchronous Step Down SWIFT??Converter
TPS62130A-Q1_016 TI1-TPS62130A-Q1_016 Datasheet
1Mb / 37P
[Old version datasheet]   3-V to 17-V 3-A Step-Down Converter with DCS-Control
TPS62160-Q1 TI1-TPS62160-Q1_16 Datasheet
1Mb / 34P
[Old version datasheet]   3-V to 17-V 1-A Step-Down Converter with DCS-Control
TPS62152C-Q1 TI1-TPS62152C-Q1 Datasheet
1Mb / 30P
[Old version datasheet]   3-V to 17-V 1 A Step-Down Converter with DCS-Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com