Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS90CF363 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS90CF363
Description  3.3V LVDS Transmitter 18-Bit Flat Panel Display (FPD) Link??5 MHz
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS90CF363 Datasheet(HTML) 7 Page - National Semiconductor (TI)

  DS90CF363 Datasheet HTML 1Page - National Semiconductor (TI) DS90CF363 Datasheet HTML 2Page - National Semiconductor (TI) DS90CF363 Datasheet HTML 3Page - National Semiconductor (TI) DS90CF363 Datasheet HTML 4Page - National Semiconductor (TI) DS90CF363 Datasheet HTML 5Page - National Semiconductor (TI) DS90CF363 Datasheet HTML 6Page - National Semiconductor (TI) DS90CF363 Datasheet HTML 7Page - National Semiconductor (TI) DS90CF363 Datasheet HTML 8Page - National Semiconductor (TI) DS90CF363 Datasheet HTML 9Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
AC Timing Diagrams (Continued)
DS90CF363 Pin Description — FPD Link Transmitter
Pin Name
I/O
No.
Description
TxIN
I
21
TTL level input. This includes: 6 Red, 6 Green, 6 Blue, and 3 control lines — FPLINE,
FPFRAME and DRDY (also referred to as HSYNC, VSYNC, Data Enable).
TxOUT+
O
3
Positive LVDS differentiaI data output.
TxOUT−
O
3
Negative LVDS differential data output.
FPSHIFT IN
I
1
TTL Ievel clock input. The falling edge acts as data strobe. Pin name TxCLK IN.
TxCLK OUT+
O
1
Positive LVDS differential clock output.
TxCLK OUT−
O
1
Negative LVDS differential clock output.
PWR DOWN
I
1
TTL level input. When asserted (low input) TRI-STATES the outputs, ensuring low current at
power down.
V
CC
I
4
Power supply pins for TTL inputs.
GND
I
4
Ground pins for TTL inputs.
PLL V
CC
I
1
Power supply pin for PLL.
PLL GND
I
2
Ground pins for PLL.
LVDS V
CC
I
1
Power supply pin for LVDS outputs.
LVDS GND
I
3
Ground pins for LVDS outputs.
Applications Information
The DS90CF363 and DS90CF364 are backward compatible
with the existing 5V FPD Link transmitter/receiver pair
(DS90CF563 and DS90CF564). To upgrade from a 5V to a
3.3V system the following must be addressed:
1.
Change 5V power supply to 3.3V. Provide this supply to
the V
CC, LVDS VCC and PLL VCC of both the transmitter
and receiver devices. This change may enable the re-
moval of a 5V supply from the system, and power may
be supplied from an existing 3V power source.
2.
The DS90CF363 transmitter input and control inputs ac-
cept 3.3V TTL/CMOS levels. They are not 5V tolerant.
DS100032-20
FIGURE 12. Transmitter LVDS Output Pulse Position Measurement
www.national.com
7


Similar Part No. - DS90CF363

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90CF363A NSC-DS90CF363A Datasheet
219Kb / 10P
   3.3V Programmable LVDS Transmitter 18-Bit Flat Panel Display (FPD) Link-65 MHz, 3.3V LVDS Transmitter 18-Bit Flat Panel Display (FPD) Link-65 MHz
DS90CF363AMTD NSC-DS90CF363AMTD Datasheet
219Kb / 10P
   3.3V Programmable LVDS Transmitter 18-Bit Flat Panel Display (FPD) Link-65 MHz, 3.3V LVDS Transmitter 18-Bit Flat Panel Display (FPD) Link-65 MHz
DS90CF363B NSC-DS90CF363B Datasheet
612Kb / 11P
   3.3V Programmable LVDS Transmitter 18-Bit Flat Panel Display (FPD) Link -65 MHz
DS90CF363B NSC-DS90CF363B Datasheet
612Kb / 11P
   3.3V Programmable LVDS Transmitter 18-Bit Flat Panel Display (FPD) Link - 65MHz
logo
Texas Instruments
DS90CF363B TI1-DS90CF363B Datasheet
900Kb / 15P
[Old version datasheet]   3.3V Programmable LVDS Transmitter 18-Bit Flat Panel Display (FPD) Link -65 MHz
More results

Similar Description - DS90CF363

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS90C363 TI1-DS90C363_13 Datasheet
1Mb / 19P
[Old version datasheet]   3.3V Programmable LVDS Transmitter 18-Bit Flat Panel Display (FPD) Link??5 MHz, 3.3V LVDS Receiver 18-Bit Flat Panel Display (FPD) Link??5 MHz
logo
National Semiconductor ...
DS90C363 NSC-DS90C363 Datasheet
285Kb / 16P
   3.3V Programmable LVDS Transmitter 18-Bit Flat Panel Display (FPD) Link??5 MHz, 3.3V LVDS Receiver 18-Bit Flat Panel Display (FPD) Link??5 MHz
DS90C363A NSC-DS90C363A Datasheet
219Kb / 10P
   3.3V Programmable LVDS Transmitter 18-Bit Flat Panel Display (FPD) Link-65 MHz, 3.3V LVDS Transmitter 18-Bit Flat Panel Display (FPD) Link-65 MHz
logo
Texas Instruments
DS90CF383 TI1-DS90CF383_11 Datasheet
262Kb / 11P
[Old version datasheet]   3.3V LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link??5 MHz
logo
National Semiconductor ...
DS90CF383 NSC-DS90CF383 Datasheet
217Kb / 9P
   3.3V LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link??5 MHz
DS90CF363B NSC-DS90CF363B Datasheet
612Kb / 11P
   3.3V Programmable LVDS Transmitter 18-Bit Flat Panel Display (FPD) Link -65 MHz
logo
Texas Instruments
DS90CF363BMTX TI1-DS90CF363BMTX Datasheet
900Kb / 15P
[Old version datasheet]   3.3V Programmable LVDS Transmitter 18-Bit Flat Panel Display (FPD) Link -65 MHz
logo
National Semiconductor ...
DS90C383A NSC-DS90C383A_03 Datasheet
304Kb / 11P
   3.3V Programmable LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz 3.3V LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz
DS90C363B NSC-DS90C363B Datasheet
617Kb / 12P
   3.3V Programmable LVDS Transmitter 18-Bit Flat Panel Display (FPD) Link -65 MHz
logo
Texas Instruments
DS90C363B TI1-DS90C363B Datasheet
924Kb / 17P
[Old version datasheet]   3.3V Programmable LVDS Transmitter 18-Bit Flat Panel Display (FPD) Link -65 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com