Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS62260TDDCRQ1 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62260TDDCRQ1
Description  2.25-MHz 600-mA STEP-DOWN CONVERTERS
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62260TDDCRQ1 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS62260TDDCRQ1 Datasheet HTML 5Page - Texas Instruments TPS62260TDDCRQ1 Datasheet HTML 6Page - Texas Instruments TPS62260TDDCRQ1 Datasheet HTML 7Page - Texas Instruments TPS62260TDDCRQ1 Datasheet HTML 8Page - Texas Instruments TPS62260TDDCRQ1 Datasheet HTML 9Page - Texas Instruments TPS62260TDDCRQ1 Datasheet HTML 10Page - Texas Instruments TPS62260TDDCRQ1 Datasheet HTML 11Page - Texas Instruments TPS62260TDDCRQ1 Datasheet HTML 12Page - Texas Instruments TPS62260TDDCRQ1 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
TimeBase-1 s/Div
m
MODE
2V/Div
SW
2V/Div
I
200mA/Div
coil
V
=3.6V
V
=1.8V
I
=10mA
IN
OUT
OUT
PFMMode
ForcedPWMMode
TimeBase-10 s/Div
m
V
3.6V
V
1.8V,I
150mA
L 2.2 H,C
10 F0603
IN
OUT
OUT
OUT
m
m
V
10mV/Div
OUT
SW2V/Div
I
COIL 200mA/Div
1.746
1.764
1.782
1.8
1.818
1.836
1.854
0.01
0.1
1
10
100
1000
I
-OutputCurrent-mA
O
V
=2V
IN
V
=2.7V
V
=3V
V
=3.6V
V
=4.5V
IN
IN
IN
IN
T =-40°C,
V
=1.8V,
MODE=V ,
L =2.2 H
A
OUT
IN
m
1.746
1.764
1.782
1.8
1.818
1.836
1.854
0.01
0.1
1
10
100
1000
I
-OutputCurrent-mA
O
V
=2.3V
IN
V
=2.7V
V
=3V
V
=3.6V
V
=4.5V
IN
IN
IN
IN
T =85°C,
V
=1.8V,
MODE=V ,
L =2.2 H
A
OUT
IN
m
TPS62260-Q1, TPS62261-Q1
TPS62262-Q1, TPS62263-Q1
www.ti.com
SLVSA16C – AUGUST 2009 – REVISED JULY 2012
OUTPUT VOLTAGE ACCURACY (PWM Mode)
OUTPUT VOLTAGE ACCURACY (PWM Mode)
vs
vs
OUTPUT CURRENT
OUTPUT CURRENT
Figure 11.
Figure 12.
MODE PIN TRANSITION FROM PFM
TYPICAL OPERATION (PWM Mode)
TO FORCED PWM MODE AT LIGHT LOAD
Figure 13.
Figure 14.
Copyright © 2009–2012, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): TPS62260-Q1 TPS62261-Q1 TPS62262-Q1 TPS62263-Q1


Similar Part No. - TPS62260TDDCRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62260TDRVRQ1 TI1-TPS62260TDRVRQ1 Datasheet
1Mb / 32P
[Old version datasheet]   2.25-MHz 600-mA STEP-DOWN CONVERTERS
More results

Similar Description - TPS62260TDDCRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62260-Q1 TI1-TPS62260-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   2.25-MHz 600-mA STEP-DOWN CONVERTERS
TPS62420-Q1 TI1-TPS62420-Q1 Datasheet
1Mb / 36P
[Old version datasheet]   2.25-MHz 600-mA/1000-mA DUAL STEP-DOWN CONVERTER
TPS62404-Q1 TI1-TPS62404-Q1 Datasheet
1Mb / 41P
[Old version datasheet]   2.25-MHz 400-mA/600-mA DUAL STEP-DOWN CONVERTER
TPS62400-Q1 TI1-TPS62400-Q1 Datasheet
1Mb / 42P
[Old version datasheet]   2.25-MHz 400-mA and 600-mA Dual Step-Down Converter
TPS62260 TI-TPS62260 Datasheet
1Mb / 32P
[Old version datasheet]   2.25 MHz 600 mA Step Down Converter in 2x2SON/TSOT-23 Package
TPS62260 TI-TPS62260_08 Datasheet
1Mb / 31P
[Old version datasheet]   2.25 MHz 600 mA Step Down Converter in 2x2SON/TSOT-23 Package
TPS62262DDCT TI-TPS62262DDCT Datasheet
1Mb / 32P
[Old version datasheet]   2.25 MHz 600 mA Step Down Converter in 2x2 QFN / TSOT-23 Package
TPS65000-Q1 TI1-TPS65000-Q1_15 Datasheet
2Mb / 29P
[Old version datasheet]   2.25-MHz Step-Down Converter
TPS62270 TI-TPS62270_09 Datasheet
1,003Kb / 24P
[Old version datasheet]   2.25 MHz 400-mA Step Down Converter With Selectable VOUT
TPS62270 TI-TPS62270_08 Datasheet
983Kb / 23P
[Old version datasheet]   2.25 MHz 400-mA Step Down Converter With Selectable VOUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com