Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS62260 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62260
Description  2.25-MHz 600-mA STEP-DOWN CONVERTERS
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62260 Datasheet(HTML) 4 Page - Texas Instruments

  TPS62260 Datasheet HTML 1Page - Texas Instruments TPS62260 Datasheet HTML 2Page - Texas Instruments TPS62260 Datasheet HTML 3Page - Texas Instruments TPS62260 Datasheet HTML 4Page - Texas Instruments TPS62260 Datasheet HTML 5Page - Texas Instruments TPS62260 Datasheet HTML 6Page - Texas Instruments TPS62260 Datasheet HTML 7Page - Texas Instruments TPS62260 Datasheet HTML 8Page - Texas Instruments TPS62260 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
Zero-Pole
Amp.
Integrator
Error Amplifier
+1% Voltagepositioning
PWM
Comp.
VREF
Control
Stage
GateDriver
Anti-
Shoot-Through
Current-
LimitComparator
Current-
LimitComparator
VREF +1%
FB
FB
VIN
GND
MODE
2.25-MHz
Oscillator
SW1
EN
V
IN
Softstart
VOUT RAMP
CONTROL
Thermal
Shutdown
.6
Reference
0
VVREF
Undervoltage
Lockout 1.8 V
Limit
HighSide
Limit
LowSide
Sawtooth
Generator
Int. Resistor
Network
FB
RI 1
RI..N
MODE
Onlyin 2x2SON
GND
PFMComparator
DRV PACKAGE
(TOP VIEW)
MODE
FB
GND
SW
EN
VIN
1
2
3
6
5
4
Exposed
Thermal
Pad
TPS62260-Q1, TPS62261-Q1
TPS62262-Q1, TPS62263-Q1
SLVSA16C – AUGUST 2009 – REVISED JULY 2012
www.ti.com
PIN ASSIGNMENTS
TERMINAL FUNCTIONS
TERMINAL
I/O
DESCRIPTION
NAME
NO.
This is the switch pin and is connected to the internal MOSFET switches. Connect the external inductor
SW
1
OUT
between this terminal and the output capacitor.
This pin is only available at SON package option. MODE pin = high forces the device to operate in fixed
MODE
2
I
frequency PWM mode. MODE pin = low enables the Power Save Mode with automatic transition from
PFM mode to fixed frequency PWM mode.
Feedback for the internal regulation loop. Connect the external resistor divider to this pin. In case of
FB
3
I
fixed output voltage option, connect this pin directly to the output capacitor.
This is the enable pin of the device. Pulling this pin to low forces the device into shutdown mode. Pulling
EN
4
I
this pin to high enables the device. This pin must be terminated.
VIN
5
PWR
Power supply
GND
6
PWR
Ground
FUNCTIONAL BLOCK DIAGRAM
4
Submit Documentation Feedback
Copyright © 2009–2012, Texas Instruments Incorporated
Product Folder Link(s): TPS62260-Q1 TPS62261-Q1 TPS62262-Q1 TPS62263-Q1


Similar Part No. - TPS62260

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62260 TI-TPS62260 Datasheet
1Mb / 32P
[Old version datasheet]   2.25 MHz 600 mA Step Down Converter in 2x2SON/TSOT-23 Package
TPS62260 TI-TPS62260 Datasheet
1Mb / 31P
[Old version datasheet]   2.25 MHz 600 mA Step Down Converter in 2x2SON/TSOT-23 Package
TPS62260 TI-TPS62260 Datasheet
1Mb / 32P
[Old version datasheet]   2.25 MHz 600 mA Step Down Converter in 2x2 QFN / TSOT-23 Package
TPS62260-Q1 TI1-TPS62260-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   2.25-MHz 600-mA STEP-DOWN CONVERTERS
TPS62260DDC TI-TPS62260DDC Datasheet
1Mb / 32P
[Old version datasheet]   2.25 MHz 600 mA Step Down Converter in 2x2SON/TSOT-23 Package
More results

Similar Description - TPS62260

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62260-Q1 TI1-TPS62260-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   2.25-MHz 600-mA STEP-DOWN CONVERTERS
TPS62420-Q1 TI1-TPS62420-Q1 Datasheet
1Mb / 36P
[Old version datasheet]   2.25-MHz 600-mA/1000-mA DUAL STEP-DOWN CONVERTER
TPS62404-Q1 TI1-TPS62404-Q1 Datasheet
1Mb / 41P
[Old version datasheet]   2.25-MHz 400-mA/600-mA DUAL STEP-DOWN CONVERTER
TPS62400-Q1 TI1-TPS62400-Q1 Datasheet
1Mb / 42P
[Old version datasheet]   2.25-MHz 400-mA and 600-mA Dual Step-Down Converter
TPS62260 TI-TPS62260 Datasheet
1Mb / 32P
[Old version datasheet]   2.25 MHz 600 mA Step Down Converter in 2x2SON/TSOT-23 Package
TPS62260 TI-TPS62260_08 Datasheet
1Mb / 31P
[Old version datasheet]   2.25 MHz 600 mA Step Down Converter in 2x2SON/TSOT-23 Package
TPS62262DDCT TI-TPS62262DDCT Datasheet
1Mb / 32P
[Old version datasheet]   2.25 MHz 600 mA Step Down Converter in 2x2 QFN / TSOT-23 Package
TPS65000-Q1 TI1-TPS65000-Q1_15 Datasheet
2Mb / 29P
[Old version datasheet]   2.25-MHz Step-Down Converter
TPS62270 TI-TPS62270_09 Datasheet
1,003Kb / 24P
[Old version datasheet]   2.25 MHz 400-mA Step Down Converter With Selectable VOUT
TPS62270 TI-TPS62270_08 Datasheet
983Kb / 23P
[Old version datasheet]   2.25 MHz 400-mA Step Down Converter With Selectable VOUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com