Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS62261 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62261
Description  2.25-MHz 600-mA STEP-DOWN CONVERTERS
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62261 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS62261 Datasheet HTML 7Page - Texas Instruments TPS62261 Datasheet HTML 8Page - Texas Instruments TPS62261 Datasheet HTML 9Page - Texas Instruments TPS62261 Datasheet HTML 10Page - Texas Instruments TPS62261 Datasheet HTML 11Page - Texas Instruments TPS62261 Datasheet HTML 12Page - Texas Instruments TPS62261 Datasheet HTML 13Page - Texas Instruments TPS62261 Datasheet HTML 14Page - Texas Instruments TPS62261 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
V
3.6V
V
1.5V
I
MODE=GND
IN
OUT
OUT
1.5mA to50mA
V
50mV/Div
OUT
I
COIL
500mA/Div
TimeBase
50
s/Div
m
SW2V/Div
I
50mA/Div
OUT
1.5mA
50mA
V
3.6V
V
1.5V
I
50mA to
MODE=GND
IN
OUT
OUT
1.5mA
V
50mV/Div
OUT
I
500mA/Div
COIL
TimeBase
50
s/Div
m
SW2V/Div
I
50mA/Div
OUT
1.5mA
50mA
V
3.6V
V
1.5V
I
150
A to400mA
MODE=GND
IN
OUT
OUT
m
V
50mV/Div
OUT
I
500mA/Div
COIL
TimeBase
500
s/Div
m
SW2V/Div
I
500mA/Div
OUT
150
A
m
400mA
V
V
I
IN
OUT
OUT
3.6V
1.5V
150
A to400mA
MODE=GND
m
V
OUT
50mV/Div
I
COILl
500mA/Div
TimeBase
500
s/Div
m
SW2V/Div
I
OUT
500mA/Div
150
A
m
400mA
TPS62260-Q1, TPS62261-Q1
TPS62262-Q1, TPS62263-Q1
www.ti.com
SLVSA16C – AUGUST 2009 – REVISED JULY 2012
LOAD TRANSIENT
LOAD TRANSIENT
(Forced PFM Mode To PWM Mode)
(Forced PWM Mode To PFM Mode)
Figure 19.
Figure 20.
LOAD TRANSIENT (PFM Mode)
LOAD TRANSIENT (PFM Mode)
Figure 21.
Figure 22.
Copyright © 2009–2012, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): TPS62260-Q1 TPS62261-Q1 TPS62262-Q1 TPS62263-Q1


Similar Part No. - TPS62261

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62261 TI-TPS62261 Datasheet
1Mb / 32P
[Old version datasheet]   2.25 MHz 600 mA Step Down Converter in 2x2SON/TSOT-23 Package
TPS62261 TI-TPS62261 Datasheet
1Mb / 31P
[Old version datasheet]   2.25 MHz 600 mA Step Down Converter in 2x2SON/TSOT-23 Package
TPS62261 TI-TPS62261 Datasheet
1Mb / 32P
[Old version datasheet]   2.25 MHz 600 mA Step Down Converter in 2x2 QFN / TSOT-23 Package
TPS62261-Q1 TI1-TPS62261-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   2.25-MHz 600-mA STEP-DOWN CONVERTERS
TPS62261DRV TI-TPS62261DRV Datasheet
1Mb / 32P
[Old version datasheet]   2.25 MHz 600 mA Step Down Converter in 2x2SON/TSOT-23 Package
More results

Similar Description - TPS62261

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62260-Q1 TI1-TPS62260-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   2.25-MHz 600-mA STEP-DOWN CONVERTERS
TPS62420-Q1 TI1-TPS62420-Q1 Datasheet
1Mb / 36P
[Old version datasheet]   2.25-MHz 600-mA/1000-mA DUAL STEP-DOWN CONVERTER
TPS62404-Q1 TI1-TPS62404-Q1 Datasheet
1Mb / 41P
[Old version datasheet]   2.25-MHz 400-mA/600-mA DUAL STEP-DOWN CONVERTER
TPS62400-Q1 TI1-TPS62400-Q1 Datasheet
1Mb / 42P
[Old version datasheet]   2.25-MHz 400-mA and 600-mA Dual Step-Down Converter
TPS62260 TI-TPS62260 Datasheet
1Mb / 32P
[Old version datasheet]   2.25 MHz 600 mA Step Down Converter in 2x2SON/TSOT-23 Package
TPS62260 TI-TPS62260_08 Datasheet
1Mb / 31P
[Old version datasheet]   2.25 MHz 600 mA Step Down Converter in 2x2SON/TSOT-23 Package
TPS62262DDCT TI-TPS62262DDCT Datasheet
1Mb / 32P
[Old version datasheet]   2.25 MHz 600 mA Step Down Converter in 2x2 QFN / TSOT-23 Package
TPS65000-Q1 TI1-TPS65000-Q1_15 Datasheet
2Mb / 29P
[Old version datasheet]   2.25-MHz Step-Down Converter
TPS62270 TI-TPS62270_09 Datasheet
1,003Kb / 24P
[Old version datasheet]   2.25 MHz 400-mA Step Down Converter With Selectable VOUT
TPS62270 TI-TPS62270_08 Datasheet
983Kb / 23P
[Old version datasheet]   2.25 MHz 400-mA Step Down Converter With Selectable VOUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com