Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS8442 Datasheet(PDF) 10 Page - Integrated Circuit Systems

Part # ICS8442
Description  700MHZ, CRYSTAL OSCILLATOR-TO-DIFFERENTIAL LVDS FREQUENCY SYNTHESIZER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS8442 Datasheet(HTML) 10 Page - Integrated Circuit Systems

Back Button ICS8442 Datasheet HTML 6Page - Integrated Circuit Systems ICS8442 Datasheet HTML 7Page - Integrated Circuit Systems ICS8442 Datasheet HTML 8Page - Integrated Circuit Systems ICS8442 Datasheet HTML 9Page - Integrated Circuit Systems ICS8442 Datasheet HTML 10Page - Integrated Circuit Systems ICS8442 Datasheet HTML 11Page - Integrated Circuit Systems ICS8442 Datasheet HTML 12Page - Integrated Circuit Systems ICS8442 Datasheet HTML 13Page - Integrated Circuit Systems ICS8442 Datasheet HTML 14Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
8442AY
www.icst.com/products/hiperclocks.html
REV. C JULY 8, 2004
10
Integrated
Circuit
Systems, Inc.
ICS8442
700MHZ, CRYSTAL OSCILLATOR-TO-DIFFERENTIAL
LVDS FREQUENCY SYNTHESIZER
The schematic of the ICS8442 layout example used in this layout
guideline is shown in
Figure 5A. The ICS8442 recommended PCB
board layout for this example is shown in
Figure 5B. This layout
example is used as a general guideline. The layout in the actual
LAYOUT GUIDELINE
FIGURE 5A. RECOMMENDED SCHEMATIC LAYOUT
U1
ICS8442
1
2
3
4
5
6
7
8
17
18
19
20
21
22
23
24
M5
M6
M7
M8
N0
N1
nc
GND
MR
S_CLOCK
S_DATA
S_LOAD
VDDA
nXTAL_SEL
T_CLK
XTAL1
VDDA
VDD
Zo = 50 Ohm
TL1
+
-
R7
10
X1
Zo = 50 Ohm
TL1N
R2
100
R1
100
+
-
C2
C15
0.1u
C14
0.1u
C16
10u
C11
0.01u
Zo = 50 Ohm
TL2
Zo = 50 Ohm
TL2N
C1
system will depend on the selected component types, the den-
sity of the components, the density of the traces, and the stack
up of the P.C. board.


Similar Part No. - ICS8442

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS844201-45 IDT-ICS844201-45 Datasheet
409Kb / 16P
   FemtoClock Crystal-to-LVDS Clock Generator
logo
Renesas Technology Corp
ICS844201-45 RENESAS-ICS844201-45 Datasheet
926Kb / 17P
   FemtoClock® Crystal-to-LVDS Clock Generator
2019
logo
Integrated Device Techn...
ICS844201I-45 IDT-ICS844201I-45 Datasheet
302Kb / 16P
   FemtoClock Crystal-to-LVDS Clock Generator
logo
Renesas Technology Corp
ICS844201I-45 RENESAS-ICS844201I-45 Datasheet
587Kb / 17P
   FemtoClock® Crystal-to-LVDS Clock Generator
2019
logo
Integrated Circuit Syst...
ICS844246 ICST-ICS844246 Datasheet
187Kb / 13P
   FEMTOCLOCKS??CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER W/INTEGRATED FANOUT BUFFER
More results

Similar Description - ICS8442

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS8442I ICST-ICS8442I Datasheet
183Kb / 15P
   700MHZ, CRYSTAL OSCILLATOR-TO-DIFFERENTIAL LVDS FREQUENCY SYNTHESIZER
logo
Renesas Technology Corp
ICS8442BI RENESAS-ICS8442BI Datasheet
509Kb / 17P
   700MHZ, CRYSTAL OSCILLATOR-TODIFFERENTIAL LVDS FREQUENCY SYNTHESIZER
NOVEMBER 18, 2013
ICS8442B RENESAS-ICS8442B Datasheet
533Kb / 17P
   700MHZ, CRYSTAL OSCILLATOR-TODIFFERENTIAL LVDS FREQUENCY SYNTHESIZER
NOVEMBER 18, 2013
ICS8442I-90 RENESAS-ICS8442I-90 Datasheet
340Kb / 20P
   700MHz, Crystal-to-LVDS Frequency Synthesizer
2019
logo
Integrated Circuit Syst...
ICS8432-51 ICST-ICS8432-51 Datasheet
160Kb / 17P
   700MHZ, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
ICS8432-51K ICST-ICS8432-51K Datasheet
227Kb / 16P
   700MHZ, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
ICS8432I-51 ICST-ICS8432I-51 Datasheet
150Kb / 16P
   700MHZ, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
logo
Renesas Technology Corp
8432I-51 RENESAS-8432I-51 Datasheet
539Kb / 22P
   700MHz, Crystal-to-3.3V Differential LVPECL Frequency Synthesizer
2019
logo
Integrated Device Techn...
ICS84329-01 IDT-ICS84329-01 Datasheet
338Kb / 20P
   700MHZ, LOW JITTER, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
logo
Integrated Circuit Syst...
ICS84329B ICST-ICS84329B Datasheet
237Kb / 19P
   700MHZ, LOW JITTER, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com