Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EEETP1E101AP Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # EEETP1E101AP
Description  Aluminum Electrolytic Capacitors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EEETP1E101AP Datasheet(HTML) 2 Page - Panasonic Semiconductor

  EEETP1E101AP Datasheet HTML 1Page - Panasonic Semiconductor EEETP1E101AP Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Aluminum Electrolytic Capacitors (SMD Type)
Endurance : 125 °C 3000 h (
06.3×7.7 : 2000 h)
✽ Size code( ) : Miniaturization product
If Part number exceeds 12 digits, voltage code is abbreviated as follows; 0J
→ J, 1A → A, 1C → C, 1E → E, 1V → V
· Please refer to the page of “Reflow Profile” and “The Taping Dimensions”.
· When requesting vibration-proof product, please put the last “V” instead to “P”
Rated
voltage
(V.DC)
Cap.
(±20 %)
(µF)
Case size (mm)
Size
code
Specification
Part No.
Reflow
Min. Packaging Q'ty
0DL
Ripple
current
(100 kHz)
(+125 °C)
(mA r.m.s.)
ESR
(100 kHz)
(
Ω)
tan d
(120 Hz)
(+20 °C)
Taping
(pcs)
+20 °C –40 °C
10
220
8
10.2
F
270
0.20
3
0.30
EEETP1A221AP
(8)
500
330
8
10.2
(F)
270
0.20
3
0.30
EEETPA331UAP
(8)
500
10
10.2
G
500
0.15
2
0.30
EEETP1A331AP
(8)
500
470
10
10.2
G
500
0.15
2
0.30
EEETP1A471AP
(8)
500
16
100
6.3
7.7
D8
197
0.45
5
0.23
EEETPC101XAP
(8)
900
8
10.2
F
270
0.20
3
0.23
EEETP1C101AP
(8)
500
220
8
10.2
F
270
0.20
3
0.23
EEETP1C221AP
(8)
500
330
10
10.2
G
500
0.15
2
0.23
EEETP1C331AP
(8)
500
470
10
10.2
G
500
0.15
2
0.23
EEETP1C471AP
(8)
500
25
100
8
10.2
F
270
0.20
3
0.18
EEETP1E101AP
(8)
500
220
10
10.2
G
500
0.15
2
0.18
EEETP1E221AP
(8)
500
330
10
10.2
G
500
0.15
2
0.18
EEETP1E331AP
(8)
500
35
47
6.3
7.7
D8
197
0.45
5
0.16
EEETPV470XAP
(8)
900
8
10.2
F
270
0.20
3
0.16
EEETP1V470AP
(8)
500
100
8
10.2
F
270
0.20
3
0.16
EEETP1V101AP
(8)
500
220
10
10.2
G
500
0.15
2
0.16
EEETP1V221AP
(8)
500
Characteristics list
Mar. 2016
02


Similar Part No. - EEETP1E101AP

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEETP1E101AP PANASONIC-EEETP1E101AP Datasheet
72Kb / 2P
   Aluminum Electrolytic Capacitors/TP
More results

Similar Description - EEETP1E101AP

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com