Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EEFCS1E150R Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # EEFCS1E150R
Description  Conductive Polymer Aluminum Electrolytic Capacitors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EEFCS1E150R Datasheet(HTML) 3 Page - Panasonic Semiconductor

  EEFCS1E150R Datasheet HTML 1Page - Panasonic Semiconductor EEFCS1E150R Datasheet HTML 2Page - Panasonic Semiconductor EEFCS1E150R Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Conductive Polymer Aluminum Electrolytic Capacitors
✽1: Ripple current (100 kHz/ +45°C ), ✽2: ESR (100 kHz/+20 °C)
✽3: Please refer to the page of “Mounting Specifications”.
✽4: Please contact us when 500 pcs packing is necessary.
Series
Rated
voltage
(V.DC)
Capacitance
(±20 %)
(μF)
Case size (mm)
Specification
Part number
Min.
4
Packaging
Q’ty
(pcs)
LW
H
✽1
Ripple
current
(mAr.m.s.)
✽2
ESR
(m
Ω max.)
CX
2
220
7.3
4.3
1.9
5100
15
EEFCX0D221R
3500
270
7.3
4.3
1.9
5600
12
EEFCX0D271XR
3500
330
7.3
4.3
1.9
5100
15
EEFCX0D331R
3500
7.3
4.3
1.9
5600
12
EEFCX0D331XR
3500
390
7.3
4.3
1.9
5100
15
EEFCX0D391R
3500
470
7.3
4.3
1.9
5100
15
EEFCX0D471R
3500
560
7.3
4.3
1.9
5100
15
EEFCX0D561R
3500
2.5
220
7.3
4.3
1.9
5100
15
EEFCX0E221R
3500
330
7.3
4.3
1.9
5100
15
EEFCX0E331R
3500
390
7.3
4.3
1.9
5100
15
EEFCX0E391R
3500
470
7.3
4.3
1.9
5100
15
EEFCX0E471R
3500
4
150
7.3
4.3
1.9
5100
15
EEFCX0G151R
3500
180
7.3
4.3
1.9
5100
15
EEFCX0G181R
3500
7.3
4.3
1.9
5600
12
EEFCX0G181XR
3500
220
7.3
4.3
1.9
5100
15
EEFCX0G221R
3500
7.3
4.3
1.9
5600
12
EEFCX0G221XR
3500
270
7.3
4.3
1.9
5100
15
EEFCX0G271R
3500
330
7.3
4.3
1.9
5100
15
EEFCX0G331R
3500
6.3
100
7.3
4.3
1.9
5100
15
EEFCX0J101R
3500
120
7.3
4.3
1.9
5100
15
EEFCX0J121R
3500
150
7.3
4.3
1.9
5100
15
EEFCX0J151R
3500
7.3
4.3
1.9
5600
12
EEFCX0J151XR
3500
180
7.3
4.3
1.9
5100
15
EEFCX0J181R
3500
220
7.3
4.3
1.9
5100
15
EEFCX0J221R
3500
10
47
7.3
4.3
1.9
3200
40
EEFCX1A470R
3500
68
7.3
4.3
1.9
3200
40
EEFCX1A680R
3500
100
7.3
4.3
1.9
3200
40
EEFCX1A101R
3500
16
15
7.3
4.3
1.9
3200
40
EEFCX1C150R
3500
22
7.3
4.3
1.9
3200
40
EEFCX1C220R
3500
33
7.3
4.3
1.9
3200
40
EEFCX1C330R
3500
47
7.3
4.3
1.9
3200
40
EEFCX1C470R
3500
68
7.3
4.3
1.9
3200
40
EEFCX1C680R
3500
20
22
7.3
4.3
1.9
3200
40
EEFCX1D220R
3500
33
7.3
4.3
1.9
3200
40
EEFCX1D330R
3500
47
7.3
4.3
1.9
3200
40
EEFCX1D470R
3500
56
7.3
4.3
1.9
3200
40
EEFCX1D560R
3500
25
15
7.3
4.3
1.9
3200
40
EEFCX1E150R
3500
22
7.3
4.3
1.9
3200
40
EEFCX1E220R
3500
33
7.3
4.3
1.9
3200
40
EEFCX1E330R
3500
35
15
7.3
4.3
1.9
3200
40
EEFCX1V150R
3500
22
7.3
4.3
1.9
3200
40
EEFCX1V220R
3500
Characteristics list
Temperature compensation multipliers for ripple current
Reflow
3
<Standard>
Temp.
T
< 45 °C
45 °C < T
< 85 °C
85 °C < T
< 105 °C
2 V.DC to 6.3 V.DC
Coefficient
1.0
0.7
0.25
10 V.DC to 35 V.DC
1.0
0.8
0.5
Nov. 2015
07


Similar Part No. - EEFCS1E150R

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEFCS1E150R PANASONIC-EEFCS1E150R Datasheet
65Kb / 2P
   SP-Cap/ Conductive Polymer Aluminum Capacitors (Specialty Polymer Aluminum Capacitors
EEFCS1E150R PANASONIC-EEFCS1E150R Datasheet
65Kb / 2P
   SP-Cap/ Conductive Polymer Aluminum Capacitors (Specialty Polymer Aluminum Capacitors)
EEFCS1E150R PANASONIC-EEFCS1E150R Datasheet
61Kb / 3P
   Conductive Polymer Aluminum Electrolytic Capacitors
EEFCS1E150R PANASONIC-EEFCS1E150R Datasheet
61Kb / 3P
   Conductive Polymer Aluminum Electrolytic Capacitors
More results

Similar Description - EEFCS1E150R

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECGCY0G471R PANASONIC-ECGCY0G471R Datasheet
50Kb / 2P
   Conductive Polymer Aluminum Electrolytic Capacitors
EEFLX0D331R PANASONIC-EEFLX0D331R_16 Datasheet
52Kb / 2P
   Conductive Polymer Aluminum Electrolytic Capacitors
EEFGX0D331R PANASONIC-EEFGX0D331R_16 Datasheet
57Kb / 2P
   Conductive Polymer Aluminum Electrolytic Capacitors
EEFCX0D221R PANASONIC-EEFCX0D221R Datasheet
61Kb / 3P
   Conductive Polymer Aluminum Electrolytic Capacitors
EEFGY0D821R PANASONIC-EEFGY0D821R Datasheet
396Kb / 6P
   Conductive Polymer Aluminum Electrolytic Capacitors
JX-SERIES PANASONIC-JX-SERIES Datasheet
550Kb / 7P
   Conductive Polymer Aluminum Electrolytic Capacitors
01-Apr-22
EEFCS1C150P PANASONIC-EEFCS1C150P Datasheet
61Kb / 3P
   Conductive Polymer Aluminum Electrolytic Capacitors
EEFHX0D471R PANASONIC-EEFHX0D471R Datasheet
52Kb / 2P
   Conductive Polymer Aluminum Electrolytic Capacitors
EEFSR0D221R PANASONIC-EEFSR0D221R Datasheet
57Kb / 2P
   Conductive Polymer Aluminum Electrolytic Capacitors
KX_SERIES PANASONIC-KX_SERIES Datasheet
644Kb / 7P
   Conductive Polymer Aluminum Electrolytic Capacitors
01-Apr-22
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com