Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EEEHD1H1R0R Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # EEEHD1H1R0R
Description  Aluminum Electrolytic Capacitors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EEEHD1H1R0R Datasheet(HTML) 2 Page - Panasonic Semiconductor

  EEEHD1H1R0R Datasheet HTML 1Page - Panasonic Semiconductor EEEHD1H1R0R Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Aluminum Electrolytic Capacitors (SMD Type)
Characteristics list (6.3 V.DC to 35 V.DC)
Characteristics list (50 V.DC to 100 V.DC)
Endurance : 105 °C 5000 h
Endurance : 105 °C 5000 h
Rated
voltage
(V.DC)
Cap.
(±20 %)
(µF)
Case size (mm)
Size
code
Specification
Part No.
Reflow
Min. Packaging Q'ty
0DL
Ripple
current
(120 Hz)
(+105 °C)
(mA r.m.s.)
Impedance
(100 kHz)
(+20 °C)
(
Ω)
tan
d
(120 Hz)
(+20 °C)
Taping
(pcs)
50
1
4
5.8
B
7
12.0
0.12
EEEHD1H1R0R
(1)
2000
2.2
4
5.8
B
12
12.0
0.12
EEEHD1H2R2R
(1)
2000
3.3
4
5.8
B
16
12.0
0.12
EEEHD1H3R3R
(1)
2000
4.7
5
5.8
C
21
7.2
0.12
EEEHD1H4R7R
(1)
1000
10
6.3
5.8
D
33
4.0
0.12
EEEHD1H100P
(1)
1000
22
8
6.2
E
50
2.0
0.14
EEEHD1H220P
(2)
1000
33
8
10.2
F
74
1.5
0.14
EEEHD1H330P
(2)
500
47
10
10.2
G
94
0.8
0.14
EEEHD1H470P
(2)
500
100
10
10.2
G
94
0.8
0.14
EEEHD1H101P
(2)
500
63
10
8
6.2
E
45
2.0
0.18
EEEHD1J100P
(2)
1000
22
8
10.2
F
65
1.5
0.18
EEEHD1J220P
(2)
500
33
10
10.2
G
80
0.8
0.18
EEEHD1J330P
(2)
500
100
10
8
10.2
F
55
1.5
0.18
EEEHD2A100P
(2)
500
22
10
10.2
G
70
0.8
0.18
EEEHD2A220P
(2)
500
Rated
voltage
(V.DC)
Cap.
(±20 %)
(µF)
Case size (mm)
Size
code
Specification
Part No.
Reflow
Min. Packaging Q'ty
0DL
Ripple
current
(120 Hz)
(+105 °C)
(mA r.m.s.)
Impedance
(100 kHz)
(+20 °C)
(
Ω)
tan d
(120 Hz)
(+20 °C)
Taping
(pcs)
6.3
330
8
10.2
F
230
1.5
0.30
EEEHD0J331AP
(7)
500
1000
10
10.2
G
313
0.8
0.50
EEEHD0J102AP
(7)
500
10
100
8
6.2
E
62
2.0
0.30
EEEHD1A101AP
(7)
1000
220
8
10.2
F
160
1.5
0.30
EEEHD1A221AP
(7)
500
330
8
10.2
F
160
1.5
0.30
EEEHD1A331AP
(7)
500
16
10
4.0
5.8
B
28
12.0
0.20
EEEHD1C100AR
(5)
2000
22
5.0
5.8
C
39
7.2
0.20
EEEHD1C220AR
(5)
1000
47
6.3
5.8
D
70
4.0
0.20
EEEHD1C470AP
(5)
1000
100
8
10.2
F
130
1.5
0.20
EEEHD1C101AP
(7)
500
220
10
10.2
G
220
0.8
0.20
EEEHD1C221AP
(7)
500
470
10
10.2
G
340
0.8
0.20
EEEHD1C471AP
(7)
500
25
4.7
4
5.8
B
17
12.0
0.16
EEEHD1E4R7AR
(5)
2000
10
5
5.8
C
28
7.2
0.16
EEEHD1E100AR
(5)
1000
22
6.3
5.8
D
55
4.0
0.16
EEEHD1E220AP
(5)
1000
33
6.3
5.8
D
55
4.0
0.16
EEEHD1E330AP
(5)
1000
47
8
6.2
E
56
2.0
0.18
EEEHD1E470AP
(7)
1000
100
8
10.2
F
130
1.5
0.16
EEEHD1E101AP
(7)
500
330
10
10.2
G
238
0.8
0.16
EEEHD1E331AP
(7)
500
35
4.7
4
5.8
B
17
12.0
0.13
EEEHD1V4R7AR
(5)
2000
10
5
5.8
C
28
7.2
0.13
EEEHD1V100AR
(5)
1000
22
6.3
5.8
D
55
4.0
0.13
EEEHD1V220AP
(5)
1000
33
86.2
E
53
2.0
0.16
EEEHD1V330AP
(7)
1000
6.3
7.7
D8
57
2.0
0.13
EEEHDV330XAP
(5)
900
47
6.3
7.7
D8
57
2.0
0.14
EEEHDV470XAP
(5)
900
8
10.2
F
79
1.5
0.14
EEEHD1V470AP
(7)
500
100
10
10.2
G
101
0.8
0.14
EEEHD1V101AP
(7)
500
220
10
10.2
G
220
0.8
0.14
EEEHD1V221AP
(7)
500
If Part number exceeds 12 digits, voltage code is abbrevi ated as follows; 0J
→ J, 1A → A, 1C → C, 1E → E, 1V → V,
· Please refer to the page of “Reflow Profile” and “The Taping Dimensions”.
· When requesting vibration-proof product, please put the last “V” instead to “P”
Mar. 2016
05


Similar Part No. - EEEHD1H1R0R

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEEHD1H1R0R PANASONIC-EEEHD1H1R0R Datasheet
125Kb / 2P
   Surface Mount Type
EEEHD1H1R0R PANASONIC-EEEHD1H1R0R Datasheet
81Kb / 2P
   Aluminum Electrolytic Capacitors/ HD
EEEHD1H1R0R PANASONIC-EEEHD1H1R0R Datasheet
81Kb / 2P
   Aluminum Electrolytic Capacitors/ HD
More results

Similar Description - EEEHD1H1R0R

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com