Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EEFHX1A470R Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # EEFHX1A470R
Description  Conductive Polymer Aluminum Electrolytic Capacitors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EEFHX1A470R Datasheet(HTML) 2 Page - Panasonic Semiconductor

  EEFHX1A470R Datasheet HTML 1Page - Panasonic Semiconductor EEFHX1A470R Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Conductive Polymer Aluminum Electrolytic Capacitors
Reflow
3
<Standard>
Characteristics list
✽1: Ripple current (100 kHz/ +45°C ), ✽2: ESR (100 kHz/+20 °C)
✽3: Please refer to the page of “Mounting Specifications”.
✽4: Please contact us when 500 pcs packing is necessary.
Series
Rated
voltage
[105 °C]
(V.DC)
Category
voltage
[125 °C]
(V.DC)
Capacitance
(±20 %)
(μF)
Case size (mm)
Specification
Part number
Min.
4
Packaging
Q’ty
(pcs)
LW
H
✽1
Ripple
current
(mAr.m.s.)
✽2
ESR
(m
Ω max.)
HX
2
1.6
470
7.3
4.3
1.9
5100
15
EEFHX0D471R
3500
7.3
4.3
1.9
6300
9
EEFHX0D471R9
3500
7.3
4.3
1.9
7500
6
EEFHX0D471R6
3500
7.3
4.3
1.9
8500
4.5
EEFHX0D471R4
3500
560
7.3
4.3
1.9
5100
15
EEFHX0D561R
3500
7.3
4.3
1.9
8500
4.5
EEFHX0D561R4
3500
2.5
2
330
7.3
4.3
1.9
5100
15
EEFHX0E331R
3500
7.3
4.3
1.9
6300
9
EEFHX0E331R9
3500
7.3
4.3
1.9
7500
6
EEFHX0E331R6
3500
7.3
4.3
1.9
8500
4.5
EEFHX0E331R4
3500
470
7.3
4.3
1.9
5100
15
EEFHX0E471R
3500
7.3
4.3
1.9
6300
9
EEFHX0E471R9
3500
7.3
4.3
1.9
7500
6
EEFHX0E471R6
3500
7.3
4.3
1.9
8500
4.5
EEFHX0E471R4
3500
10
8
47
7.3
4.3
1.9
3200
40
EEFHX1A470R
3500
68
7.3
4.3
1.9
3200
40
EEFHX1A680R
3500
100
7.3
4.3
1.9
3200
40
EEFHX1A101R
3500
16
12.8
15
7.3
4.3
1.9
3200
40
EEFHX1C150R
3500
22
7.3
4.3
1.9
3200
40
EEFHX1C220R
3500
33
7.3
4.3
1.9
3200
40
EEFHX1C330R
3500
47
7.3
4.3
1.9
3200
40
EEFHX1C470R
3500
68
7.3
4.3
1.9
3200
40
EEFHX1C680R
3500
20
16
22
7.3
4.3
1.9
3200
40
EEFHX1D220R
3500
33
7.3
4.3
1.9
3200
40
EEFHX1D330R
3500
47
7.3
4.3
1.9
3200
40
EEFHX1D470R
3500
56
7.3
4.3
1.9
3200
40
EEFHX1D560R
3500
25
20
15
7.3
4.3
1.9
3200
40
EEFHX1E150R
3500
22
7.3
4.3
1.9
3200
40
EEFHX1E220R
3500
33
7.3
4.3
1.9
3200
40
EEFHX1E330R
3500
Ripple current should be controlled so that surface temperature of capacitor does not exceed the category temperature.
Temp.
T
< 45 °C
45 °C < T
< 85 °C 85 °C < T < 105 °C
125 °C < T
2 V.DC to 2.5 V.DC
Coefficient
1.0
0.7
0.25
0.25
10 V.DC to 25 V.DC
1.0
0.8
0.5
0.25
Temperature compensation multipliers for ripple current
Nov. 2015
03


Similar Part No. - EEFHX1A470R

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEFHD0D181R PANASONIC-EEFHD0D181R Datasheet
127Kb / 4P
   SP-Cap/ Polymer Aluminum Capacitors
EEFHD0D181R PANASONIC-EEFHD0D181R Datasheet
127Kb / 1P
   Specialty Polymer Aluminum Electrolytic Chip Capacitors (SP?밅ap) / H
EEFHD0D221R PANASONIC-EEFHD0D221R Datasheet
127Kb / 4P
   SP-Cap/ Polymer Aluminum Capacitors
EEFHD0D221R PANASONIC-EEFHD0D221R Datasheet
127Kb / 1P
   Specialty Polymer Aluminum Electrolytic Chip Capacitors (SP?밅ap) / H
EEFHD0E151R PANASONIC-EEFHD0E151R Datasheet
127Kb / 4P
   SP-Cap/ Polymer Aluminum Capacitors
More results

Similar Description - EEFHX1A470R

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECGCY0G471R PANASONIC-ECGCY0G471R Datasheet
50Kb / 2P
   Conductive Polymer Aluminum Electrolytic Capacitors
EEFLX0D331R PANASONIC-EEFLX0D331R_16 Datasheet
52Kb / 2P
   Conductive Polymer Aluminum Electrolytic Capacitors
EEFGX0D331R PANASONIC-EEFGX0D331R_16 Datasheet
57Kb / 2P
   Conductive Polymer Aluminum Electrolytic Capacitors
EEFCX0D221R PANASONIC-EEFCX0D221R Datasheet
61Kb / 3P
   Conductive Polymer Aluminum Electrolytic Capacitors
EEFGY0D821R PANASONIC-EEFGY0D821R Datasheet
396Kb / 6P
   Conductive Polymer Aluminum Electrolytic Capacitors
JX-SERIES PANASONIC-JX-SERIES Datasheet
550Kb / 7P
   Conductive Polymer Aluminum Electrolytic Capacitors
01-Apr-22
EEFCS0G121R PANASONIC-EEFCS0G121R Datasheet
61Kb / 3P
   Conductive Polymer Aluminum Electrolytic Capacitors
EEFCS1C150P PANASONIC-EEFCS1C150P Datasheet
61Kb / 3P
   Conductive Polymer Aluminum Electrolytic Capacitors
EEFSR0D221R PANASONIC-EEFSR0D221R Datasheet
57Kb / 2P
   Conductive Polymer Aluminum Electrolytic Capacitors
KX_SERIES PANASONIC-KX_SERIES Datasheet
644Kb / 7P
   Conductive Polymer Aluminum Electrolytic Capacitors
01-Apr-22
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com