Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EEUFK0J332 Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # EEUFK0J332
Description  Aluminum Electrolytic Capacitors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EEUFK0J332 Datasheet(HTML) 3 Page - Panasonic Semiconductor

  EEUFK0J332 Datasheet HTML 1Page - Panasonic Semiconductor EEUFK0J332 Datasheet HTML 2Page - Panasonic Semiconductor EEUFK0J332 Datasheet HTML 3Page - Panasonic Semiconductor EEUFK0J332 Datasheet HTML 4Page - Panasonic Semiconductor EEUFK0J332 Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Aluminum Electrolytic Capacitors (Radial Lead Type)
Characteristics list
Endurance : 105 °C
08=3000 h, 010=4000 h, 012.5 to 018=5000 h
Rated
voltage
(V.DC)
Cap.
(±20 %)
(µF)
Case size (mm)
Specification
Lead length (mm)
Part No.
Min. Packaging Q'ty
0DL
Ripple
current
(100 kHz)
(+105 °C)
(mA r.m.s.)
Impedance
(100 kHz)
(+20 °C)
(
Ω)
Endurance
(hours)
Lead
dia.
0d
Lead space
Straight
leads
(pcs)
Taping
(pcs)
Straight
Taping
✽B
6.3
680
8
11.5
630
0.090
3000
0.6
3.5
5.0
EEUFK0J681( )
200
1000
1000
8
15
860
0.062
3000
0.6
3.5
5.0
EEUFK0J102L( )
200
1000
10
12.5
900
0.063
4000
0.6
5.0
5.0
EEUFK0J102( )
200
500
1500
8
20
1220
0.044
3000
0.6
3.5
5.0
EEUFK0J152L( )
200
1000
10
16
1240
0.049
4000
0.6
5.0
5.0
EEUFK0J152( )
200
500
1800
12.5
15
1400
0.048
5000
0.6
5.0
5.0
EEUFK0J182S( )
200
500
2200
10
20
1490
0.035
4000
0.6
5.0
5.0
EEUFK0J222( )
200
500
10
25
1680
0.033
4000
0.6
5.0
5.0
EEUFK0J222L( )
200
500
3300
10
30
2140
0.025
4000
0.6
5.0
EEUFK0J332L
100
12.5
20
1890
0.029
5000
0.6
5.0
5.0
EEUFK0J332( )
200
500
16
15
1800
0.038
5000
0.8
7.5
7.5
EEUFK0J332S( )
100
250
4700
12.5
25
2280
0.022
5000
0.6
5.0
5.0
EEUFK0J472( )
200
500
18
15
2060
0.036
5000
0.8
7.5
7.5
EEUFK0J472S( )
100
250
5600
12.5
30
2720
0.018
5000
0.8
5.0
EEUFK0J562L
100
16
20
2330
0.026
5000
0.8
7.5
7.5
EEUFK0J562S( )
100
250
6800
12.5
35
2940
0.016
5000
0.8
5.0
EEUFK0J682L
100
8200
12.5
40
3010
0.014
5000
0.8
5.0
EEUFK0J822L
100
16
25
2760
0.019
5000
0.8
7.5
7.5
EEUFK0J822( )
100
250
18
20
2640
0.025
5000
0.8
7.5
7.5
EEUFK0J822S( )
100
250
12000
18
25
2850
0.018
5000
0.8
7.5
7.5
EEUFK0J123S( )
100
250
10
560
8
11.5
630
0.090
3000
0.6
3.5
5.0
EEUFK1A561( )
200
1000
820
8
15
860
0.062
3000
0.6
3.5
5.0
EEUFK1A821L( )
200
1000
10
12.5
900
0.063
4000
0.6
5.0
5.0
EEUFK1A821( )
200
500
1200
8
20
1220
0.044
3000
0.6
3.5
5.0
EEUFK1A122L( )
200
1000
10
16
1240
0.049
4000
0.6
5.0
5.0
EEUFK1A122( )
200
500
1500
12.5
15
1400
0.048
5000
0.6
5.0
5.0
EEUFK1A152S( )
200
500
1800
10
20
1490
0.035
4000
0.6
5.0
5.0
EEUFK1A182( )
200
500
10
25
1680
0.033
4000
0.6
5.0
5.0
EEUFK1A182L( )
200
500
2700
10
30
2140
0.025
4000
0.6
5.0
EEUFK1A272L
100
12.5
20
1890
0.029
5000
0.6
5.0
5.0
EEUFK1A272( )
200
500
16
15
1800
0.038
5000
0.8
7.5
7.5
EEUFK1A272S( )
100
250
3900
12.5
25
2280
0.022
5000
0.6
5.0
5.0
EEUFK1A392( )
200
500
18
15
2060
0.036
5000
0.8
7.5
7.5
EEUFK1A392S( )
100
250
4700
12.5
30
2720
0.018
5000
0.8
5.0
EEUFK1A472L
100
16
20
2330
0.026
5000
0.8
7.5
7.5
EEUFK1A472S( )
100
250
5600
12.5
35
2940
0.016
5000
0.8
5.0
EEUFK1A562L
100
6800
12.5
40
3010
0.014
5000
0.8
5.0
EEUFK1A682L
100
16
25
2760
0.019
5000
0.8
7.5
7.5
EEUFK1A682( )
100
250
18
20
2640
0.025
5000
0.8
7.5
7.5
EEUFK1A682S( )
100
250
8200
18
25
2850
0.018
5000
0.8
7.5
7.5
EEUFK1A822S( )
100
250
· When requesting taped product, please put the letter "B" between the "( )". Lead wire pitch
✽B=5 mm, 7.5 mm.
· Please refer to the page of “Taping dimensions”.
Mar. 2016
02


Similar Part No. - EEUFK0J332

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEUFK0J332 PANASONIC-EEUFK0J332 Datasheet
263Kb / 5P
   Aluminum Electrolytic Capacitors/ FK
EEUFK0J332 PANASONIC-EEUFK0J332 Datasheet
634Kb / 12P
   Aluminum Electrolytic Capacitors
EEUFK0J332L PANASONIC-EEUFK0J332L Datasheet
263Kb / 5P
   Aluminum Electrolytic Capacitors/ FK
EEUFK0J332L PANASONIC-EEUFK0J332L Datasheet
634Kb / 12P
   Aluminum Electrolytic Capacitors
EEUFK0J332S PANASONIC-EEUFK0J332S Datasheet
263Kb / 5P
   Aluminum Electrolytic Capacitors/ FK
More results

Similar Description - EEUFK0J332

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com