Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EEEHA1C221P Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # EEEHA1C221P
Description  Aluminum Electrolytic Capacitors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EEEHA1C221P Datasheet(HTML) 4 Page - Panasonic Semiconductor

  EEEHA1C221P Datasheet HTML 1Page - Panasonic Semiconductor EEEHA1C221P Datasheet HTML 2Page - Panasonic Semiconductor EEEHA1C221P Datasheet HTML 3Page - Panasonic Semiconductor EEEHA1C221P Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Aluminum Electrolytic Capacitors (SMD Type)
Rated
voltage
(V.DC)
Cap.
(±20 %)
(µF)
Case size (mm)
Size
code
Specification
Part No.
Reflow
Min. Packaging Q'ty
0DL
Ripple
current
(120 Hz)
(+105 °C)
(mA r.m.s.)
tan
d
(120 Hz)
(+20 °C)
Taping
(pcs)
63
10
8
6.2
E
25
0.18
EEEHA1J100P
(2)
1000
22
86.2
(E)
25
0.18
EEEHA1J220UP
(2)
1000
8
10.2
F
30
0.18
EEEHA1J220P
(2)
500
33
10
10.2
G
45
0.18
EEEHA1J330P
(2)
500
47
8
10.2
(F)
45
0.18
EEEHA1J470UP
(2)
500
10
10.2
G
50
0.18
EEEHA1J470P
(2)
500
100
4.7
8
6.2
(E)
30
0.18
EEEHA2A4R7UP
(2)
1000
10
8
10.2
F
55
0.18
EEEHA2A100P
(2)
500
22
8
10.2
(F)
55
0.18
EEEHA2A220UP
(2)
500
10
10.2
G
60
0.18
EEEHA2A220P
(2)
500
33
10
10.2
G
65
0.18
EEEHA2A330P
(2)
500
47
10
10.2
(G)
65
0.18
EEEHA2A470UP
(2)
500
✽ Size code( ) : Miniaturization product
· Please refer to the page of “Reflow Profile” and “The Taping Dimensions”.
· When requesting vibration-proof product, please put the last “V” instead to “P”
Endurance : 105 °C 1000 h
Characteristics list
Mar. 2016
04


Similar Part No. - EEEHA1C221P

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEEHA1C221P PANASONIC-EEEHA1C221P Datasheet
198Kb / 4P
   Surface Mount Type
EEEHA1C221P PANASONIC-EEEHA1C221P Datasheet
89Kb / 4P
   Aluminum Electrolytic Capacitors/ HA
EEEHA1C221P PANASONIC-EEEHA1C221P Datasheet
102Kb / 4P
   Aluminum Electrolytic Capacitors/ HA
EEEHA1C221P PANASONIC-EEEHA1C221P Datasheet
89Kb / 4P
   Aluminum Electrolytic Capacitors/ HA
EEEHA1C221P PANASONIC-EEEHA1C221P Datasheet
97Kb / 4P
   Aluminum Electrolytic Capacitors/ HA
More results

Similar Description - EEEHA1C221P

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com