Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EEUTA1A332 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # EEUTA1A332
Description  Aluminum Electrolytic Capacitors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EEUTA1A332 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  EEUTA1A332 Datasheet HTML 1Page - Panasonic Semiconductor EEUTA1A332 Datasheet HTML 2Page - Panasonic Semiconductor EEUTA1A332 Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Aluminum Electrolytic Capacitors (Radial Lead Type)
08
0D±0.5
Sleeve
14 min.
3 min.
L
✽ L < 16 : L±1.0 (016×15, 018×15 : L±1.5)
L
> 20 : L±2.0
Pressure relief
+
010 <
0D±0.5
Endurance: 125 °C 2000 h
Heat cycle: 1000 cycle –40 °C to +125 °C
RoHS compliant
Features
(Unit : mm)
Specifications
Dimensions
Frequency correction factor for ripple current
Radial Lead Type
Series : TA Type : A
0D
8
10
12.5
16
18
0d
0.6
0.6
0.6
0.8
0.8
F
3.5
5.0
5.0
7.5
7.5
Category temperature range
–40 °C to + 125 °C
Rated voltage range
10 V .DC to 63 V .DC
Capacitance range
2.2 µF to 4700 µF
Capacitance tolerance
±20 % (120 Hz/+20 °C)
Leakage current
I
< 0.01 CV or 3 (µA) After 2 minutes (Whichever is greater)
Dissipation factor
(tan
d)
V.DC
10
16
25
35
50
63
(120Hz / +20 °C)
tan
d
0.20
0.16
0.14
0.12
0.10
0.09
For capacitance value
> 1000 µF , add 0.02 per every 1000 µF.
Endurance
After following life test with DC voltage and +125 °C±2 °C ripple current value applied (The sum
of DC and ripple peak voltage shall not exceed the rated working voltage), for 2000 hours,
when the capacitors are restored to 20 °C, the capacitors, shall meet the limits specified below.
Capacitance change Within ±30 % of the initial value
tan
d
< 300 % of the initial limit
DC leakage current
Within the initial limit
Shelf life
After storage for 1000 hours at +125 °C±2 °C with no voltage applied and then being stabilized
at +20 °C, capacitors shall meet the limits specified in Endurance. (With voltage treatment)
AEC-Q200
AEC-Q200 compliant
Rated voltage
(V.DC)
Capacitance
(µF)
Frequency (Hz)
60
120
1 k
10 k
100 k
10 to 63
1
to
330
0.55
0.65
0.85
0.90
1.00
470
to
1000
0.70
0.75
0.90
0.95
1.00
2200
to
4700
0.75
0.80
0.90
0.95
1.00
Mar. 2016
04


Similar Part No. - EEUTA1A332

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEUTA1A332 PANASONIC-EEUTA1A332 Datasheet
172Kb / 3P
   Radial Lead Type
EEUTA1A332S PANASONIC-EEUTA1A332S Datasheet
172Kb / 3P
   Radial Lead Type
More results

Similar Description - EEUTA1A332

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com