Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EEVEB2E220SM Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # EEVEB2E220SM
Description  Aluminum Electrolytic Capacitors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EEVEB2E220SM Datasheet(HTML) 2 Page - Panasonic Semiconductor

  EEVEB2E220SM Datasheet HTML 1Page - Panasonic Semiconductor EEVEB2E220SM Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Aluminum Electrolytic Capacitors (SMD Type)
Endurance : 105 °C 5000 h (G13 : 3000 h, G17 : 4000 h)
· Please refer to the page of “Reflow Profile” and “The Taping Dimensions”.
· When requesting vibration-proof product, please put the last “V” instead to “Q or M”
Characteristics list
Rated
voltage
(V.DC)
Cap.
(±20 %)
(µF)
Case size (mm)
Size
code
Specification
Part No.
Reflow
Min. Packaging Q'ty
0D
L
Ripple
current
(100 kHz)
(+105 °C)
(mA r.m.s.)
tan d
(120 Hz)
(+20 °C)
Endurance
(hours)
Taping
160
10
10
13.5
G13
70
0.15
3000
EEVEB2C100Q
(4)
250
33
12.5
16.5
H16
470
0.15
5000
EEVEB2C330SQ
(4)
150
47
16
16.5
J16
600
0.15
5000
EEVEB2C470SM
(4)
125
68
16
21.5
J21
750
0.15
5000
EEVEB2C680M
(4)
75
18
16.5
K16
750
0.15
5000
EEVEB2C680SM
(4)
125
100
18
21.5
K21
1060
0.15
5000
EEVEB2C101M
(4)
75
200
10
10
16.5
G17
80
0.15
4000
EEVEB2D100Q
(4)
200
22
12.5
16.5
H16
470
0.15
5000
EEVEB2D220SQ
(4)
150
33
16
16.5
J16
600
0.15
5000
EEVEB2D330SM
(4)
125
47
18
16.5
K16
600
0.15
5000
EEVEB2D470SM
(4)
125
68
16
21.5
J21
750
0.15
5000
EEVEB2D680M
(4)
75
100
18
21.5
K21
1060
0.15
5000
EEVEB2D101M
(4)
75
250
10
10
16.5
G17
88
0.15
4000
EEVEB2E100Q
(4)
200
22
16
16.5
J16
560
0.15
5000
EEVEB2E220SM
(4)
125
33
18
16.5
K16
560
0.15
5000
EEVEB2E330SM
(4)
125
47
16
21.5
J21
710
0.15
5000
EEVEB2E470M
(4)
75
68
18
21.5
K21
990
0.15
5000
EEVEB2E680M
(4)
75
350
3.3
10
13.5
G13
38
0.20
3000
EEVEB2V3R3Q
(4)
250
4.7
10
16.5
G17
50
0.20
4000
EEVEB2V4R7Q
(4)
200
10
16
16.5
J16
270
0.20
5000
EEVEB2V100SM
(4)
125
22
18
16.5
K16
350
0.20
5000
EEVEB2V220SM
(4)
125
33
16
21.5
J21
480
0.20
5000
EEVEB2V330M
(4)
75
47
18
21.5
K21
670
0.20
5000
EEVEB2V470M
(4)
75
400
3.3
10
13.5
G13
40
0.24
3000
EEVEB2G3R3Q
(4)
250
4.7
10
16.5
G17
50
0.24
4000
EEVEB2G4R7Q
(4)
200
10
16
16.5
J16
250
0.24
5000
EEVEB2G100SM
(4)
125
22
16
21.5
J21
410
0.24
5000
EEVEB2G220M
(4)
75
33
18
21.5
K21
600
0.24
5000
EEVEB2G330M
(4)
75
450
2.2
10
13.5
G13
29
0.24
3000
EEVEB2W2R2Q
(4)
250
3.3
10
16.5
G17
41
0.24
4000
EEVEB2W3R3Q
(4)
200
4.7
12.5
16.5
H16
49
0.24
5000
EEVEB2W4R7SQ
(4)
150
10
18
16.5
K16
310
0.24
5000
EEVEB2W100SM
(4)
125
22
18
21.5
K21
560
0.24
5000
EEVEB2W220M
(4)
75
Mar. 2016
02


Similar Part No. - EEVEB2E220SM

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEVEB2E220SM PANASONIC-EEVEB2E220SM Datasheet
108Kb / 2P
   Surface Mount Type
EEVEB2E220SM PANASONIC-EEVEB2E220SM Datasheet
64Kb / 2P
   Aluminum Electrolytic Capacitors/ EB(Large Can Size)
EEVEB2E220SM PANASONIC-EEVEB2E220SM Datasheet
64Kb / 2P
   Aluminum Electrolytic Capacitors/ EB(Large Can Size)
More results

Similar Description - EEVEB2E220SM

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com