Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EEFCD0J470XE Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # EEFCD0J470XE
Description  Conductive Polymer Aluminum Capacitors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EEFCD0J470XE Datasheet(HTML) 2 Page - Panasonic Semiconductor

  EEFCD0J470XE Datasheet HTML 1Page - Panasonic Semiconductor EEFCD0J470XE Datasheet HTML 2Page - Panasonic Semiconductor EEFCD0J470XE Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SP-Cap/ Conductive Polymer Aluminum Capacitors (Specialty Polymer Aluminum Capacitors)
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
– EEF-17 –
Standard Products
✽1: Ripple current (100 kHz/ +20 to +105 °C ), ✽2: ESR (100 kHz/+20 °C)
✽3: Please refer to the page of “Mounting Specifications”.
✽4: Please contact Panasonic for details of allowable 240 °C reflow condition.
Series &
Size Code
Rated
Voltage
(V.DC)
Capaci-
tance
(±20 %)
(μF)
Case Size
Specification
Part number
Reflow
Min.
Packaging
Q’ty
(pcs)
L
(mm)
W
(mm)
H
(mm)
✽1
Ripple
current
(Ar.m.s.)
✽2
ESR
(m
Ω max.)
✽4
240 °C
260 °C
FD
2
68
7.3
4.3
1.1
2.0
28
EEFFD0D680R
3500
2.5
56
7.3
4.3
1.1
2.0
28
EEFFD0E560R
3500
4
39
7.3
4.3
1.1
2.0
28
EEFFD0G390R
3500
47
7.3
4.3
1.1
2.0
28
EEFFD0G470R
3500
6.3
33
7.3
4.3
1.1
2.0
28
EEFFD0J330R
3500
8
22
7.3
4.3
1.1
2.0
28
EEFFD0K220R
3500
12.5
15
7.3
4.3
1.1
1.4
40
EEFFD1B150R
3500
CD
2
100
7.3
4.3
1.8
2.5
18
EEFCD0D101ER
3500
7.3
4.3
1.8
2.7
15
EEFCD0D101XE
3500
120
7.3
4.3
1.8
2.5
18
EEFCD0D121ER
3500
7.3
4.3
1.8
2.7
15
EEFCD0D121XE
3500
150
7.3
4.3
1.8
2.5
18
EEFCD0D151ER
3500
180
7.3
4.3
1.8
2.5
18
EEFCD0D181ER
3500
220
7.3
4.3
1.8
2.5
18
EEFCD0D221ER
3500
2.5
82
7.3
4.3
1.8
2.5
18
EEFCD0E820ER
3500
7.3
4.3
1.8
2.7
15
EEFCD0E820XE
3500
100
7.3
4.3
1.8
2.5
18
EEFCD0E101ER
3500
7.3
4.3
1.8
2.7
15
EEFCD0E101XE
3500
120
7.3
4.3
1.8
2.5
18
EEFCD0E121ER
3500
150
7.3
4.3
1.8
2.5
18
EEFCD0E151ER
3500
4
56
7.3
4.3
1.8
2.5
18
EEFCD0G560ER
3500
7.3
4.3
1.8
2.7
15
EEFCD0G560XE
3500
68
7.3
4.3
1.8
2.5
18
EEFCD0G680ER
3500
7.3
4.3
1.8
2.7
15
EEFCD0G680XE
3500
82
7.3
4.3
1.8
2.5
18
EEFCD0G820ER
3500
7.3
4.3
1.8
2.7
15
EEFCD0G820XE
3500
100
7.3
4.3
1.8
2.5
18
EEFCD0G101ER
3500
6.3
10
7.3
4.3
1.8
1.4
55
EEFCD0J100ER
3500
22
7.3
4.3
1.8
1.6
40
EEFCD0J220ER
3500
33
7.3
4.3
1.8
2.0
28
EEFCD0J330ER
3500
47
7.3
4.3
1.8
2.5
18
EEFCD0J470ER
3500
7.3
4.3
1.8
2.7
15
EEFCD0J470XE
3500
68
7.3
4.3
1.8
2.5
18
EEFCD0J680ER
3500
7.3
4.3
1.8
2.7
15
EEFCD0J680XE
3500
8
8.2
7.3
4.3
1.8
1.4
55
EEFCD0K8R2ER
3500
15
7.3
4.3
1.8
1.6
40
EEFCD0K150ER
3500
22
7.3
4.3
1.8
2.0
28
EEFCD0K220ER
3500
33
7.3
4.3
1.8
2.5
18
EEFCD0K330ER
3500
47
7.3
4.3
1.8
1.8
25
EEFCD0K470ER
3500
10
22
7.3
4.3
1.8
1.6
30
EEFCD1A220ER
3500
33
7.3
4.3
1.8
1.8
25
EEFCD1A330ER
3500
39
7.3
4.3
1.8
1.8
25
EEFCD1A390ER
3500
12.5
4.7
7.3
4.3
1.8
1.0
80
EEFCD1B4R7R
3500
10
7.3
4.3
1.8
1.0
60
EEFCD1B100R
3500
15
7.3
4.3
1.8
1.3
50
EEFCD1B150R
3500
22
7.3
4.3
1.8
1.6
30
EEFCD1B220R
3500
16
2.2
7.3
4.3
1.8
1.0
110
EEFCD1C2R2R
3500
4.7
7.3
4.3
1.8
1.0
80
EEFCD1C4R7R
3500
6.8
7.3
4.3
1.8
1.0
70
EEFCD1C6R8R
3500
8.2
7.3
4.3
1.8
1.3
45
EEFCD1C8R2R
3500
UD
2
330
7.3
4.3
2.8
3.0
15
EEFUD0D331ER
2000
7.3
4.3
2.8
3.3
12
EEFUD0D331XE
2000
7.3
4.3
2.8
3.4
9
EEFUD0D331LE
2000
390
7.3
4.3
2.8
3.0
15
EEFUD0D391ER
2000
7.3
4.3
2.8
3.4
9
EEFUD0D391LE
2000
470
7.3
4.3
2.8
3.4
9
EEFUD0D471LE
2000
2.5
220
7.3
4.3
2.8
3.0
15
EEFUD0E221ER
2000
7.3
4.3
2.8
3.3
12
EEFUD0E221XE
2000
7.3
4.3
2.8
3.4
9
EEFUD0E221LE
2000
270
7.3
4.3
2.8
3.0
15
EEFUD0E271ER
2000
7.3
4.3
2.8
3.4
9
EEFUD0E271LE
2000
Reflow ✽3
<260 °C>
02 Mar. 2015


Similar Part No. - EEFCD0J470XE

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEFCD0J470XE PANASONIC-EEFCD0J470XE Datasheet
234Kb / 3P
   SP-Cap/ Polymer Aluminum Capacitors
EEFCD0J470XE PANASONIC-EEFCD0J470XE Datasheet
90Kb / 3P
   Surface Mount Type
EEFCD0J470XE PANASONIC-EEFCD0J470XE Datasheet
97Kb / 3P
   SP-Cap Conductive Poiymer Aluminurm Capacitors Specialty Polymer Aluminu Capacitors
EEFCD0J470XE PANASONIC-EEFCD0J470XE Datasheet
97Kb / 3P
   SP-Cap/ Conductive Polymer Aluminum Capacitors
EEFCD0J470XE PANASONIC-EEFCD0J470XE Datasheet
84Kb / 3P
   SP-Cap/ Conductive Polymer Aluminum Capacitors (Specialty Polymer Aluminum Capacitors)
More results

Similar Description - EEFCD0J470XE

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEFSL0D101ER PANASONIC-EEFSL0D101ER_15 Datasheet
64Kb / 1P
   Conductive Polymer Aluminum Capacitors
logo
Nippon Precision Circui...
APSF2R0ESS102MF08S NPC-APSF2R0ESS102MF08S Datasheet
49Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID CAPACITORS
logo
United Chemi-Con, Inc.
APSK2R5ELL221 CHEMI-CON-APSK2R5ELL221 Datasheet
294Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID CAPACITORS
APXG160ARA102 CHEMI-CON-APXG160ARA102 Datasheet
310Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID CAPACITORS
APXG200ARA560 CHEMI-CON-APXG200ARA560 Datasheet
310Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID CAPACITORS
logo
Panasonic Semiconductor
63SXE33M PANASONIC-63SXE33M Datasheet
45Kb / 1P
   Conductive Polymer Aluminum Solid Capacitors
16SEPG270W PANASONIC-16SEPG270W Datasheet
49Kb / 1P
   Conductive Polymer Aluminum Solid Capacitors
ECGCY0G471R PANASONIC-ECGCY0G471R Datasheet
50Kb / 2P
   Conductive Polymer Aluminum Electrolytic Capacitors
EEFLX0D331R PANASONIC-EEFLX0D331R_16 Datasheet
52Kb / 2P
   Conductive Polymer Aluminum Electrolytic Capacitors
4SEQP150M PANASONIC-4SEQP150M Datasheet
527Kb / 9P
   Conductive Polymer Aluminum Solid Capacitors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com