Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5144CWZ-T7A Datasheet(PDF) 11 Page - Intersil Corporation

Part # EL5144CWZ-T7A
Description  100MHz Single-Supply Rail-to-Rail Amplifiers
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5144CWZ-T7A Datasheet(HTML) 11 Page - Intersil Corporation

Back Button EL5144CWZ-T7A Datasheet HTML 7Page - Intersil Corporation EL5144CWZ-T7A Datasheet HTML 8Page - Intersil Corporation EL5144CWZ-T7A Datasheet HTML 9Page - Intersil Corporation EL5144CWZ-T7A Datasheet HTML 10Page - Intersil Corporation EL5144CWZ-T7A Datasheet HTML 11Page - Intersil Corporation EL5144CWZ-T7A Datasheet HTML 12Page - Intersil Corporation EL5144CWZ-T7A Datasheet HTML 13Page - Intersil Corporation EL5144CWZ-T7A Datasheet HTML 14Page - Intersil Corporation EL5144CWZ-T7A Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
11
Typical Performance Curves (Continued)
2nd and 3rd Harmonic Distortion vs Frequency
2nd and 3rd Harmonic Distortion vs Frequency
2nd and 3rd Harmonic Distortion vs. Frequency
Differential Gain for RL Tied to 2.5V
Differential Phase for RL Tied to 2.5V
Channel to Channel Crosstalk - Duals and Quads
(Worst Channel)
0.5
2
VOUT (V)
3.5
0
0.1
-0.1
-0.2
0.2
RL=10kΩ
RL=150Ω
RF=1kΩ
AV=2
0.5
2
VOUT (V)
3.5
0
0.1
-0.1
-0.2
0.2
RL=10kΩ
RL=150Ω
RF=1kΩ
AV=2
1M
10M
Frequency (Hz)
100M
-45
-35
-55
-75
-25
-65
HD3
HD2
VOUT=0.25V to 2.25V
RL=100Ω to 0V
1M
10M
Frequency (Hz)
100M
-45
-35
-55
-75
-25
-65
HD3
HD2
VOUT=0.5V to 2.5V
RL=100Ω to 0V
HD3
HD2
VOUT=1V to
3V
1M
10M
Frequency (Hz)
100M
-45
-35
-55
-75
-25
-65
100k
1M
Frequency (Hz)
100M
10M
-40
-20
-60
-100
0
-80
2nd and 3rd Harmonic Distortion vs. Frequency
HD3
HD2
VOUT=1V to 3V
RL=100Ω to 0V
1M
10M
Frequency (Hz)
100M
-45
-35
-55
-75
-25
-65
EL5144, EL5146, EL5244, EL5246, EL5444


Similar Part No. - EL5144CWZ-T7A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL5144CWZ-T7A RENESAS-EL5144CWZ-T7A Datasheet
1Mb / 24P
   100MHz Single-Supply Rail-to-Rail Amplifiers
More results

Similar Description - EL5144CWZ-T7A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL5144 RENESAS-EL5144 Datasheet
1Mb / 24P
   100MHz Single-Supply Rail-to-Rail Amplifiers
logo
Texas Instruments
OPA343 TI1-OPA343_14 Datasheet
862Kb / 16P
[Old version datasheet]   SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
OPA340-EP TI-OPA340-EP Datasheet
600Kb / 17P
[Old version datasheet]   SINGLE-SUPPLY RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
OPA340-EP TI-OPA340-EP_15 Datasheet
550Kb / 19P
[Old version datasheet]   SINGLE-SUPPLY RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
OPA344 TI1-OPA344 Datasheet
1Mb / 30P
[Old version datasheet]   LOW POWER, SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
logo
Maxim Integrated Produc...
MAX4194 MAXIM-MAX4194_03 Datasheet
719Kb / 13P
   Micropower, Single-Supply, Rail-to-Rail, Precision Instrumentation Amplifiers
Rev 1; 6/03
logo
Texas Instruments
LMH6612 TI1-LMH6612 Datasheet
2Mb / 42P
[Old version datasheet]   Single Supply 345 MHz Rail-to-Rail Output Amplifiers
logo
Burr-Brown (TI)
OPA343 BURR-BROWN-OPA343 Datasheet
206Kb / 10P
   SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
logo
Linear Technology
LT1789-1 LINER-LT1789-1_15 Datasheet
336Kb / 24P
   Micropower, Single Supply Rail-to-Rail Output Instrumentation Amplifiers
logo
Texas Instruments
LMH6611 TI1-LMH6611 Datasheet
2Mb / 42P
[Old version datasheet]   Single Supply 345 MHz Rail-to-Rail Output Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com