Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS60252RTET Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS60252RTET
Description  HIGH EFFICIENCY CHARGE PUMP FOR 7 WLEDs WITH I2C INTERFACE
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS60252RTET Datasheet(HTML) 3 Page - Texas Instruments

  TPS60252RTET Datasheet HTML 1Page - Texas Instruments TPS60252RTET Datasheet HTML 2Page - Texas Instruments TPS60252RTET Datasheet HTML 3Page - Texas Instruments TPS60252RTET Datasheet HTML 4Page - Texas Instruments TPS60252RTET Datasheet HTML 5Page - Texas Instruments TPS60252RTET Datasheet HTML 6Page - Texas Instruments TPS60252RTET Datasheet HTML 7Page - Texas Instruments TPS60252RTET Datasheet HTML 8Page - Texas Instruments TPS60252RTET Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
TPS60250
TPS60252
www.ti.com............................................................................................................................................................ SLVS769C – APRIL 2007 – REVISED APRIL 2008
ELECTRICAL CHARACTERISTICS (continued)
VI = 3.5 V, TA = –40°C to 85°C, typical values are at TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Vhys
Under-voltage lockout hysterisis
UVLO1
210
mV
VI = 3 V, CO = 1 µF,
TS
Soft start time(3)
0.5
ms
IMAIN_LED = 15 mA × 4
CHARGE PUMP
Vout
Overvoltage limit
6.5
V
Fs
Switching frequency
750
kHz
×1 Mode, (V
I –VO)/IO
1.2
RO
Open loop output impedance
×1.5 Mode, (V
I × 1.5 – VO)/IO VI = 3.0V (IO =
3.5
5.0
120 mA)
CURRENT SINK
Current matching of sub LEDs at light
ISUB_LED = 100 µA × 2, VDXX = 0.4 V
Km_sub
0
±2%
load condition(4)
IMAIN_LED = 15 mA × 4,
Km_main
LED to LED Current matching(5)
±0.1%
±5%
3.0 V
≤ VI ≤ 4.2 V
Ka
Current accuracy
ILED = 15 mA
±7%
Main and Sub Display Current Register =
Maximum LED current of DM1-4 and
ID_MS
0
×01&2(111111),
25.5
mA
DS1-2
VDXX = 0.2 V
ID_DM5
Maximum LED current of DM5
Aux Display Current Register = 0
×03 (XXXX11)
80
mA
VDropOut
LED Drop out voltage
See (6)
80
120
mV
1
× Mode to 1.5× mode transition
VDXX Falling, 15 mA × 4 measured on the
VTH_GU
85
100
120
mV
threshold voltage(7)
lowest VDXX
Input voltage hysteresis for 1.5
× to 1×
Measured as VI – (VO – VDXX_MIN), IMAIN_LED =
VTH_GD
550
mV
mode transition
15 mA
× 4
SERIAL INTERFACE TIMING REQUIREMENTS
fmax
Clock frequency
400
kHz
twH(HIGH)
Pulse duration, clock high time
600
ns
twL(LOW)
Pulse duration, clock low time
1300
ns
tr
DATA and CLK rise time
300
ns
tf
DATA and CLK fall time
300
ns
High time (repeated) START
th(STA)
condition(after this period the first clock
600
ns
pulse is generated)
Setup time for repeated START
tsu(STA)
600
ns
condition
th(DATA)
Data input hold time
0
ns
tsu(DATA)
Data input setup time
100
ns
tsu(STO)
STOP condition setup time
600
ns
t(BUF)
Bus free time
1300
ns
I2C COMPATIBLE INTERFACE VOLTAGE SPECIFICATION (SCLK, SDAT, VIO)
VIL
Low-leveI input voltage
3.0 V
≤ VI ≤ 6.0 V
0
0.5
V
VIH
High-level input voltage
3.0 V
≤ VI ≤ 6.0 V
1.1
V
VOL
Low-level output voltage
ILOAD = 2 mA
0.4
V
(3)
Measurement Condition: From enabling the LED driver to 90% output voltage after VI is already up.
(4)
LED current matching is defined as: (ISUB_LED_WORST – IAVG_SUB) / IAVG_SUB
(5)
LED to LED Current Matching is defined as: (IMAIN_LED_WORST – IAVG_MAIN) / IAVG_MAIN
(6)
Dropout Voltage is defined as VDXX (WLED Cathode) to GND voltage at which current into the LED drops 10% from the LED current at
VDXX = 0.2 V, WLED current = 15 mA × 4.
(7)
As VI drops, VDXX eventually falls below the switchover threshold of 100mV, and TPS60250/2 switches to 1.5× mode. See the Operating
Principle section for details about the mode transition thresholds.
Copyright © 2007–2008, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TPS60250 TPS60252


Similar Part No. - TPS60252RTET

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS60252RTET TI-TPS60252RTET Datasheet
890Kb / 25P
[Old version datasheet]   HIGH EFFICIENCY CHARGE PUMP FOR 7 WLEDs WITH I2C INTERFACE
TPS60252RTETG4 TI-TPS60252RTETG4 Datasheet
890Kb / 25P
[Old version datasheet]   HIGH EFFICIENCY CHARGE PUMP FOR 7 WLEDs WITH I2C INTERFACE
More results

Similar Description - TPS60252RTET

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS60250 TI-TPS60250 Datasheet
527Kb / 24P
[Old version datasheet]   HIGH EFFICIENCY CHARGE PUMP FOR 7 WLEDs WITH I2C INTERFACE
TPS60251 TI-TPS60251 Datasheet
644Kb / 28P
[Old version datasheet]   HIGH EFFICIENCY CHARGE PUMP FOR 7 WLEDs WITH I2C INTERFACE
TPS60250 TI-TPS60250_08 Datasheet
890Kb / 25P
[Old version datasheet]   HIGH EFFICIENCY CHARGE PUMP FOR 7 WLEDs WITH I2C INTERFACE
TPS60255 TI1-TPS60255 Datasheet
720Kb / 25P
[Old version datasheet]   HIGH EFFICIENCY CHARGE PUMP FOR 7 WLEDs DRIVER WITH 1 WIRE INTERFACE
logo
Analog Devices
ADP8861 AD-ADP8861 Datasheet
702Kb / 40P
   Charge Pump, 7-Channel Smart LED Driver with I2C Interface
REV. 0
ADP8860 AD-ADP8860 Datasheet
997Kb / 52P
   Charge Pump, 7-Channel Smart LED Driver with I2C Interface
REV. 0
logo
ON Semiconductor
NCP5603 ONSEMI-NCP5603 Datasheet
128Kb / 13P
   High Efficiency Charge Pump Converter
November, 2005 ??Rev. 1
logo
Taiwan Memory Technolog...
T6319A TMT-T6319A Datasheet
92Kb / 9P
   High Efficiency 2X charge Pump
logo
Advanced Analogic Techn...
AAT3119 ANALOGICTECH-AAT3119 Datasheet
481Kb / 16P
   High Efficiency 2X Charge Pump
AAT3119 ANALOGICTECH-AAT3119_07 Datasheet
529Kb / 18P
   High Efficiency 2X Charge Pump
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com