Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS60300 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS60300
Description  TPS6030x Single-Cell to 3-V or 3.3-V, 20-mA Dual Output, High-Efficiency Charge Pump
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS60300 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS60300 Datasheet HTML 2Page - Texas Instruments TPS60300 Datasheet HTML 3Page - Texas Instruments TPS60300 Datasheet HTML 4Page - Texas Instruments TPS60300 Datasheet HTML 5Page - Texas Instruments TPS60300 Datasheet HTML 6Page - Texas Instruments TPS60300 Datasheet HTML 7Page - Texas Instruments TPS60300 Datasheet HTML 8Page - Texas Instruments TPS60300 Datasheet HTML 9Page - Texas Instruments TPS60300 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
TPS60300, TPS60301, TPS60302, TPS60303
SLVS302B – DECEMBER 2000 – REVISED OCTOBER 2015
www.ti.com
8.4 Thermal Information
TPS6030x
THERMAL METRIC(1)
DGS (VSSOP)
UNIT
10 PINS
RθJA
Junction-to-ambient thermal resistance
156.1
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
53.0
°C/W
RθJB
Junction-to-board thermal resistance
75.5
°C/W
ψJT
Junction-to-top characterization parameter
5.4
°C/W
ψJB
Junction-to-board characterization parameter
74.3
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report (SPRA953).
8.5 Electrical Characteristics
CIN = C1F = C2F = C(OUT1) = C(OUT2) = 1 µF, TC = –40°C to 85°C, VIN = 1 V, V(EN) = VIN (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIN
Supply voltage range
0.9
1.8
V
IOUT(OUT1)
VIN ≥ 1.1 V, IOUT(OUT2) = 0 mA, I(PG,1) =
40
0 mA
mA
VIN = 0.9 V, IOUT(OUT2) = 0 mA, I(PG,1) =
20
0 mA
Maximum output current for
TPS60300, TPS60302
IOUT(OUT2)
VIN ≥ 1.1 V, IOUT(OUT1) = 0 mA, I(PG,1) =
20
0 mA
mA
VIN = 0.9 V, IOUT(OUT1) = 0 mA, I(PG,1) =
10
0 mA
IOUT(OUT1)
VIN ≥ 1.1 V, IOUT(OUT2) = 0 mA, I(PG,1) =
40
0 mA
mA
VIN = 0.9 V, IOUT(OUT2) = 0 mA, I(PG,1) =
20
0 mA
Maximum output current for
TPS60301, TPS60303
IOUT(OUT2)
VIN ≥ 1 V, IOUT(OUT1) = 0 mA, I(PG,1) = 0
20
mA
mA
VIN = 0.9 V, IOUT(OUT1) = 0 mA, I(PG,1) =
12
0 mA
VOUT(OUT2)
1.1 V < VIN < 1.8 V, IOUT(OUT1) = 0 mA,
3.17
3.30
3.43
0 < IOUT(OUT2) < 20 mA
Output voltage for TPS60300,
V
TPS60302
0.9 V < VIN < 1.1 V, IOUT(OUT1) = 0 mA,
3.17
3.30
3.43
IOUT(OUT2) < 10 mA
VOUT(OUT2)
1.0 V < VIN < 1.8 V, IOUT(OUT1) = 0 mA,
2.88
3
3.12
0 < IOUT(OUT2) < 20 mA
Output voltage for TPS60301,
V
TPS60303
VIN > 1.65 V, IOUT(OUT1) = 0 mA,
2.88
3
3.15
25 µA < IOUT(OUT2) < 20 mA
VP–P
OUT2
IOUT(OUT2) = 20 mA, IOUT(OUT1) = 0 mA
20
Output
mVP–P
voltage ripple
OUT1
IOUT(OUT1) = 40 mA, IOUT(OUT2) = 0 mA
40
IQ
Quiescent current (no-load input
IOUT(OUT) = 0 mA, VIN = 1.8 V
35
70
µA
current)
I(SD)
VIN = 1.8 V, V(EN) = 0 V
(1)
0.05
2.5
Shutdown supply current
µA
VIN = 1.8 V, V(EN) = 0 V, TC = 25°C
(1)
0.5
fOSC
Internal switching frequency
470
700
900
kHz
VIL(EN)
EN input low voltage
VIN = 0.9 V to 1.8 V
0.3 × VIN
V
VIH(EN)
EN input high voltage
VIN = 0.9 V to 1.8 V
0.7 × VIN
V
V(EN) = 0 V or VIN or VOUT(OUT2) or
Ilkg
EN input leakage current
0.01
0.1
µA
VOUT(OUT1)
LinSkip switching threshold
VIN = 1.25 V
7.5
mA
(1)
OUT1 not loaded. If OUT1 is connected to GND through a resistor, leakage current will be increased.
6
Submit Documentation Feedback
Copyright © 2000–2015, Texas Instruments Incorporated
Product Folder Links: TPS60300 TPS60301 TPS60302 TPS60303


Similar Part No. - TPS60300

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS60300 TI-TPS60300 Datasheet
367Kb / 22P
[Old version datasheet]   SINGLE-CELL TO 3.0-V/3.3-V, 20-mA DUAL OUTPUT, HIGH-EFFICIENCY CHARGE PUMP
TPS60300DGS TI-TPS60300DGS Datasheet
367Kb / 22P
[Old version datasheet]   SINGLE-CELL TO 3.0-V/3.3-V, 20-mA DUAL OUTPUT, HIGH-EFFICIENCY CHARGE PUMP
TPS60300DGSG4 TI-TPS60300DGSG4 Datasheet
367Kb / 22P
[Old version datasheet]   SINGLE-CELL TO 3.0-V/3.3-V, 20-mA DUAL OUTPUT, HIGH-EFFICIENCY CHARGE PUMP
TPS60300DGSR TI-TPS60300DGSR Datasheet
367Kb / 22P
[Old version datasheet]   SINGLE-CELL TO 3.0-V/3.3-V, 20-mA DUAL OUTPUT, HIGH-EFFICIENCY CHARGE PUMP
TPS60300DGSRG4 TI-TPS60300DGSRG4 Datasheet
367Kb / 22P
[Old version datasheet]   SINGLE-CELL TO 3.0-V/3.3-V, 20-mA DUAL OUTPUT, HIGH-EFFICIENCY CHARGE PUMP
More results

Similar Description - TPS60300

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS60300 TI-TPS60300_15 Datasheet
1Mb / 25P
[Old version datasheet]   TPS6030x Single-Cell to 3-V or 3.3-V, 20-mA Dual Output, High-Efficiency Charge Pump
TPS60300 TI-TPS60300 Datasheet
367Kb / 22P
[Old version datasheet]   SINGLE-CELL TO 3.0-V/3.3-V, 20-mA DUAL OUTPUT, HIGH-EFFICIENCY CHARGE PUMP
TPS60310 TI-TPS60310 Datasheet
334Kb / 20P
[Old version datasheet]   SINGLE-CELL TO 3-V/3.3-V, 20-mA DUAL OUTPUT,HIGH-EFFICIENCY CHARGE PUMP WITH SNOOZE MODE
TPS60210 TI1-TPS60210_17 Datasheet
1,011Kb / 26P
[Old version datasheet]   SINGLE-CELL TO 3-V/3.3-V, 20-mA DUAL OUTPUT, HIGH-EFFICIENCY CHARGE PUMP WITH SNOOZE MODE
TPS60310 TI-TPS60310_15 Datasheet
513Kb / 24P
[Old version datasheet]   SINGLE-CELL TO 3-V/3.3-V, 20-mA DUAL OUTPUT, HIGH-EFFICIENCY CHARGE PUMP WITH SNOOZE MODE
TPS60120 TI-TPS60120 Datasheet
561Kb / 27P
[Old version datasheet]   REGULATED 3.3 V, 200-mA HIGH EFFICIENCY CHARGE PUMP DC/DC CONVERTERS
TPS60130 TI1-TPS60130_16 Datasheet
1Mb / 29P
[Old version datasheet]   REGULATED 5-V,300 MA HIGH EFFICIENCY CHARGE PUMP DC/DC CONVERTERS
TPS60130 TI-TPS60130_15 Datasheet
1Mb / 29P
[Old version datasheet]   REGULATED 5-V,300 MA HIGH EFFICIENCY CHARGE PUMP DC/DC CONVERTERS
TPS60130 TI-TPS60130 Datasheet
476Kb / 23P
[Old version datasheet]   REGULATED 5-V, 300 mA HIGH EFFICIENCY CHARGE PUMP DC/DC CONVERTERS
logo
Rohm
BD4XXM5-C ROHM-BD4XXM5-C Datasheet
1Mb / 39P
   500-mA 3.3-V or 5.0-V Output LDO Regulators
22.Feb.2017 Rev.006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com