Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS62620YFFR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62620YFFR
Description  600-mA, 6-MHz High-Efficiency Step-Down Converter In Chip Scale Packaging
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62620YFFR Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS62620YFFR Datasheet HTML 5Page - Texas Instruments TPS62620YFFR Datasheet HTML 6Page - Texas Instruments TPS62620YFFR Datasheet HTML 7Page - Texas Instruments TPS62620YFFR Datasheet HTML 8Page - Texas Instruments TPS62620YFFR Datasheet HTML 9Page - Texas Instruments TPS62620YFFR Datasheet HTML 10Page - Texas Instruments TPS62620YFFR Datasheet HTML 11Page - Texas Instruments TPS62620YFFR Datasheet HTML 12Page - Texas Instruments TPS62620YFFR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
PFMModeatLightLoad
PFMRipple
PWMModeatHeavyLoad
NominalDCOutputVoltage
TPS62620, TPS62621, TPS62622
TPS62623, TPS62624, TPS62625
www.ti.com
SLVS848D – JULY 2009 – REVISED OCTOBER 2015
Device Functional Modes (continued)
When high or low duty cycles are encountered, the loop runs out of range and the conversion frequency falls
below 6 MHz. The tendency is for the converter to operate more towards a "constant inductor peak current"
rather than a "constant frequency". In addition to this behavior which is observed at high duty cycles, it is also
noted at low duty cycles.
When the converter is required to operate towards the 6 MHz nominal at extreme duty cycles, the application can
be assisted by decreasing the ratio of inductance (L) to the output capacitor's equivalent serial inductance (ESL).
This increases the ESL step seen at the main comparator's feed-back input thus decreasing its propagation
delay, hence increasing the switching frequency.
8.4.3 Power-Save Mode
If the load current decreases, the converter will enter power save mode operation automatically. During power-
save mode the converter operates in discontinuous current (DCM) single-pulse PFM mode, which produces low
output ripple compared with other PFM architectures.
When in power save mode, the converter resumes its operation when the output voltage trips below the nominal
voltage. It ramps up the output voltage with a minimum of one pulse and goes into power-save mode when the
inductor current has returned to a zero steady state. The PFM on-time varies inversely proportional to the input
voltage and proportional to the output voltage giving the regulated switching frequency when in steady-state.
PFM mode is left and PWM operation is entered as the output current can no longer be supported in PFM mode.
As a consequence, the DC output voltage is typically positioned ca. 0.5% above the nominal output voltage and
the transition between PFM and PWM is seamless.
Figure 4. Operation in PFM Mode and Transfer to PWM Mode
8.4.4 Output Capacitor Discharge (TPS62624 Only)
The TPS62624 device can actively discharge the output capacitor when it turns off. The integrated discharge
resistor has a typical resistance of 15
Ω. The required time to discharge the output capacitor at the output node
depends on load current and the output capacitance value. All the other voltage options do not have the output
capacitor discharge function enabled.
8.4.5 Short-Circuit Protection
The TPS6262x devices integrate a P-channel MOSFET current limit to protect the device against heavy load or
short circuits. When the current in the P-channel MOSFET reaches its current limit, the P-channel MOSFET is
turned off and the N-channel MOSFET is turned on. The regulator continues to limit the current on a cycle-by-
cycle basis.
As soon as the output voltage falls below ca. 0.4 V, the converter current limit is reduced to half of the nominal
value. Because the short-circuit protection is enabled during start-up, the device does not deliver more than half
of its nominal current limit until the output voltage exceeds approximately 0.5 V. This needs to be considered
when a load acting as a current sink is connected to the output of the converter.
Copyright © 2009–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9


Similar Part No. - TPS62620YFFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62620YFFR TI-TPS62620YFFR Datasheet
1Mb / 28P
[Old version datasheet]   600-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN CHIP SCALE PACKAGING
More results

Similar Description - TPS62620YFFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62620 TI-TPS62620 Datasheet
1Mb / 28P
[Old version datasheet]   600-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN CHIP SCALE PACKAGING
TPS62660 TI1-TPS62660_16 Datasheet
1Mb / 27P
[Old version datasheet]   1000-mA, 6-MHz High-Efficiency Step-Down Converter in Chip Scale Packaging
TPS6266X TI-TPS6266X Datasheet
643Kb / 27P
[Old version datasheet]   1000-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN CHIP SCALE PACKAGING
TPS62660 TI-TPS62660_15 Datasheet
1Mb / 29P
[Old version datasheet]   1000-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN CHIP SCALE PACKAGING
TPS62690 TI-TPS62690_15 Datasheet
1Mb / 28P
[Old version datasheet]   500-mA / 600-mA, 4-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN CHIP SCALE PACKAGING
TPS62674 TI-TPS62674 Datasheet
756Kb / 28P
[Old version datasheet]   500-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN LOW PROFILE CHIP SCALE PACKAGING
TPS62600 TI-TPS62600 Datasheet
590Kb / 21P
[Old version datasheet]   500-mA, 6-MHz SYNCHRONOUS STEP-DOWN CONVERTER IN CHIP SCALE PACKAGING
TPS62671 TI-TPS62671_11 Datasheet
1Mb / 34P
[Old version datasheet]   500-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN LOW PROFILE CHIP SCALE PACKAGING (HEIGHT
TPS62650 TI-TPS62650 Datasheet
1Mb / 37P
[Old version datasheet]   800-mA 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER WITH I2CTM COMPATIBLE INTERFACE IN CHIP SCALE PACKAGING
TPS62616 TI-TPS62616 Datasheet
749Kb / 27P
[Old version datasheet]   350-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN LOW PROFILE CHIP SCALE PACKAGING (HEIGHT < 0.4mm)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com