Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS62672 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62672
Description  500-mA/650-mA, 6-MHz High-Efficiency Step-Down Converter in Low Profile Chip Scale Packaging (Height < 0.4mm)
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62672 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS62672 Datasheet HTML 4Page - Texas Instruments TPS62672 Datasheet HTML 5Page - Texas Instruments TPS62672 Datasheet HTML 6Page - Texas Instruments TPS62672 Datasheet HTML 7Page - Texas Instruments TPS62672 Datasheet HTML 8Page - Texas Instruments TPS62672 Datasheet HTML 9Page - Texas Instruments TPS62672 Datasheet HTML 10Page - Texas Instruments TPS62672 Datasheet HTML 11Page - Texas Instruments TPS62672 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 35 page
background image
TPS62671, TPS62672, TPS62674
TPS62675, TPS626751, TPS626765, TPS62679
SLVS952F – APRIL 2010 – REVISED JUNE 2014
www.ti.com
Electrical Characteristics (continued)
Minimum and maximum values are at VI = 2.3V to 5.5V, VO = 1.8V, EN = 1.8V, AUTO mode and TA = –40°C to 85°C; Circuit
of Parameter Measurement Information section (unless otherwise noted). Typical values are at VI = 3.6V, VO = 1.8V, EN =
1.8V, AUTO mode and TA = 25°C (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OUTPUT
2.3V
≤ VI ≤ 4.8V, 0mA ≤ IO ≤ 500 mA
0.98×VNO
1.03×
VNOM
V
PFM/PWM operation
M
VNOM
TPS62671
2.3V
≤ VI ≤ 5.5V, 0mA ≤ IO ≤ 500 mA
0.98×VNO
1.04×
TPS62672
VNOM
V
PFM/PWM operation
M
VNOM
TPS62679
2.3V
≤ VI ≤ 5.5V, 0mA ≤ IO ≤ 500 mA
0.98×VNO
1.02×
VNOM
V
PWM operation
M
VNOM
Regulated DC
output voltage
2.3V
≤ VI ≤ 5.5V, 0mA ≤ IO ≤ 500 mA
0.98×VNO
1.02×
TPS62674
VNOM
V
VOUT
PWM operation
M
VNOM
2.3V
≤ VI ≤ 4.8V, 0mA ≤ IO ≤ 650 mA
0.98×VNO
1.03×
VNOM
V
TPS62675
PFM/PWM operation
M
VNOM
TPS626751
2.3V
≤ VI ≤ 5.5V, 0mA ≤ IO ≤ 650 mA
0.98×VNO
1.02×
TPS626765
VNOM
V
PWM operation
M
VNOM
Line regulation
VI = VO + 0.5V (min 2.3V) to 5.5V, IO = 200 mA
0.23
%/V
Load regulation
IO = 0mA to 500 mA. PWM operation
–0.00045
%/mA
Feedback input resistance
480
k
TPS62671
IO = 1mA, VO = 1.8 V
14
mVPP
Power-save
TPS62675
ΔVO
mode ripple
TPS626751
IO = 1mA, VO = 1.2 V
16
mVPP
voltage
TPS626765
TPS62679
TIMING
TPS62671
IO = 0mA, Time from active EN to VO
130
μs
TPS62674
TPS626751 IO = 0mA, Time from EXTCLK clock active to VO
125
μs
TPS626765
Start-up time
IO = 0mA, Time from EXTCLK clock active to VO
L = 1
μH DCR = 240mΩ 0603 (TY
TPS62679
430
μs
CKP1608S1R0)
CO = 2.2μF 4V 0402 (TY AMK105BJ225MP)
IO = 0mA, Time from EXTCLK clock inactive to
VO down
1.2
ms
CO = 4.7μF 6.3V 0402 (Murata
GRM155R60J475M)
TPS62674
Shutdown time
IO = 0mA, Time from EXTCLK clock inactive to
TPS62679
VO down
L = 1
μH DCR = 240mΩ 0603 (TY
600
μs
CKP1608S1R0)
CO = 2.2μF 4V 0402 (TY AMK105BJ225MP)
8
Submit Documentation Feedback
Copyright © 2010–2014, Texas Instruments Incorporated
Product Folder Links: TPS62671 TPS62672 TPS62674 TPS62675 TPS626751 TPS626765 TPS62679


Similar Part No. - TPS62672

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62672 TI-TPS62672 Datasheet
756Kb / 28P
[Old version datasheet]   500-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN LOW PROFILE CHIP SCALE PACKAGING
TPS62672YFD TI-TPS62672YFD Datasheet
756Kb / 28P
[Old version datasheet]   500-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN LOW PROFILE CHIP SCALE PACKAGING
More results

Similar Description - TPS62672

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62671 TI-TPS62671_15 Datasheet
1Mb / 35P
[Old version datasheet]   TPS6267x 500-mA/650-mA, 6-MHz High-Efficiency Step-Down Converter in Low Profile Chip Scale Packaging (Height < 0.4mm)
TPS62616 TI-TPS62616 Datasheet
749Kb / 27P
[Old version datasheet]   350-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN LOW PROFILE CHIP SCALE PACKAGING (HEIGHT < 0.4mm)
TPS62619 TI-TPS62619_10 Datasheet
915Kb / 29P
[Old version datasheet]   350-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN LOW PROFILE CHIP SCALE PACKAGING (HEIGHT < 0.4mm)
TPS62619 TI-TPS62619 Datasheet
770Kb / 26P
[Old version datasheet]   350-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN LOW PROFILE CHIP SCALE PACKAGING (HEIGHT < 0.4mm)
TPS62674 TI-TPS62674 Datasheet
756Kb / 28P
[Old version datasheet]   500-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN LOW PROFILE CHIP SCALE PACKAGING
TPS62671 TI-TPS62671_11 Datasheet
1Mb / 34P
[Old version datasheet]   500-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN LOW PROFILE CHIP SCALE PACKAGING (HEIGHT
TPS62690 TI-TPS62690_15 Datasheet
1Mb / 28P
[Old version datasheet]   500-mA / 600-mA, 4-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN CHIP SCALE PACKAGING
TPS62600 TI-TPS62600 Datasheet
590Kb / 21P
[Old version datasheet]   500-mA, 6-MHz SYNCHRONOUS STEP-DOWN CONVERTER IN CHIP SCALE PACKAGING
TPS62620 TI-TPS62620 Datasheet
1Mb / 28P
[Old version datasheet]   600-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN CHIP SCALE PACKAGING
TPS62620 TI1-TPS62620_16 Datasheet
1Mb / 28P
[Old version datasheet]   600-mA, 6-MHz High-Efficiency Step-Down Converter In Chip Scale Packaging
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com