Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS60242DGKT Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS60242DGKT
Description  TPS6024x 170-Vrms Zero-Ripple Switched Capacitor Buck-Boost Converter for VCO Supply
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS60242DGKT Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS60242DGKT Datasheet HTML 2Page - Texas Instruments TPS60242DGKT Datasheet HTML 3Page - Texas Instruments TPS60242DGKT Datasheet HTML 4Page - Texas Instruments TPS60242DGKT Datasheet HTML 5Page - Texas Instruments TPS60242DGKT Datasheet HTML 6Page - Texas Instruments TPS60242DGKT Datasheet HTML 7Page - Texas Instruments TPS60242DGKT Datasheet HTML 8Page - Texas Instruments TPS60242DGKT Datasheet HTML 9Page - Texas Instruments TPS60242DGKT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
–0.1
–0.08
–0.06
–0.04
–0.02
0
0.02
0.04
0.06
0.08
0.1
–60 –40 –20
0
20
40
60
80
100 120
TA Free-Air Temperature – C
°
VI = 3 V
235
240
245
250
255
260
265
270
275
2.5
3
3.5
4
4.5
5
5.5
VI – Input Voltage – V
TA = 25°C
100
120
140
160
180
200
220
240
260
280
300
–60 –40 –20
0
20
40
60
80
100 120
TA – Free-Air Temperature – C
°
VI = 3 V
TPS60240, TPS60241, TPS60242, TPS60243
SLVS372C – JUNE 2001 – REVISED OCTOBER 2015
www.ti.com
6.6 Typical Characteristics
Figure 2. TPS60241
Figure 1. TPS60241
Quiescent Current vs Free-Air Temperature
Quiescent Current vs Input Voltage
Figure 3. TPS60241
Shutdown Current vs Free-Air Temperature
6
Submit Documentation Feedback
Copyright © 2001–2015, Texas Instruments Incorporated
Product Folder Links: TPS60240 TPS60241 TPS60242 TPS60243


Similar Part No. - TPS60242DGKT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS60242DGKT TI-TPS60242DGKT Datasheet
377Kb / 10P
[Old version datasheet]   170-uVrms ZERO-RIPPLE SWITCHED CAP BUCK-BOOST CONVERTER FOR VCO SUPPLY
More results

Similar Description - TPS60242DGKT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS60240 TI-TPS60240_15 Datasheet
963Kb / 22P
[Old version datasheet]   TPS6024x 170-關Vrms Zero-Ripple Switched Capacitor Buck-Boost Converter for VCO Supply
TPS60240 TI-TPS60240 Datasheet
377Kb / 10P
[Old version datasheet]   170-uVrms ZERO-RIPPLE SWITCHED CAP BUCK-BOOST CONVERTER FOR VCO SUPPLY
logo
National Semiconductor ...
LM3354 NSC-LM3354 Datasheet
394Kb / 12P
   Regulated 90mA Buck-Boost Switched Capacitor DC/DC Converter
LM3355 NSC-LM3355 Datasheet
185Kb / 9P
   Regulated 50mA Buck-Boost Switched Capacitor DC/DC Converter
logo
Texas Instruments
REG710 TI-REG710 Datasheet
378Kb / 15P
[Old version datasheet]   60MA SWITCHED CAP BUCK/BOOST CONVERTER
logo
Burr-Brown (TI)
REG710 BURR-BROWN-REG710_07 Datasheet
433Kb / 18P
   60mA Switched-Cap BUCK/BOOST CONVERTER
logo
National Semiconductor ...
LM3352 NSC-LM3352 Datasheet
516Kb / 11P
   Regulated 200 mA Buck-Boost Switched Capacitor DC/DC Converter
logo
YOBON TECHNOLOGIES,INC.
YB1300S YOBON-YB1300S_09 Datasheet
381Kb / 8P
   Switched Capacitor Boost Converter 5V/4.5V
YB1300S YOBON-YB1300S Datasheet
368Kb / 8P
   Switched Capacitor Boost Converter 5V/4.5V
logo
Texas Instruments
LM2775-Q1 TI1-LM2775-Q1 Datasheet
2Mb / 30P
[Old version datasheet]   Switched Capacitor 5-V Boost Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com