Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS62684 Datasheet(PDF) 4 Page - Texas Instruments

Part # TPS62684
Description  1600-mA, High-Efficiency Step-Down Converter Optimized for Smallest Solution Size
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62684 Datasheet(HTML) 4 Page - Texas Instruments

  TPS62684_16 Datasheet HTML 1Page - Texas Instruments TPS62684_16 Datasheet HTML 2Page - Texas Instruments TPS62684_16 Datasheet HTML 3Page - Texas Instruments TPS62684_16 Datasheet HTML 4Page - Texas Instruments TPS62684_16 Datasheet HTML 5Page - Texas Instruments TPS62684_16 Datasheet HTML 6Page - Texas Instruments TPS62684_16 Datasheet HTML 7Page - Texas Instruments TPS62684_16 Datasheet HTML 8Page - Texas Instruments TPS62684_16 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
TPS62684
SLVSAC5 – APRIL 2014
www.ti.com
7 Specifications
7.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
Voltage at VIN(2)
–0.3
6
VI
Voltage at FB(2)
–0.3
3.6
V
Voltage at SW, EN, AVIN (2)
–0.3
VIN + 0.3
Continuous average output current(3)
890
mA
Peak output current(3)
1600
mA
TJ
Operating junction temperature(4)
-40
150
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to network ground terminal.
(3)
Limit the junction temperature to 105°C.
(4)
In applications where high power dissipation and/or poor package thermal resistance is present, the maximum ambient temperature may
have to be derated. Maximum ambient temperature (TA(max)) is dependent on the maximum operating junction temperature (TJ(max)), the
maximum power dissipation of the device in the application (PD(max)), and the junction-to-ambient thermal resistance of the part/package
in the application (
θJA), as given by the following equation: TA(max)= TJ(max)–(θJA X PD(max)). To achieve full lifetime, it is recommended to
operate the device with a maximum junction temperature of 105°C.
7.2 Handling Ratings
MIN
MAX
UNIT
Tstg
Storage temperature range
–65
150
°C
Human body model
2
kV
ESD rating (1)
Charge device model
1
Machine model
100
V
(1)
The human body model is a 100-pF capacitor discharged through a 1.5-k
Ω resistor into each pin. The machine model is a 200-pF
capacitor discharged directly into each pin.
7.3 Recommended Operating Conditions
MIN
NOM
MAX UNIT
VIN
Input voltage range
3.25
5.5
V
VIN < VOUT,nom + 1V
0
960
IO
Peak output current(1)
mA
VOUT,nom + 1V ≤ VIN ≤ 5.5V
0
1600
CI
Effective Input Capacitance(2)(3)
0.5
µF
L
Effective Inductance
0.3
1.2
µH
CO
Effective Output Capacitance(2)
3.0
5.0
30
µF
TA
Ambient temperature(4)
–40
+85
°C
TJ
Operating junction temperature(5)
–40
+125
°C
(1)
Operating beyond the continuous average output current of 890mA may decrease the lifetime. See the Thermal, Lifetime Information
and Maximum Output Current section.
(2)
Due to the dc bias effect of ceramic capacitors, the effective capacitance is lower than the nominal value when a voltage is applied. The
capacitance is specified to allow the selection of the appropriate capacitor taking into account its dc bias effect.
(3)
Larger values may be required if the source impedance can not support the transient requirements of the load.
(4)
In applications where high power dissipation and/or poor package thermal resistance is present, the maximum ambient temperature may
have to be derated. Maximum ambient temperature (TA(max)) is dependent on the maximum operating junction temperature (TJ(max)), the
maximum power dissipation of the device in the application (PD(max)), and the junction-to-ambient thermal resistance of the part/package
in the application (
θJA), as given by the following equation: TA(max)= TJ(max)–(θJA X PD(max)). To achieve full lifetime, it is recommended to
operate the device with a maximum junction temperature of 105°C.
(5)
Limit the junction temperature to 105°C at 1.6A output current for a lifetime of 25k hours.
4
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: TPS62684


Similar Part No. - TPS62684_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62684 TI-TPS62684_15 Datasheet
1Mb / 27P
[Old version datasheet]   TPS62684 1600-mA, High-Efficiency Step-Down Converter Optimized for Smallest Solution Size
More results

Similar Description - TPS62684_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62684 TI-TPS62684_15 Datasheet
1Mb / 27P
[Old version datasheet]   TPS62684 1600-mA, High-Efficiency Step-Down Converter Optimized for Smallest Solution Size
TPS8268180 TI-TPS8268180_15 Datasheet
2Mb / 32P
[Old version datasheet]   TPS8268x 1600-mA High-Efficiency MicroSiP Step-Down Converter Module
TPS62026 TI-TPS62026 Datasheet
612Kb / 24P
[Old version datasheet]   600 mA/1.25 MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62020 TI1-TPS62020_16 Datasheet
1Mb / 28P
[Old version datasheet]   600 mA/1.25 MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62020 TI-TPS62020 Datasheet
425Kb / 18P
[Old version datasheet]   600 mA/1.25 MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62692 TI1-TPS62692_16 Datasheet
2Mb / 31P
[Old version datasheet]   800-mA , 3-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62690 TI1-TPS62690 Datasheet
875Kb / 27P
[Old version datasheet]   500-mA / 600-mA, 4-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62020 TI-TPS62020_15 Datasheet
1Mb / 28P
[Old version datasheet]   600 mA/1.25 MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62692 TI-TPS62692 Datasheet
1Mb / 29P
[Old version datasheet]   800-mA , 3-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
logo
Richtek Technology Corp...
RT8092 RICHTEK-RT8092 Datasheet
327Kb / 27P
   High Efficiency Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com