Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS62684 Datasheet(PDF) 8 Page - Texas Instruments

Part # TPS62684
Description  1600-mA, High-Efficiency Step-Down Converter Optimized for Smallest Solution Size
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62684 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS62684_16 Datasheet HTML 4Page - Texas Instruments TPS62684_16 Datasheet HTML 5Page - Texas Instruments TPS62684_16 Datasheet HTML 6Page - Texas Instruments TPS62684_16 Datasheet HTML 7Page - Texas Instruments TPS62684_16 Datasheet HTML 8Page - Texas Instruments TPS62684_16 Datasheet HTML 9Page - Texas Instruments TPS62684_16 Datasheet HTML 10Page - Texas Instruments TPS62684_16 Datasheet HTML 11Page - Texas Instruments TPS62684_16 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
2.76
2.79
2.82
2.85
2.88
2.91
2.94
0.1
1
10
100
1000 3000
Load Current (mA)
Temp −40C
Temp+25C
Temp +85C
TPS62684
VIN = 5 V
VOUT = 2.85 V
G000
V = 5.0 V, V = 2.85V
I
O
10mA to 400mA Load Step
100ns trise/tfall
2.76
2.79
2.82
2.85
2.88
2.91
2.94
0.1
1
10
100
1000 3000
Load Current (mA)
VIN = 3.6V
VIN = 4.2V
VIN = 5.0V
VIN = 5.5V
TPS62684
VOUT = 2.85 V
G000
80
82
84
86
88
90
92
94
96
98
100
3.3
3.5
3.7
3.9
4.1
4.3
4.5
4.7
4.9
5.1
5.3
5.5
Input Voltage (V)
Load = 400mA
Load = 800mA
Load = 1600mA
TPS62684
VOUT = 2.85V
G000
L = DFE252012P-R47
0
10
20
30
40
50
60
70
80
90
100
1
10
100
1000 2000
Current (mA)
VIN = 5.0V (MDT2012-CRR56)
VIN = 5.0V (DFE252012P−R47)
VIN = 3.6V (MDT2012-CRR56)
VIN = 3.6V (DFE252012P−R47)
TPS62684
VOUT = 2.85V
G000
80
82
84
86
88
90
92
94
96
98
100
100
1000
2000
Current (mA)
VIN = 5.0V (MDT2012-CRR56)
VIN = 5.0V (DFE252012P−R47)
VIN = 3.6V (MDT2012-CRR56)
VIN = 3.6V (DFE252012P−R47)
TPS62684
VOUT = 2.85V
G000
TPS62684
SLVSAC5 – APRIL 2014
www.ti.com
Typical Characteristics (continued)
Figure 3. Efficiency Vs Load Current
Figure 4. Efficiency Vs Load Current
Figure 5. Efficiency Vs Input Voltage
Figure 6. Output Voltage Vs Load Current
Figure 8. Load Transient Response
Figure 7. Output Voltage Vs Load Current
8
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: TPS62684


Similar Part No. - TPS62684_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62684 TI-TPS62684_15 Datasheet
1Mb / 27P
[Old version datasheet]   TPS62684 1600-mA, High-Efficiency Step-Down Converter Optimized for Smallest Solution Size
More results

Similar Description - TPS62684_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62684 TI-TPS62684_15 Datasheet
1Mb / 27P
[Old version datasheet]   TPS62684 1600-mA, High-Efficiency Step-Down Converter Optimized for Smallest Solution Size
TPS8268180 TI-TPS8268180_15 Datasheet
2Mb / 32P
[Old version datasheet]   TPS8268x 1600-mA High-Efficiency MicroSiP Step-Down Converter Module
TPS62026 TI-TPS62026 Datasheet
612Kb / 24P
[Old version datasheet]   600 mA/1.25 MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62020 TI1-TPS62020_16 Datasheet
1Mb / 28P
[Old version datasheet]   600 mA/1.25 MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62020 TI-TPS62020 Datasheet
425Kb / 18P
[Old version datasheet]   600 mA/1.25 MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62692 TI1-TPS62692_16 Datasheet
2Mb / 31P
[Old version datasheet]   800-mA , 3-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62690 TI1-TPS62690 Datasheet
875Kb / 27P
[Old version datasheet]   500-mA / 600-mA, 4-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62020 TI-TPS62020_15 Datasheet
1Mb / 28P
[Old version datasheet]   600 mA/1.25 MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62692 TI-TPS62692 Datasheet
1Mb / 29P
[Old version datasheet]   800-mA , 3-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
logo
Richtek Technology Corp...
RT8092 RICHTEK-RT8092 Datasheet
327Kb / 27P
   High Efficiency Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com