Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS62623YFDR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62623YFDR
Description  600-mA, 6-MHz High-Efficiency Step-Down Converter In Chip Scale Packaging
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62623YFDR Datasheet(HTML) 5 Page - Texas Instruments

  TPS62623YFDR Datasheet HTML 1Page - Texas Instruments TPS62623YFDR Datasheet HTML 2Page - Texas Instruments TPS62623YFDR Datasheet HTML 3Page - Texas Instruments TPS62623YFDR Datasheet HTML 4Page - Texas Instruments TPS62623YFDR Datasheet HTML 5Page - Texas Instruments TPS62623YFDR Datasheet HTML 6Page - Texas Instruments TPS62623YFDR Datasheet HTML 7Page - Texas Instruments TPS62623YFDR Datasheet HTML 8Page - Texas Instruments TPS62623YFDR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
TPS62620, TPS62621, TPS62622
TPS62623, TPS62624, TPS62625
www.ti.com
SLVS848D – JULY 2009 – REVISED OCTOBER 2015
7.5 Electrical Characteristics
Minimum and maximum values are at VIN = 2.3 V to 5.5 V, VOUT = 1.82 V, EN = 1.82 V, AUTO mode and TA = –40°C to 85°C.
Typical values are at VIN = 3.6 V, VOUT = 1.82 V, EN = 1.82 V, AUTO mode and TA = 25°C.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY CURRENT
VIN
Input voltage range
2.3
5.5
V
IOUT = 0 mA, device not switching
31
55
μA
IQ
Operating quiescent current
IOUT = 0 mA, PWM mode
7.6
mA
I(SD)
Shutdown current
EN = GND
0.2
2.5
μA
UVLO
Undervoltage lockout threshold
2.05
2.1
V
ENABLE, MODE
VIH
High-level input voltage
1.0
V
VIL
Low-level input voltage
0.4
V
Ilkg
Input leakage current
Input connected to GND or VIN
0.01
1
μA
POWER SWITCH
TPS62620
VIN = V(GS) = 3.6 V, PWM mode
270
m
TPS62621
VIN = V(GS) = 2.5 V, PWM mode
350
m
TPS62622
P-channel MOSFET
RDS(on)
on resistance
VIN = V(GS) = 3.6 V, PWM mode
480
m
TPS62623
TPS62624
VIN = V(GS) = 2.5 V, PWM mode
640
m
Ilkg
P-channel leakage current, PMOS
V(DS) = 5.5 V, –40°C ≤ TJ ≤ 85°C
1
μA
VIN = V(GS) = 3.6 V, PWM mode
140
m
N-channel MOSFET
RDS(on)
TPS6262x
on resistance
VIN = V(GS) = 2.5 V, PWM mode
200
m
Ilkg
N-channel leakage current, NMOS
V(DS) = 5.5 V, –40°C ≤ TJ ≤ 85°C
1
μA
Discharge resistor for power-down
RDIS
15
50
sequence
P-MOS current limit
2.3 V
≤ VIN ≤ 4.8 V, open loop
975
1100
1200
mA
Input current under short-circuit
VOUT shorted to ground
19
mA
conditions
Thermal shutdown
140
°C
Thermal shutdown hysteresis
10
°C
OSCILLATOR
fSW
Oscillator frequency
TPS6262x
IOUT = 0 mA, PWM mode
5.4
6
6.6
MHz
OUTPUT
2.3 V
≤ VIN ≤ 4.8 V, 0 mA ≤ IOUT ≤ 600 mA
0.98 × VNOM
VNOM
1.03 × VNOM
V
PFM/PWM operation
Regulated DC
2.3 V
≤ VIN ≤ 5.5 V, 0 mA ≤ IOUT ≤ 600 mA
0.98 × VNOM
VNOM
1.04 × VNOM
V
output voltage
PFM/PWM operation
VOUT
TPS6262x
2.3 V
≤ VIN ≤ 5.5 V, 0 mA ≤ IOUT ≤ 600 mA
0.98 × VNOM
VNOM
1.02 × VNOM
V
PWM operation
VIN = VOUT + 0.5 V (min 2.3 V) to 5.5V, IOUT = 200
Line regulation
0.13
%/V
mA
Load regulation
IOUT = 0 mA to 600 mA
–0.0003
%/mA
Feedback input resistance
480
k
TPS62620
IOUT = 1 mA
20
mVPP
TPS62621
Power save mode
ΔVO
ripple voltage
TPS62623
IOUT = 1 mA
24
mVPP
TPS62624
Start-up time
TPS62620
IOUT = 0 mA, time from active EN to VOUT
120
μs
Copyright © 2009–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5


Similar Part No. - TPS62623YFDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62623YFF TI-TPS62623YFF Datasheet
1Mb / 28P
[Old version datasheet]   600-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN CHIP SCALE PACKAGING
TPS62623YFFR TI-TPS62623YFFR Datasheet
1Mb / 28P
[Old version datasheet]   600-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN CHIP SCALE PACKAGING
TPS62623YFFT TI-TPS62623YFFT Datasheet
1Mb / 28P
[Old version datasheet]   600-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN CHIP SCALE PACKAGING
More results

Similar Description - TPS62623YFDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62620 TI-TPS62620 Datasheet
1Mb / 28P
[Old version datasheet]   600-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN CHIP SCALE PACKAGING
TPS62660 TI1-TPS62660_16 Datasheet
1Mb / 27P
[Old version datasheet]   1000-mA, 6-MHz High-Efficiency Step-Down Converter in Chip Scale Packaging
TPS6266X TI-TPS6266X Datasheet
643Kb / 27P
[Old version datasheet]   1000-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN CHIP SCALE PACKAGING
TPS62660 TI-TPS62660_15 Datasheet
1Mb / 29P
[Old version datasheet]   1000-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN CHIP SCALE PACKAGING
TPS62690 TI-TPS62690_15 Datasheet
1Mb / 28P
[Old version datasheet]   500-mA / 600-mA, 4-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN CHIP SCALE PACKAGING
TPS62674 TI-TPS62674 Datasheet
756Kb / 28P
[Old version datasheet]   500-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN LOW PROFILE CHIP SCALE PACKAGING
TPS62600 TI-TPS62600 Datasheet
590Kb / 21P
[Old version datasheet]   500-mA, 6-MHz SYNCHRONOUS STEP-DOWN CONVERTER IN CHIP SCALE PACKAGING
TPS62671 TI-TPS62671_11 Datasheet
1Mb / 34P
[Old version datasheet]   500-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN LOW PROFILE CHIP SCALE PACKAGING (HEIGHT
TPS62650 TI-TPS62650 Datasheet
1Mb / 37P
[Old version datasheet]   800-mA 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER WITH I2CTM COMPATIBLE INTERFACE IN CHIP SCALE PACKAGING
TPS62616 TI-TPS62616 Datasheet
749Kb / 27P
[Old version datasheet]   350-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN LOW PROFILE CHIP SCALE PACKAGING (HEIGHT < 0.4mm)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com