Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS62623YFDT Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62623YFDT
Description  600-mA, 6-MHz High-Efficiency Step-Down Converter In Chip Scale Packaging
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62623YFDT Datasheet(HTML) 3 Page - Texas Instruments

  TPS62623YFDT Datasheet HTML 1Page - Texas Instruments TPS62623YFDT Datasheet HTML 2Page - Texas Instruments TPS62623YFDT Datasheet HTML 3Page - Texas Instruments TPS62623YFDT Datasheet HTML 4Page - Texas Instruments TPS62623YFDT Datasheet HTML 5Page - Texas Instruments TPS62623YFDT Datasheet HTML 6Page - Texas Instruments TPS62623YFDT Datasheet HTML 7Page - Texas Instruments TPS62623YFDT Datasheet HTML 8Page - Texas Instruments TPS62623YFDT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
GND
A1
B1
C1
A2
B2
C2
FB
SW
MODE
VIN
EN
TPS6262x
(TOP VIEW)
MODE
C1
A2
B2
C2
A1
B1
VIN
EN
GND
FB
SW
TPS6262x
(BOTTOM VIEW)
TPS62620, TPS62621, TPS62622
TPS62623, TPS62624, TPS62625
www.ti.com
SLVS848D – JULY 2009 – REVISED OCTOBER 2015
5 Device Comparison Table
PART
OUTPUT
OUTPUT DISCHARGE
PACKAGE MARKING
NUMBER
VOLTAGE
FUNCTION
CHIP CODE
GF
TPS62620
1.82 V
No
GE
TPS62621
1.8 V
No
GH
TPS62622
1.5 V
No
GV
GZ
TPS62623
1.225 V
No
K3
TPS62624
1.2 V
Yes
GX
TPS62625
1.2 V
No
KC
6 Pin Configuration and Functions
YFF or YFD Package
6-Pin DSBGA
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
This is the mode selection pin of the device. This pin must not be left floating and must be
terminated.
MODE = Low: The device is operating in regulated frequency pulse width modulation mode
MODE
A1
IN
(PWM) at high-load currents and in pulse frequency modulation mode (PFM) at light load
currents.
MODE = High: Low-noise mode enabled, regulated frequency PWM operation forced.
VIN
A2
IN
Power supply input.
This is the switch pin of the converter and is connected to the drain of the internal power
SW
B1
IN/OUT
MOSFETs.
This is the enable pin of the device. Connecting this pin to ground forces the device into
EN
B2
IN
shutdown mode. Pulling this pin to VIN enables the device. This pin must not be left floating and
must be terminated.
FB
C1
IN
Output feedback sense input. Connect FB to the converter’s output.
GND
C2
Ground pin.
Copyright © 2009–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3


Similar Part No. - TPS62623YFDT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62623YFF TI-TPS62623YFF Datasheet
1Mb / 28P
[Old version datasheet]   600-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN CHIP SCALE PACKAGING
TPS62623YFFR TI-TPS62623YFFR Datasheet
1Mb / 28P
[Old version datasheet]   600-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN CHIP SCALE PACKAGING
TPS62623YFFT TI-TPS62623YFFT Datasheet
1Mb / 28P
[Old version datasheet]   600-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN CHIP SCALE PACKAGING
More results

Similar Description - TPS62623YFDT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62620 TI-TPS62620 Datasheet
1Mb / 28P
[Old version datasheet]   600-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN CHIP SCALE PACKAGING
TPS62660 TI1-TPS62660_16 Datasheet
1Mb / 27P
[Old version datasheet]   1000-mA, 6-MHz High-Efficiency Step-Down Converter in Chip Scale Packaging
TPS6266X TI-TPS6266X Datasheet
643Kb / 27P
[Old version datasheet]   1000-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN CHIP SCALE PACKAGING
TPS62660 TI-TPS62660_15 Datasheet
1Mb / 29P
[Old version datasheet]   1000-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN CHIP SCALE PACKAGING
TPS62690 TI-TPS62690_15 Datasheet
1Mb / 28P
[Old version datasheet]   500-mA / 600-mA, 4-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN CHIP SCALE PACKAGING
TPS62674 TI-TPS62674 Datasheet
756Kb / 28P
[Old version datasheet]   500-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN LOW PROFILE CHIP SCALE PACKAGING
TPS62600 TI-TPS62600 Datasheet
590Kb / 21P
[Old version datasheet]   500-mA, 6-MHz SYNCHRONOUS STEP-DOWN CONVERTER IN CHIP SCALE PACKAGING
TPS62671 TI-TPS62671_11 Datasheet
1Mb / 34P
[Old version datasheet]   500-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN LOW PROFILE CHIP SCALE PACKAGING (HEIGHT
TPS62650 TI-TPS62650 Datasheet
1Mb / 37P
[Old version datasheet]   800-mA 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER WITH I2CTM COMPATIBLE INTERFACE IN CHIP SCALE PACKAGING
TPS62616 TI-TPS62616 Datasheet
749Kb / 27P
[Old version datasheet]   350-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN LOW PROFILE CHIP SCALE PACKAGING (HEIGHT < 0.4mm)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com