Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EEUTA1J101 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # EEUTA1J101
Description  Aluminum Electrolytic Capacitors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EEUTA1J101 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  EEUTA1J101 Datasheet HTML 1Page - Panasonic Semiconductor EEUTA1J101 Datasheet HTML 2Page - Panasonic Semiconductor EEUTA1J101 Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Aluminum Electrolytic Capacitors (Radial Lead Type)
Rated
voltage
(V.DC)
Cap.
(±20 %)
(µF)
Case size (mm)
Specification
Lead length (mm)
Part No.
Min. Packaging Q'ty
0DL
Ripple
current
(100 kHz)
(+125 °C)
(mA r.m.s.)
Impedance
(100 kHz)
(+20 °C)
(
Ω)
Lead
dia.
0d
Lead space
Straight
leads
(pcs)
Taping
(pcs)
Straight
Taping
✽B
10
330
8
11.5
500
0.130
0.6
3.5
5.0
EEUTA1A331( )
200
1000
470
10
12.5
680
0.100
0.6
5.0
5.0
EEUTA1A471( )
200
500
1000
10
20
1100
0.057
0.6
5.0
5.0
EEUTA1A102( )
200
500
12.5
15
1085
0.070
0.6
5.0
5.0
EEUTA1A102S( )
200
500
2200
12.5
25
1750
0.033
0.6
5.0
5.0
EEUTA1A222L( )
200
500
16
20
1985
0.032
0.8
7.5
7.5
EEUTA1A222( )
100
250
18
15
1800
0.042
0.8
7.5
7.5
EEUTA1A222S( )
100
250
3300
16
25
2300
0.024
0.8
7.5
7.5
EEUTA1A332( )
100
250
18
20
2250
0.031
0.8
7.5
7.5
EEUTA1A332S( )
100
250
4700
16
31.5
2710
0.020
0.8
7.5
EEUTA1A472
100
18
25
2470
0.022
0.8
7.5
7.5
EEUTA1A472S( )
100
250
16
220
8
11.5
500
0.130
0.6
3.5
5.0
EEUTA1C221( )
200
1000
330
10
12.5
680
0.100
0.6
5.0
5.0
EEUTA1C331( )
200
500
470
10
16
945
0.075
0.6
5.0
5.0
EEUTA1C471( )
200
500
1000
12.5
20
1490
0.042
0.6
5.0
5.0
EEUTA1C102( )
200
500
16
15
1520
0.047
0.8
7.5
7.5
EEUTA1C102S( )
100
250
2200
16
25
2300
0.024
0.8
7.5
7.5
EEUTA1C222( )
100
250
18
20
2250
0.031
0.8
7.5
7.5
EEUTA1C222S( )
100
250
3300
16
31.5
2710
0.020
0.8
7.5
EEUTA1C332
100
18
25
2470
0.022
0.8
7.5
7.5
EEUTA1C332S( )
100
250
4700
18
31.5
3270
0.018
0.8
7.5
EEUTA1C472
50
25
100
8
11.5
500
0.130
0.6
3.5
5.0
EEUTA1E101( )
200
1000
220
10
12.5
680
0.100
0.6
5.0
5.0
EEUTA1E221( )
200
500
330
10
16
945
0.075
0.6
5.0
5.0
EEUTA1E331( )
200
500
470
10
20
1100
0.057
0.6
5.0
5.0
EEUTA1E471( )
200
500
12.5
15
1085
0.070
0.6
5.0
5.0
EEUTA1E471S( )
200
500
1000
12.5
25
1750
0.033
0.6
5.0
5.0
EEUTA1E102L( )
200
500
16
20
1985
0.032
0.8
7.5
7.5
EEUTA1E102( )
100
250
18
15
1800
0.042
0.8
7.5
7.5
EEUTA1E102S( )
100
250
2200
16
31.5
2710
0.020
0.8
7.5
EEUTA1E222
100
18
25
2470
0.022
0.8
7.5
7.5
EEUTA1E222S( )
100
250
3300
18
35.5
3310
0.017
0.8
7.5
EEUTA1E332
50
35
100
10
12.5
555
0.180
0.6
5.0
5.0
EEUTA1V101( )
200
500
220
10
16
765
0.130
0.6
5.0
5.0
EEUTA1V221( )
200
500
330
10
20
930
0.100
0.6
5.0
5.0
EEUTA1V331( )
200
500
470
12.5
20
1330
0.070
0.6
5.0
5.0
EEUTA1V471( )
200
500
16
15
1450
0.088
0.8
7.5
7.5
EEUTA1V471S( )
100
250
1000
16
25
2010
0.037
0.8
7.5
7.5
EEUTA1V102( )
100
250
18
20
2180
0.046
0.8
7.5
7.5
EEUTA1V102S( )
100
250
2200
18
35.5
2790
0.025
0.8
7.5
EEUTA1V222
50
· When requesting taped product, please put the letter "B" between the "( )". Lead wire pitch
✽B=5 mm, 7.5 mm.
· Please refer to the page of “Taping dimensions”.
Characteristics list
Endurance : 125 °C 2000 h
Mar. 2016
04


Similar Part No. - EEUTA1J101

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEUTA1J101 PANASONIC-EEUTA1J101 Datasheet
172Kb / 3P
   Radial Lead Type
More results

Similar Description - EEUTA1J101

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com