Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS62672YFD Datasheet(PDF) 10 Page - Texas Instruments

Part # TPS62672YFD
Description  500-mA/650-mA, 6-MHz High-Efficiency Step-Down Converter in Low Profile Chip Scale Packaging (Height < 0.4mm)
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62672YFD Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS62672YFD Datasheet HTML 6Page - Texas Instruments TPS62672YFD Datasheet HTML 7Page - Texas Instruments TPS62672YFD Datasheet HTML 8Page - Texas Instruments TPS62672YFD Datasheet HTML 9Page - Texas Instruments TPS62672YFD Datasheet HTML 10Page - Texas Instruments TPS62672YFD Datasheet HTML 11Page - Texas Instruments TPS62672YFD Datasheet HTML 12Page - Texas Instruments TPS62672YFD Datasheet HTML 13Page - Texas Instruments TPS62672YFD Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 35 page
background image
0
10
20
30
40
50
60
70
80
90
100
Always PFM
Always PWM
V
= 1.8 V
O
PFM to PWM
Mode Change
PWM to PFM
Mode Change
The switching mode changes
at these borders
2.7
3
3.3
3.6
3.9
4.2
4.5
4.8
V - Input Voltage - V
I
0.1
1
10
100
1000
I
-LoadCurrent-mA
O
1.235
1.247
1.260
1.273
1.285
V
=1.26V
PWMOperation
O
V =2.7V
I
V =4.5V
I
V =3.6V
I
1.764
1.782
1.800
1.818
1.836
0.1
1
10
100
1000
I
-LoadCurrent-mA
O
V
=1.8V
PFM/PWMOperation
O
V =3.6V
I
V =4.5V
I
V =2.7V
I
1.176
1.188
1.2
1.212
1.224
0.1
1
10
100
1000
I
-LoadCurrent-mA
O
V
=1.2V
PFM/PWMOperation
O
V =3.6V
I
V =4.5V
I
V =2.7V
I
0
2
4
6
8
10
12
14
16
18
20
22
0
20
40
60
80
100 120 140 160 180 200
I
-LoadCurrent-mA
O
V
=1.2V
O
V =3.6V
I
V =4.5V
I
V =2.7V
I
0
20
40
60
80
100 120 140 160 180 200
I
-LoadCurrent-mA
O
0
2
4
6
8
10
12
14
16
18
20
V =4.5V
I
V =2.7V
I
V =3.6V
I
V
=1.8V
O
TPS62671, TPS62672, TPS62674
TPS62675, TPS626751, TPS626765, TPS62679
SLVS952F – APRIL 2010 – REVISED JUNE 2014
www.ti.com
Typical Characteristics (continued)
Figure 7. Peak-To-Peak Output Ripple Voltage vs Load
Figure 8. Peak-To-Peak Output Ripple Voltage vs Load
Current
Current
Figure 9. DC Output Voltage vs Load Current
Figure 10. DC Output Voltage vs Load Current
Figure 11. DC Output Voltage vs Load Current
Figure 12. PFM/PWM Boundaries
10
Submit Documentation Feedback
Copyright © 2010–2014, Texas Instruments Incorporated
Product Folder Links: TPS62671 TPS62672 TPS62674 TPS62675 TPS626751 TPS626765 TPS62679


Similar Part No. - TPS62672YFD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62672YFD TI-TPS62672YFD Datasheet
756Kb / 28P
[Old version datasheet]   500-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN LOW PROFILE CHIP SCALE PACKAGING
More results

Similar Description - TPS62672YFD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62671 TI-TPS62671_15 Datasheet
1Mb / 35P
[Old version datasheet]   TPS6267x 500-mA/650-mA, 6-MHz High-Efficiency Step-Down Converter in Low Profile Chip Scale Packaging (Height < 0.4mm)
TPS62616 TI-TPS62616 Datasheet
749Kb / 27P
[Old version datasheet]   350-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN LOW PROFILE CHIP SCALE PACKAGING (HEIGHT < 0.4mm)
TPS62619 TI-TPS62619_10 Datasheet
915Kb / 29P
[Old version datasheet]   350-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN LOW PROFILE CHIP SCALE PACKAGING (HEIGHT < 0.4mm)
TPS62619 TI-TPS62619 Datasheet
770Kb / 26P
[Old version datasheet]   350-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN LOW PROFILE CHIP SCALE PACKAGING (HEIGHT < 0.4mm)
TPS62674 TI-TPS62674 Datasheet
756Kb / 28P
[Old version datasheet]   500-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN LOW PROFILE CHIP SCALE PACKAGING
TPS62671 TI-TPS62671_11 Datasheet
1Mb / 34P
[Old version datasheet]   500-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN LOW PROFILE CHIP SCALE PACKAGING (HEIGHT
TPS62690 TI-TPS62690_15 Datasheet
1Mb / 28P
[Old version datasheet]   500-mA / 600-mA, 4-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN CHIP SCALE PACKAGING
TPS62600 TI-TPS62600 Datasheet
590Kb / 21P
[Old version datasheet]   500-mA, 6-MHz SYNCHRONOUS STEP-DOWN CONVERTER IN CHIP SCALE PACKAGING
TPS62620 TI-TPS62620 Datasheet
1Mb / 28P
[Old version datasheet]   600-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN CHIP SCALE PACKAGING
TPS62620 TI1-TPS62620_16 Datasheet
1Mb / 28P
[Old version datasheet]   600-mA, 6-MHz High-Efficiency Step-Down Converter In Chip Scale Packaging
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com