Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EEUEB2E470 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # EEUEB2E470
Description  Aluminum Electrolytic Capacitors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EEUEB2E470 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  EEUEB2E470 Datasheet HTML 1Page - Panasonic Semiconductor EEUEB2E470 Datasheet HTML 2Page - Panasonic Semiconductor EEUEB2E470 Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Aluminum Electrolytic Capacitors (Radial Lead Type)
0D±0.5
< 08
010 <
Sleeve
14 min.
3 min.
L
(
08×15 only L±1.5)
✽ L < 16 : L±1.0
L
> 20 : L±2.0
Pressure relief
06.3 <
+
0D±0.5
Endurance : +105 °C 5000 h to 10000 h
Hight ripple hight frequency (Hight Voltage)
RoHS compliant
Features
Radial Lead Type
Series : EB Type : A
(Unit : mm)
Specifications
Category temperature range
–40 °C to +105 °C
–25 °C to +105 °C
Rated voltage range
10 V.DC to 63 V.DC
160 V.DC to 450 V.DC
Capacitance range
2.2 µF to 3300 µF
10 µF to 330 µF
Capacitance tolerance
±20 % (120 Hz/+20 °C)
Leakage current
I
< 0.01 CV or 3 (µA)
After 2 minutes application of rated working voltage at +20 °C (Whichever is greater)
Dissipation factor (tan
d)
Please see the attached characteristics list
Endurance
After following life test with DC voltage and +105 °C±2 °C ripple current value applied (The
sum of DC and ripple peak voltage shall not exceed the rated working voltage), when the
capacitors are restord to 20 °C, the capacitors shall meet the limits specified below.
(10 V.DC to 63 V.DC)
Duration :
05×11 to 08×11.5 : 5000 hours
08×15 to 012.5×25 : 10000 hours
Capacitance change
Within ±30 % of the initial value
tan
d
< 300 % of the initial limit
DC leakage current
Within the initial limit
(160 V.DC to 450 V.DC)
Duration : 5000 hours
Capacitance change
Within ±20 % of the initial value
tan
d
< 200 % of the initial limit
DC leakage current
Within the initial limit
Shelf life
After storage for 1000 hours at +105 °C±2 °C with no voltage applied and then being stabilized
at +20 °C, capacitors shall meet the limits specified in Endurance. (With voltage treatment)
0D
5
6.3
8
10
12.5
16
18
0d
0.5
0.5
0.6
0.6
0.6
0.8
0.8
F
2.0
2.5
3.5
5.0
5.0
7.5
7.5
(10 V.DC ~ 63 V.DC)
Capacitance
(µF)
Frequency (Hz)
60
120
1 k
10 k
100 k
2.2
to
10
0.75
1.00
1.40
1.55
1.65
22
to
470
0.85
1.00
1.20
1.25
1.30
1000
to 3300
0.95
1.00
1.05
1.10
1.15
Rated voltage
(V.DC)
Frequency (Hz)
120
1 k
10 k to 30k 30 k to 100k
160 to 250
0.55
0.85
0.90
1.00
350 to 450
0.50
0.80
0.90
1.00
Dimensions
Frequency correction factor for ripple current
Mar. 2016
02


Similar Part No. - EEUEB2E470

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEUEB2E470 PANASONIC-EEUEB2E470 Datasheet
91Kb / 5P
   Aluminum Electrolytic Capacitor/EB
EEUEB2E470 PANASONIC-EEUEB2E470 Datasheet
101Kb / 3P
   Aluminum Electrolytic Capacitors/ EB
EEUEB2E470 PANASONIC-EEUEB2E470 Datasheet
95Kb / 3P
   Aluminum Electrolytic Capacitors/ EB
EEUEB2E470S PANASONIC-EEUEB2E470S Datasheet
91Kb / 5P
   Aluminum Electrolytic Capacitor/EB
EEUEB2E470S PANASONIC-EEUEB2E470S Datasheet
101Kb / 3P
   Aluminum Electrolytic Capacitors/ EB
More results

Similar Description - EEUEB2E470

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com