Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS62675YFD Datasheet(PDF) 7 Page - Texas Instruments

Part # TPS62675YFD
Description  500-mA/650-mA, 6-MHz High-Efficiency Step-Down Converter in Low Profile Chip Scale Packaging (Height < 0.4mm)
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62675YFD Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS62675YFD Datasheet HTML 3Page - Texas Instruments TPS62675YFD Datasheet HTML 4Page - Texas Instruments TPS62675YFD Datasheet HTML 5Page - Texas Instruments TPS62675YFD Datasheet HTML 6Page - Texas Instruments TPS62675YFD Datasheet HTML 7Page - Texas Instruments TPS62675YFD Datasheet HTML 8Page - Texas Instruments TPS62675YFD Datasheet HTML 9Page - Texas Instruments TPS62675YFD Datasheet HTML 10Page - Texas Instruments TPS62675YFD Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 35 page
background image
TPS62671, TPS62672, TPS62674
TPS62675, TPS626751, TPS626765, TPS62679
www.ti.com
SLVS952F – APRIL 2010 – REVISED JUNE 2014
Electrical Characteristics (continued)
Minimum and maximum values are at VI = 2.3V to 5.5V, VO = 1.8V, EN = 1.8V, AUTO mode and TA = –40°C to 85°C; Circuit
of Parameter Measurement Information section (unless otherwise noted). Typical values are at VI = 3.6V, VO = 1.8V, EN =
1.8V, AUTO mode and TA = 25°C (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
POWER SWITCH
VI = V(GS) = 3.6V. PWM mode
170
m
P-channel MOSFET on
rDS(on)
resistance
VI = V(GS) = 2.5V. PWM mode
230
m
P-channel leakage current,
Ilkg
V(DS) = 5.5V, -40°C ≤ TJ ≤ 85°C
1
μA
PMOS
VI = V(GS) = 3.6V. PWM mode
120
m
N-channel MOSFET on
rDS(on)
resistance
VI = V(GS) = 2.5V. PWM mode
180
m
N-channel leakage current,
Ilkg
V(DS) = 5.5V, -40°C ≤ TJ ≤ 85°C
2
μA
NMOS
Discharge resistor for power-
rDIS
TPS62674, TPS626751, TPS626765, TPS62679
70
150
down sequence
TPS62671
2.3V
≤ VI ≤ 4.8V. Open
TPS62672
900
1000
1150
mA
loop
TPS62674
TPS62679
P-MOS current limit
TPS62675
2.3V
≤ VI ≤ 4.8V. Open
TPS626751
1000
1100
1250
mA
loop
TPS626765
Input current limit under short-
VO shorted to ground
12
mA
circuit conditions
Thermal shutdown
140
°C
Thermal shutdown hysteresis
10
°C
OSCILLATOR
TPS62671
TPS62672
Oscillator center
TPS62675
IO = 0mA. PWM operation
5.4
6
6.6
MHz
frequency
TPS626751
fSW
TPS626765
Oscillator center
TPS62674
IO = 0mA. PWM operation
4.9
5.45
6.0
MHz
frequency
TPS62679
Copyright © 2010–2014, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: TPS62671 TPS62672 TPS62674 TPS62675 TPS626751 TPS626765 TPS62679


Similar Part No. - TPS62675YFD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62675 TI-TPS62675 Datasheet
1Mb / 34P
[Old version datasheet]   500-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN LOW PROFILE CHIP SCALE PACKAGING (HEIGHT
More results

Similar Description - TPS62675YFD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62671 TI-TPS62671_15 Datasheet
1Mb / 35P
[Old version datasheet]   TPS6267x 500-mA/650-mA, 6-MHz High-Efficiency Step-Down Converter in Low Profile Chip Scale Packaging (Height < 0.4mm)
TPS62616 TI-TPS62616 Datasheet
749Kb / 27P
[Old version datasheet]   350-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN LOW PROFILE CHIP SCALE PACKAGING (HEIGHT < 0.4mm)
TPS62619 TI-TPS62619_10 Datasheet
915Kb / 29P
[Old version datasheet]   350-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN LOW PROFILE CHIP SCALE PACKAGING (HEIGHT < 0.4mm)
TPS62619 TI-TPS62619 Datasheet
770Kb / 26P
[Old version datasheet]   350-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN LOW PROFILE CHIP SCALE PACKAGING (HEIGHT < 0.4mm)
TPS62674 TI-TPS62674 Datasheet
756Kb / 28P
[Old version datasheet]   500-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN LOW PROFILE CHIP SCALE PACKAGING
TPS62671 TI-TPS62671_11 Datasheet
1Mb / 34P
[Old version datasheet]   500-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN LOW PROFILE CHIP SCALE PACKAGING (HEIGHT
TPS62690 TI-TPS62690_15 Datasheet
1Mb / 28P
[Old version datasheet]   500-mA / 600-mA, 4-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN CHIP SCALE PACKAGING
TPS62600 TI-TPS62600 Datasheet
590Kb / 21P
[Old version datasheet]   500-mA, 6-MHz SYNCHRONOUS STEP-DOWN CONVERTER IN CHIP SCALE PACKAGING
TPS62620 TI-TPS62620 Datasheet
1Mb / 28P
[Old version datasheet]   600-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN CHIP SCALE PACKAGING
TPS62620 TI1-TPS62620_16 Datasheet
1Mb / 28P
[Old version datasheet]   600-mA, 6-MHz High-Efficiency Step-Down Converter In Chip Scale Packaging
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com