Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS62698YFD Datasheet(PDF) 3 Page - Texas Instruments

Part # TPS62698YFD
Description  800-mA , 3-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62698YFD Datasheet(HTML) 3 Page - Texas Instruments

  TPS62698YFD Datasheet HTML 1Page - Texas Instruments TPS62698YFD Datasheet HTML 2Page - Texas Instruments TPS62698YFD Datasheet HTML 3Page - Texas Instruments TPS62698YFD Datasheet HTML 4Page - Texas Instruments TPS62698YFD Datasheet HTML 5Page - Texas Instruments TPS62698YFD Datasheet HTML 6Page - Texas Instruments TPS62698YFD Datasheet HTML 7Page - Texas Instruments TPS62698YFD Datasheet HTML 8Page - Texas Instruments TPS62698YFD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
TPS62692, TPS62693
TPS62694, TPS62698
www.ti.com
SLVSAZ1 – DECEMBER 2012
THERMAL INFORMATION
TPS6269x
THERMAL METRIC(1)
UNITS
YFD (6 PINS)
θJA
Junction-to-ambient thermal resistance
132.5
θJCtop
Junction-to-case (top) thermal resistance
1.2
θJB
Junction-to-board thermal resistance
22.7
°C/W
ψJT
Junction-to-top characterization parameter
5.7
ψJB
Junction-to-board characterization parameter
22.4
θJCbot
Junction-to-case (bottom) thermal resistance
n/a
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
_
RECOMMENDED OPERATING CONDITIONS
MIN
NOM
MAX
UNIT
VIN
Input voltage range
2.3
4.8(1)
V
IO
Output current range
0
800
mA
L
Inductance
0.5
1.8
µH
CO
Output capacitance
1
5
10
µF
TA
Ambient temperature
–40
85
°C
TJ
Operating junction temperature
–40
125
°C
(1)
Operation above 4.8V input voltage is not recommended over an extended period of time.
ELECTRICAL CHARACTERISTICS
Minimum and maximum values are at VIN = 2.3V to 5.5V, VOUT = 2.85V, EN = 1.8V, AUTO mode and TA = –40°C to 85°C;
Circuit of Parameter Measurement Information section (unless otherwise noted). Typical values are at VIN = 3.6V, VOUT =
2.85V, EN = 1.8V, AUTO mode and TA = 25°C (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY CURRENT
IO = 0mA. Device not switching
21
50
μA
Operating quiescent
IQ
current
IO = 0mA, PWM mode
3.5
mA
I(SD)
Shutdown current
EN = GND
0.2
7
μA
Undervoltage lockout
UVLO
2.05
2.1
V
threshold
ENABLE, MODE
VIH
High-level input voltage
1
V
VIL
Low-level input voltage
0.4
V
Ilkg
Input leakage current
Input connected to GND or VIN
0.01
1.5
μA
POWER SWITCH
VIN = V(GS) = 3.6V. PWM mode
165
275
m
P-channel MOSFET on
rDS(on)
resistance
VIN = V(GS) = 2.9V. PWM mode
185
350
m
P-channel leakage
Ilkg
V(DS) = 5.5V, -40°C ≤ TJ ≤ 85°C
6
μA
current, PMOS
VIN = V(GS) = 3.6V. PWM mode
140
250
m
N-channel MOSFET on
rDS(on)
resistance
VIN = V(GS) = 2.9V. PWM mode
160
330
m
N-channel leakage
Ilkg
V(DS) = 5.5V, -40°C ≤ TJ ≤ 85°C
6
μA
current, NMOS
Discharge resistor for
rDIS
120
power-down sequence
2.3V
≤ VIN ≤ 4.8V. Open loop
1100
1250
1500
mA
P-MOS current limit
VIN = 3.6V. Closed loop
900
mA
Input current limit under
VO shorted to ground
15
mA
short-circuit conditions
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: TPS62692 TPS62693 TPS62694 TPS62698


Similar Part No. - TPS62698YFD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62698YFDR TI-TPS62698YFDR Datasheet
1Mb / 29P
[Old version datasheet]   800-mA , 3-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62698YFDT TI-TPS62698YFDT Datasheet
1Mb / 29P
[Old version datasheet]   800-mA , 3-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
More results

Similar Description - TPS62698YFD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62692 TI-TPS62692 Datasheet
1Mb / 29P
[Old version datasheet]   800-mA , 3-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62355DRCR TI1-TPS62355DRCR Datasheet
1Mb / 46P
[Old version datasheet]   800-mA / 1000-mA, 3-MHz SYNCHRONOUS STEP-DOWN CONVERTER
TPS62650 TI1-TPS62650_11 Datasheet
847Kb / 38P
[Old version datasheet]   800-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER WITH I2CTM COMPATIBLE
FEBRUARY2011
TPS62026 TI-TPS62026 Datasheet
612Kb / 24P
[Old version datasheet]   600 mA/1.25 MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62020 TI1-TPS62020_16 Datasheet
1Mb / 28P
[Old version datasheet]   600 mA/1.25 MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62020 TI-TPS62020 Datasheet
425Kb / 18P
[Old version datasheet]   600 mA/1.25 MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62020 TI-TPS62020_15 Datasheet
1Mb / 28P
[Old version datasheet]   600 mA/1.25 MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
logo
Analog Devices
ADP2139CB-1.8EVALZ AD-ADP2139CB-1.8EVALZ Datasheet
544Kb / 20P
   Compact, 800 mA, 3 MHz, Step-Down DC-to-DC Converter
REV. C
logo
Texas Instruments
TPS62690 TI1-TPS62690 Datasheet
875Kb / 27P
[Old version datasheet]   500-mA / 600-mA, 4-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
logo
Analog Devices
ADP2138 AD-ADP2138 Datasheet
520Kb / 16P
   Compact, 800 mA, 3 MHz, Step-Down DC-to-DC Converter
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com