Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS90CF383 Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # DS90CF383
Description  3.3V LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link??5 MHz
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS90CF383 Datasheet(HTML) 8 Page - National Semiconductor (TI)

  DS90CF383 Datasheet HTML 1Page - National Semiconductor (TI) DS90CF383 Datasheet HTML 2Page - National Semiconductor (TI) DS90CF383 Datasheet HTML 3Page - National Semiconductor (TI) DS90CF383 Datasheet HTML 4Page - National Semiconductor (TI) DS90CF383 Datasheet HTML 5Page - National Semiconductor (TI) DS90CF383 Datasheet HTML 6Page - National Semiconductor (TI) DS90CF383 Datasheet HTML 7Page - National Semiconductor (TI) DS90CF383 Datasheet HTML 8Page - National Semiconductor (TI) DS90CF383 Datasheet HTML 9Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
DS90CF383 Pin Description — FPD Link Transmitter (Continued)
Pin Name
I/O
No.
Description
GND
I
4
Ground pins for TTL inputs.
PLL V
CC
I
1
Power supply pin for PLL.
PLL GND
I
2
Ground pins for PLL.
LVDS V
CC
I
1
Power supply pin for LVDS outputs.
LVDS GND
I
3
Ground pins for LVDS outputs.
Applications Information
The DS90CF383 and DS90CF384 are backward compatible
with the existing 5V FPD Link transmitter/receiver pair
(DS90CF583 and DS90CF584). To upgrade from a 5V to a
3.3V system the following must be addressed:
1.
Change 5V power supply to 3.3V. Provide this supply to
the V
CC, LVDS VCC and PLL VCC of both the transmitter
and receiver devices. This change may enable the re-
moval of a 5V supply from the system, and power may
be supplied from an existing 3V power source.
2.
The DS90CF383 transmitter input and control inputs ac-
cept 3.3V TTL/CMOS levels. They are not 5V tolerant.
Pin Diagram
DS90CF383
DS100033-23
Application
DS100033-3
www.national.com
8


Similar Part No. - DS90CF383

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS90CF383 TI1-DS90CF383 Datasheet
262Kb / 11P
[Old version datasheet]   3.3V LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link??5 MHz
logo
National Semiconductor ...
DS90CF383A NSC-DS90CF383A Datasheet
304Kb / 11P
   3.3V Programmable LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz 3.3V LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz
DS90CF383AMTD NSC-DS90CF383AMTD Datasheet
258Kb / 11P
   3.3V Programmable LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz, 3.3V LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz
DS90CF383AMTD NSC-DS90CF383AMTD Datasheet
304Kb / 11P
   3.3V Programmable LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz 3.3V LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz
DS90CF383B NSC-DS90CF383B Datasheet
640Kb / 11P
   3.3V Programmable LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz
More results

Similar Description - DS90CF383

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS90CF383 TI1-DS90CF383_11 Datasheet
262Kb / 11P
[Old version datasheet]   3.3V LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link??5 MHz
logo
National Semiconductor ...
DS90C383A NSC-DS90C383A_03 Datasheet
304Kb / 11P
   3.3V Programmable LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz 3.3V LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz
DS90C383A NSC-DS90C383A Datasheet
258Kb / 11P
   3.3V Programmable LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz, 3.3V LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz
DS90C383 NSC-DS90C383 Datasheet
344Kb / 20P
   3.3V Programmable LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz, 3.3V LVDS Receiver 24-Bit Flat Panel Display (FPD) Link-65 MHz
logo
Texas Instruments
DS90C363 TI1-DS90C363_13 Datasheet
1Mb / 19P
[Old version datasheet]   3.3V Programmable LVDS Transmitter 18-Bit Flat Panel Display (FPD) Link??5 MHz, 3.3V LVDS Receiver 18-Bit Flat Panel Display (FPD) Link??5 MHz
logo
National Semiconductor ...
DS90CF363 NSC-DS90CF363 Datasheet
184Kb / 9P
   3.3V LVDS Transmitter 18-Bit Flat Panel Display (FPD) Link??5 MHz
DS90C363 NSC-DS90C363 Datasheet
285Kb / 16P
   3.3V Programmable LVDS Transmitter 18-Bit Flat Panel Display (FPD) Link??5 MHz, 3.3V LVDS Receiver 18-Bit Flat Panel Display (FPD) Link??5 MHz
DS90C383B NSC-DS90C383B_06 Datasheet
639Kb / 11P
   3.3V Programmable LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz
logo
Texas Instruments
DS90C383 TI1-DS90C383_11 Datasheet
410Kb / 22P
[Old version datasheet]   3.3V Programmable LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz
DS90CF383B TI1-DS90CF383B_15 Datasheet
1Mb / 18P
[Old version datasheet]   3.3V Programmable LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com