Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS627451DSST Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS627451DSST
Description  Dual-cell Ultra Low IQ Step Down Converter for Low Power Wireless Applications
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS627451DSST Datasheet(HTML) 3 Page - Texas Instruments

  TPS627451DSST Datasheet HTML 1Page - Texas Instruments TPS627451DSST Datasheet HTML 2Page - Texas Instruments TPS627451DSST Datasheet HTML 3Page - Texas Instruments TPS627451DSST Datasheet HTML 4Page - Texas Instruments TPS627451DSST Datasheet HTML 5Page - Texas Instruments TPS627451DSST Datasheet HTML 6Page - Texas Instruments TPS627451DSST Datasheet HTML 7Page - Texas Instruments TPS627451DSST Datasheet HTML 8Page - Texas Instruments TPS627451DSST Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
VSEL2
VSEL4
GND
VIN
EN
SW 2
3
12
11
10
EN_VIN_SW 4
9
VSEL1
VSEL3
8
7
5
6
VOUT
VIN_SW
PG
DSS Package
12-Pin WSON
Top View
1
TPS62745, TPS627451
www.ti.com
SLVSC68A – JUNE 2015 – REVISED JUNE 2015
5 Device Comparison Table
(1)
Device Number
Output voltage range
marking
TPS62745
1.8 V to 3.3 V in 100-mV steps
PD5I
TPS627451
1.3 V to 2.8 V in 100-mV steps
PD6I
(1) For all available packages, see the orderable addendum at the end of the datasheet.
6 Pin Configuration and Functions
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
VIN power supply pin. Connect this pin close to the VIN terminal of the input capacitor. A
VIN
1
PWR
ceramic capacitor of 4.7 µF from this pin to GND is required.
This is the switch pin which is connected to the internal MOSFET switches. Connect the
SW
2
OUT
inductor to this terminal.
GND supply pin. Connect this pin close to the GND terminal of the input and output
GND
3
PWR
capacitor.
This pin connects / disconnects the internal switch from VIN to pin VIN_SW. With
EN_VIN_SW
4
IN
EN_VIN_SW = Low, the switch is open. With EN_VIN_SW = High, the switch is closed
connecting VIN with VIN_SW. If not used, the pin should be tied to GND.
Feedback pin for the internal feedback divider network and regulation loop. Connect this pin
VOUT
5
IN
directly to the output capacitor with a short trace.
This is the output of a switch connecting VIN with VIN_SW when EN_VIN_SW = High. If not
VIN_SW
6
OUT
used, leave this pin open.
PG
7
OUT
This is an open drain power good output.
VSEL4
8
IN
VSEL3
9
IN
Output voltage selection pins. See Table 1 and Table 2 for VOUT selection. These pins must
be terminated.
VSEL2
10
IN
VSEL1
11
IN
High level enables the devices, low level turns the device into shutdown mode. This pin must
EN
12
IN
be terminated.
EXPOSED
Not electrically connected to the IC. Connect this pad to GND and use it as a central GND
THERMAL
NC
plane.
PAD
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: TPS62745 TPS627451


Similar Part No. - TPS627451DSST

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62745 TI-TPS62745_15 Datasheet
4Mb / 34P
[Old version datasheet]   TPS62745 Dual-cell Ultra Low IQ Step Down Converter for Low Power Wireless Applications
More results

Similar Description - TPS627451DSST

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62745 TI-TPS62745_15 Datasheet
4Mb / 34P
[Old version datasheet]   TPS62745 Dual-cell Ultra Low IQ Step Down Converter for Low Power Wireless Applications
TPS62740 TI1-TPS62740_16 Datasheet
2Mb / 32P
[Old version datasheet]   360nA IQ Step Down Converter For Low Power Applications
TPS62740 TI1-TPS62740 Datasheet
3Mb / 32P
[Old version datasheet]   360nA IQ Step Down Converter for Low Power Applications
TPS62730 TI1-TPS62730_14 Datasheet
5Mb / 29P
[Old version datasheet]   Step Down Converter with Bypass Mode for Ultra Low Power Wireless Applications
TPS62730_1107 TI-TPS62730_1107 Datasheet
4Mb / 27P
[Old version datasheet]   Step Down Converter with Bypass Mode for Ultra Low Power Wireless Applications
TPS62730 TI-TPS62730_12 Datasheet
5Mb / 28P
[Old version datasheet]   Step Down Converter with Bypass Mode for Ultra Low Power Wireless Applications
TPS62730 TI-TPS62730_15 Datasheet
5Mb / 27P
[Old version datasheet]   TPS6273x Step-Down Converter With Bypass Mode for Ultra Low-Power Wireless Applications
TPS62730 TI1-TPS62730 Datasheet
4Mb / 25P
[Old version datasheet]   Step Down Converter with Bypass Mode for Ultra Low Power Wireless
MAY2011
TPS82740A TI-TPS82740A_15 Datasheet
2Mb / 30P
[Old version datasheet]   TPS82740x 360nA IQ MicroSIPTM Step Down Converter Module for Low Power Applications
TPS82740A TI1-TPS82740A_16 Datasheet
2Mb / 28P
[Old version datasheet]   MicroSIP Step Down Converter Module for Low Power Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com