Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS62742DSSR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62742DSSR
Description  360nA IQ Step Down Converter For Low Power Applications
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62742DSSR Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS62742DSSR Datasheet HTML 7Page - Texas Instruments TPS62742DSSR Datasheet HTML 8Page - Texas Instruments TPS62742DSSR Datasheet HTML 9Page - Texas Instruments TPS62742DSSR Datasheet HTML 10Page - Texas Instruments TPS62742DSSR Datasheet HTML 11Page - Texas Instruments TPS62742DSSR Datasheet HTML 12Page - Texas Instruments TPS62742DSSR Datasheet HTML 13Page - Texas Instruments TPS62742DSSR Datasheet HTML 14Page - Texas Instruments TPS62742DSSR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
TPS62740, TPS62742
www.ti.com
SLVSB02B – NOVEMBER 2013 – REVISED JULY 2014
Device Functional Modes (continued)
9.4.3 Internal Current Limit
The TPS6274x integrates a current limit on the high side, as well the low side MOSFETs to protect the device
against overload or short circuit conditions. The peak current in the switches is monitored cycle by cycle. If the
high side MOSFET current limit is reached, the high side MOSFET is turned off and the low side MOSFET is
turned on until the current decreases below the low side MOSFET current limit.
9.4.4 Dynamic Voltage Scaling with VSEL Interface
During operation, the output voltage of the device can be changed, see Figure 47. The device will not actively
ramp down the output voltage from a higher to a lower level.
Copyright © 2013–2014, Texas Instruments Incorporated
Submit Documentation Feedback
11


Similar Part No. - TPS62742DSSR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62740 TI1-TPS62740 Datasheet
3Mb / 32P
[Old version datasheet]   360nA IQ Step Down Converter for Low Power Applications
TPS62740DSSR TI1-TPS62740DSSR Datasheet
3Mb / 32P
[Old version datasheet]   360nA IQ Step Down Converter for Low Power Applications
TPS62740DSST TI1-TPS62740DSST Datasheet
3Mb / 32P
[Old version datasheet]   360nA IQ Step Down Converter for Low Power Applications
TPS62740EVM-186 TI-TPS62740EVM-186 Datasheet
453Kb / 14P
[Old version datasheet]   TPS62740EVM-186 Evaluation Module
TPS62743 TI1-TPS62743 Datasheet
1Mb / 25P
[Old version datasheet]   300/400 mA High Efficiency Buck Converter with Ultra-low Quiescent Current
More results

Similar Description - TPS62742DSSR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62740 TI1-TPS62740 Datasheet
3Mb / 32P
[Old version datasheet]   360nA IQ Step Down Converter for Low Power Applications
TPS82740A TI-TPS82740A_15 Datasheet
2Mb / 30P
[Old version datasheet]   TPS82740x 360nA IQ MicroSIPTM Step Down Converter Module for Low Power Applications
TPS62745 TI1-TPS62745_16 Datasheet
4Mb / 34P
[Old version datasheet]   Dual-cell Ultra Low IQ Step Down Converter for Low Power Wireless Applications
TPS62745 TI-TPS62745_15 Datasheet
4Mb / 34P
[Old version datasheet]   TPS62745 Dual-cell Ultra Low IQ Step Down Converter for Low Power Wireless Applications
TPS82740A TI1-TPS82740A_16 Datasheet
2Mb / 28P
[Old version datasheet]   MicroSIP Step Down Converter Module for Low Power Applications
logo
Linear Technology
LTC3892-2 LINER-LTC3892-2 Datasheet
426Kb / 8P
   60V, Low IQ Multiphase Synchronous Step-Down Converter
logo
Monolithic Power System...
EV2269-D-00A MPS-EV2269-D-00A Datasheet
759Kb / 6P
   30V, 1A, Low IQ Step-Down Converter Evaluation Board
logo
Richtek Technology Corp...
RTQ2102A-QA RICHTEK-RTQ2102A-QA Datasheet
254Kb / 16P
   1.5A, 6V, Low IQ ACOT Synchronous Step-Down Converter
October 2019
logo
ELMOS Semiconductor AG
E522.71 ELMOS-E522.71 Datasheet
307Kb / 2P
   LOW POWER STEP DOWN CONVERTER
logo
Texas Instruments
TPS62730 TI1-TPS62730_14 Datasheet
5Mb / 29P
[Old version datasheet]   Step Down Converter with Bypass Mode for Ultra Low Power Wireless Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com