Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS62742DSST Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62742DSST
Description  360nA IQ Step Down Converter For Low Power Applications
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62742DSST Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS62742DSST Datasheet HTML 4Page - Texas Instruments TPS62742DSST Datasheet HTML 5Page - Texas Instruments TPS62742DSST Datasheet HTML 6Page - Texas Instruments TPS62742DSST Datasheet HTML 7Page - Texas Instruments TPS62742DSST Datasheet HTML 8Page - Texas Instruments TPS62742DSST Datasheet HTML 9Page - Texas Instruments TPS62742DSST Datasheet HTML 10Page - Texas Instruments TPS62742DSST Datasheet HTML 11Page - Texas Instruments TPS62742DSST Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
UVLO
EN
Gate Driver
Anti
Shoot-Through
Current
Limit Comparator
SW
Limit
High Side
VIN
GND
PMOS
NMOS
PG
PG Comp
V
TH_UVLO
VIN
UVLO
Comp
Softstart
Control
Logic
VOUT
V
FB
Main
Comparator
Direct Control
& Compensation
Error
amplifier
Min. On
Min. OFF
VIN
VOUT
Timer
DCS
Control
Current
Limit Comparator
Limit
Low Side
Power Stage
UVLO
Slew Rate
Control
VOUT
Discharge
Load Switch
EN
UVLO
CTRL
LOAD
Internal
feedback
divider
network*
VSEL 1
VSEL 2
VSEL 3
VSEL 4
Ultra Low Power
Reference V
= 1.2V
REF
V
TH_100
VIN
Auto 100% Mode
Comp
100%
Mode
V
TH_PG
V
Discharge
OUT
V
FB
UVLO
EN
EN
CTRL
VOUT
* typical 50MW
V
REF
V
FB
TPS62740, TPS62742
SLVSB02B – NOVEMBER 2013 – REVISED JULY 2014
www.ti.com
9 Detailed Description
9.1 Overview
The TPS6274x is the first step down converter with an ultra low quiescent current consumption (360nA typ.) and
featuring TI's DCS-Control™ topology while maintaining a regulated output voltage. The device extends high
efficiency operation to output currents down to a few micro amperes.
9.2 Functional Block Diagram
9.3 Feature Description
9.3.1 DCS-Control™
TI's DCS-Control™ (Direct Control with Seamless Transition into Power Save Mode) is an advanced regulation
topology, which combines the advantages of hysteretic and voltage mode control. Characteristics of DCS-
Control™ are excellent AC load regulation and transient response, low output ripple voltage and a seamless
transition between PFM and PWM mode operation. DCS-Control™ includes an AC loop which senses the output
voltage (VOUT pin) and directly feeds the information to a fast comparator stage. This comparator sets the
switching frequency, which is constant for steady state operating conditions, and provides immediate response to
dynamic load changes. In order to achieve accurate DC load regulation, a voltage feedback loop is used. The
internally compensated regulation network achieves fast and stable operation with small external components
and low ESR capacitors.
8
Submit Documentation Feedback
Copyright © 2013–2014, Texas Instruments Incorporated


Similar Part No. - TPS62742DSST

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62740 TI1-TPS62740 Datasheet
3Mb / 32P
[Old version datasheet]   360nA IQ Step Down Converter for Low Power Applications
TPS62740DSSR TI1-TPS62740DSSR Datasheet
3Mb / 32P
[Old version datasheet]   360nA IQ Step Down Converter for Low Power Applications
TPS62740DSST TI1-TPS62740DSST Datasheet
3Mb / 32P
[Old version datasheet]   360nA IQ Step Down Converter for Low Power Applications
TPS62740EVM-186 TI-TPS62740EVM-186 Datasheet
453Kb / 14P
[Old version datasheet]   TPS62740EVM-186 Evaluation Module
TPS62743 TI1-TPS62743 Datasheet
1Mb / 25P
[Old version datasheet]   300/400 mA High Efficiency Buck Converter with Ultra-low Quiescent Current
More results

Similar Description - TPS62742DSST

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62740 TI1-TPS62740 Datasheet
3Mb / 32P
[Old version datasheet]   360nA IQ Step Down Converter for Low Power Applications
TPS82740A TI-TPS82740A_15 Datasheet
2Mb / 30P
[Old version datasheet]   TPS82740x 360nA IQ MicroSIPTM Step Down Converter Module for Low Power Applications
TPS62745 TI1-TPS62745_16 Datasheet
4Mb / 34P
[Old version datasheet]   Dual-cell Ultra Low IQ Step Down Converter for Low Power Wireless Applications
TPS62745 TI-TPS62745_15 Datasheet
4Mb / 34P
[Old version datasheet]   TPS62745 Dual-cell Ultra Low IQ Step Down Converter for Low Power Wireless Applications
TPS82740A TI1-TPS82740A_16 Datasheet
2Mb / 28P
[Old version datasheet]   MicroSIP Step Down Converter Module for Low Power Applications
logo
Linear Technology
LTC3892-2 LINER-LTC3892-2 Datasheet
426Kb / 8P
   60V, Low IQ Multiphase Synchronous Step-Down Converter
logo
Monolithic Power System...
EV2269-D-00A MPS-EV2269-D-00A Datasheet
759Kb / 6P
   30V, 1A, Low IQ Step-Down Converter Evaluation Board
logo
Richtek Technology Corp...
RTQ2102A-QA RICHTEK-RTQ2102A-QA Datasheet
254Kb / 16P
   1.5A, 6V, Low IQ ACOT Synchronous Step-Down Converter
October 2019
logo
ELMOS Semiconductor AG
E522.71 ELMOS-E522.71 Datasheet
307Kb / 2P
   LOW POWER STEP DOWN CONVERTER
logo
Texas Instruments
TPS62730 TI1-TPS62730_14 Datasheet
5Mb / 29P
[Old version datasheet]   Step Down Converter with Bypass Mode for Ultra Low Power Wireless Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com