Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS61029QDRCRQ1 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61029QDRCRQ1
Description  TPS6102x 96 Efficient Synchronous Boost Converters
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS61029QDRCRQ1 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS61029QDRCRQ1 Datasheet HTML 3Page - Texas Instruments TPS61029QDRCRQ1 Datasheet HTML 4Page - Texas Instruments TPS61029QDRCRQ1 Datasheet HTML 5Page - Texas Instruments TPS61029QDRCRQ1 Datasheet HTML 6Page - Texas Instruments TPS61029QDRCRQ1 Datasheet HTML 7Page - Texas Instruments TPS61029QDRCRQ1 Datasheet HTML 8Page - Texas Instruments TPS61029QDRCRQ1 Datasheet HTML 9Page - Texas Instruments TPS61029QDRCRQ1 Datasheet HTML 10Page - Texas Instruments TPS61029QDRCRQ1 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
0.9 1.5
2
2.5
3
3.5
4
4.5
5
6
6.5
5.5
VI - Input Voltage - V
-0.2
4.8
9.8
14.8
19.8
24.8
29.8
34.8
TA = 85°C
TA = -40°C
TA = 25°C
0
0.2
0.4
0.6
0.8
1.2
1.6
0.9 1.5
2
2.5
3
3.5
4
4.5
5
6
6.5
5.5
VI - Input Voltage - V
TA = 85°C
TA = 25°C
1
1.4
TA = -40°C
IO - Output Current - mA
VBAT = 3.6 V
4.80
4.85
4.90
4.95
5
5.05
5.10
1
10
100
1000
VO = 5 V
50
55
60
65
70
75
80
85
90
95
100
0.9 1.4 1.9 2.4 2.9 3.4 3.9 4.4 4.9 5.4 5.9
VI - Input Voltage - V
IO = 100 mA
VO = 5 V
IO = 250 mA
IO = 10 mA
6.4
3.20
3.25
3.30
3.35
1
10
100
1000
IO - Output Current - mA
VBAT = 2.4 V
VO = 3.3 V
TPS61025-Q1, TPS61027-Q1, TPS61029-Q1
www.ti.com
SLVSA31A – NOVEMBER 2009 – REVISED DECEMBER 2014
Figure 6. TPS61025 Output Voltage vs Output Current
Figure 5. TPS61027 Efficiency vs Input Voltage
Figure 7. TPS61027 Output Voltage vs Output Current
Figure 8. No Load Supply Current Into VBAT vs Input
Voltage
Figure 9. No Load Supply Current Into VOUT vs Input Voltage
Copyright © 2009–2014, Texas Instruments Incorporated
Submit Documentation Feedback
7
TPS61029-Q1


Similar Part No. - TPS61029QDRCRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61029QDRCRQ1 TI1-TPS61029QDRCRQ1 Datasheet
764Kb / 27P
[Old version datasheet]   96% EFFICIENT SYNCHRONOUS BOOST CONVERTERS
More results

Similar Description - TPS61029QDRCRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61029-Q1 TI-TPS61029-Q1_15 Datasheet
1Mb / 31P
[Old version datasheet]   TPS6102x 96% Efficient Synchronous Boost Converters
TPS61020 TI-TPS61020_15 Datasheet
1Mb / 31P
[Old version datasheet]   TPS6102x 96% Efficient Synchronous Boost Converter
TPS61029-Q1 TI1-TPS61029-Q1 Datasheet
764Kb / 27P
[Old version datasheet]   96% EFFICIENT SYNCHRONOUS BOOST CONVERTERS
TPS61020 TI-TPS61020_07 Datasheet
548Kb / 27P
[Old version datasheet]   96% EFFICIENT SYNCHRONOUS BOOST CONVERTER
TPS61030 TI-TPS61030_10 Datasheet
878Kb / 28P
[Old version datasheet]   96% EFFICIENT SYNCHRONOUS BOOST CONVERTER WITH 4A SWITCH
TPS61030 TI-TPS61030 Datasheet
375Kb / 20P
[Old version datasheet]   96% EFFICIENT SYNCHRONOUS BOOST CONVERTER WITH 4A SWITCH
TPS61030 TI1-TPS61030_17 Datasheet
1Mb / 33P
[Old version datasheet]   96% Efficient Synchronous Boost Converter With 4A Switch
TPS61020 TI-TPS61020 Datasheet
638Kb / 22P
[Old version datasheet]   96% EFFICIENT SYNCHRONOUS BOOST CONVERTER WITH 1.5-A SWITCH
TPS61030 TI-TPS61030_15 Datasheet
1Mb / 31P
[Old version datasheet]   TPS6103x 96% Efficient Synchronous Boost Converter With 4A Switch
TPS61071-Q1 TI1-TPS61071-Q1_15 Datasheet
1Mb / 28P
[Old version datasheet]   Efficient Synchronous Boost Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com