Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBRB1630 Datasheet(PDF) 1 Page - Diode Semiconductor Korea

Part # MBRB1630
Description  SCHOTTKY BARRIER RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea

MBRB1630 Datasheet(HTML) 1 Page - Diode Semiconductor Korea

  MBRB1630 Datasheet HTML 1Page - Diode Semiconductor Korea MBRB1630 Datasheet HTML 2Page - Diode Semiconductor Korea  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
10.2± 0.2
0.8± 0.1
5.0± 0.5
1.4± 0.2
4.5± 0.2
0.4± 0.1
PIN
1.3± 0.1
1
3
2
2
4
0.1± 0.1
FEATURES
MECHANICAL DATA
Position: Any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
am bient tem perature unless otherwise specified.
UNITS
Maximum recurrent peak reverse voltage
VRRM
V
Maximum RMS Voltage
VRMS
V
Maximum DC blocking voltage
VDC
V
Maximum average forw ard total device
m rectified current @T
C = 125°C
IF(AV)
A
Peak forw ard surge current 8.3ms single half
b sine-w ave superimposed on rated load
IFSM
A
Maximum forw ard
(IF=16A,TC=25 )
voltage
(Note 1)
(IF=16A,TC=125
)
Maximum reverse current
@T
C=25
at rated DC blocking voltage
@T
C=125
Maximum thermal resistance (Note2)
R θJC
/W
Operating junction temperature range
TJ
Storage temperature range
TSTG
2. Thermal resistance from junction to case.
m A
30
35
40
45
50
60
90
100
16
150
21
25
28
32
35
42
63
70
30
35
40
45
50
60
90
100
VOLTAGE RANGE: 30 - 100 V
CURRENT: 16 A
Metal silicon junction, m ajority carrier conduction.
Case:JEDEC D2PAK,m olded plastic body
SCHOTTKY BARRIER RECTIFIERS
High current capacity, low forward voltage drop.
NOTE: 1. Pulse test:300μs pulse width,1% duty cy cle.
-
55 ---- + 175
-
55 ---- + 150
Term inals:Solderable per MIL-STD-750,
1 1
Method 2026
IR
VF
0.2
1.0
1.5
D2PAK
MBRB1630---MBRB16100
MBRB MBRB MBRB MBRB MBRB MBRB MBRB MBRB
1630
1635
1640
1645 1650
1660
1690 16100
Guard ring for over voltage protection.
High surge capacity.
For use in low voltage, high frequency inverters, free
111wheeling, and polarity protection applications.
Polarity: As m arked
Weight: 0.087 ounces,2.2 gram
40
50
V
0.63
0.57
0.75
0.85
0.65
-
Single phase,half wave,60Hz,resistive or inductive load.For capactive load,derate current by 20%.
Dimensions in millimeters
Diode Semiconductor Korea
www.diode.kr


Similar Part No. - MBRB1630

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MBRB1630CT MCC-MBRB1630CT Datasheet
594Kb / 3P
   16 Amp Schottky Barrier Rectifier 20 to 60 Volts
MBRB1630CT MCC-MBRB1630CT Datasheet
592Kb / 3P
   16 Amp Schottky Barrier Rectifier 20 to 60 Volts
More results

Similar Description - MBRB1630

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LMBR1200ETIG LRC-LMBR1200ETIG Datasheet
495Kb / 11P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
SB220 LRC-SB220 Datasheet
262Kb / 7P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
logo
Diotec Semiconductor
SBT1020 DIOTEC-SBT1020 Datasheet
378Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS, SCHOTTKY BARRIER GLEICHRICHTER
logo
Shenzhen Ping Sheng Ele...
15SQ030 PFS-15SQ030 Datasheet
269Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
1N5817 PANJIT-1N5817_09 Datasheet
49Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Comchip Technology
MBR20H100FCT-G COMCHIP-MBR20H100FCT-G Datasheet
87Kb / 3P
   Schottky Barrier Rectifiers
logo
Pan Jit International I...
SD1020CT PANJIT-SD1020CT_05 Datasheet
426Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
HY ELECTRONIC CORP.
1N5817 HY-1N5817 Datasheet
34Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR520 HY-SR520 Datasheet
42Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR830T HY-SR830T Datasheet
39Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR2030CT HY-SR2030CT Datasheet
40Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com