Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS61088RHLT Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61088RHLT
Description  TPS61088 10-A Fully-Integrated Synchronous Boost Converter
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS61088RHLT Datasheet(HTML) 5 Page - Texas Instruments

  TPS61088RHLT Datasheet HTML 1Page - Texas Instruments TPS61088RHLT Datasheet HTML 2Page - Texas Instruments TPS61088RHLT Datasheet HTML 3Page - Texas Instruments TPS61088RHLT Datasheet HTML 4Page - Texas Instruments TPS61088RHLT Datasheet HTML 5Page - Texas Instruments TPS61088RHLT Datasheet HTML 6Page - Texas Instruments TPS61088RHLT Datasheet HTML 7Page - Texas Instruments TPS61088RHLT Datasheet HTML 8Page - Texas Instruments TPS61088RHLT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
5
TPS61088
www.ti.com
SLVSCM8A – MAY 2015 – REVISED MAY 2015
Product Folder Links: TPS61088
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
7.5 Electrical Characteristics
Minimum and maximum values are at VIN = 2.7 V to 5.5 V and TJ = -40°C to 125°C. Typical values are at VIN = 3.6 V and TJ =
25°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
POWER SUPPLY
VIN
Input voltage range
2.7
12
V
VIN_UVLO
Undervoltage lockout (UVLO)
threshold
VIN rising
2.7
V
VIN falling
2.4
2.5
V
VIN_HYS
VIN UVLO hysteresis
200
mV
VCC_UVLO
UVLO threshold
VCC falling
2.1
V
IQ
Operating quiescent current from the
VIN pin
IC enabled, VEN = 2 V, no load, RILIM = 100
kΩ , VFB = 1.3 V, VOUT = 12 V, TJ up to 85°C
1
3
µA
Operating quiescent current from the
VOUT pin
110
250
µA
ISD
Shutdown current into the VIN pin
IC disabled, VEN = 0 V, no load, no feedback
resistor divider connected to the VOUT pin, TJ
up to 85°C
1
3
µA
VCC
VCC regulation
IVCC = 5 mA, VIN = 8 V
5.8
V
EN AND MODE INPUT
VENH
EN high threshold voltage
VCC = 6 V
1.2
V
VENL
EN low threshold voltage
VCC = 6 V
0.4
V
REN
EN internal pull-down resistance
VCC = 6 V
800
k
VMODEH
MODE high threshold voltage
VCC = 6 V
4.0
V
VMODEL
MODE low threshold voltage
VCC = 6 V
1.5
V
RMODE
MODE internal pull-up resistance
VCC = 6 V
800
k
OUTPUT
VOUT
Output voltage range
4.5
12.6
V
VREF
Reference voltage at the FB pin
PWM mode
1.186
1.204
1.222
V
PFM mode
1.212
ILKG_FB
FB pin leakage current
VFB = 1.2 V
100
nA
ISS
Soft-start charging current
5
μA
ERROR AMPLIFIER
ISINK
COMP pin sink current
VFB = VREF +200 mV, VCOMP = 1.5 V
20
µA
ISOURCE
COMP pin source current
VFB = VREF –200 mV, VCOMP = 1.5 V
20
µA
VCCLPH
High clamp voltage at the COMP pin
VFB = 1 V, RILIM = 100 kΩ
2.3
V
VCCLPL
Low clamp voltage at the COMP pin
VFB = 1.5 V, RILIM = 100 kΩ, MODE pin floating
1.4
GEA
Error amplifier transconductance
VCOMP = 1.5 V
190
µA/V
POWER SWITCH
RDS(on)
High-side MOSFET on-resistance
VCC = 6 V
13
18
m
Low-side MOSFET on-resistance
VCC = 6 V
11
16.5
m
CURRENT LIMIT
ILIM
Peak switch current limit in PFM
mode
RILIM = 100 kΩ, VCC = 6 V, MODE pin floating
10.6
11.9
13
A
Peak switch current limit in FPWM
mode
RILIM = 100 kΩ, VCC = 6 V, MODE pin short to
ground
9.0
10.3
11.4
A
VILIM
Reference voltage at the ILIM pin
1.204
V
SWITCHING FREQUENCY
ƒSW
Switching frequency
RFREQ = 301 kΩ, VIN = 3.6 V, VOUT = 12 V
500
kHz
tON_min
Minimum on-time
RFREQ = 301 kΩ, VIN = 3.6 V, VOUT = 12 V
90
180
ns
PROTECTION
VOVP
Output overvoltage protection
threshold
VOUT rising
12.7
13.2
13.6
V


Similar Part No. - TPS61088RHLT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61088 TI1-TPS61088 Datasheet
1Mb / 35P
[Old version datasheet]   10-A Fully-Integrated Synchronous Boost Converter
TPS61088 TI1-TPS61088 Datasheet
1Mb / 32P
[Old version datasheet]   10-A Fully-Integrated Synchronous Boost Converter
TPS61088-Q1 TI1-TPS61088-Q1 Datasheet
1Mb / 35P
[Old version datasheet]   10-A Fully-Integrated Synchronous Boost Converter
TPS61088-Q1 TI1-TPS61088-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   10-A Fully-Integrated Synchronous Boost Converter
TPS61088-Q1 TI1-TPS61088-Q1_18 Datasheet
1Mb / 32P
[Old version datasheet]   10-A Fully-Integrated Synchronous Boost Converter
More results

Similar Description - TPS61088RHLT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61088 TI-TPS61088_15 Datasheet
1Mb / 30P
[Old version datasheet]   TPS61088 10-A Fully-Integrated Synchronous Boost Converter
TPS61088-Q1 TI1-TPS61088-Q1_18 Datasheet
1Mb / 32P
[Old version datasheet]   10-A Fully-Integrated Synchronous Boost Converter
TPS61088-Q1 TI1-TPS61088-Q1 Datasheet
1Mb / 35P
[Old version datasheet]   10-A Fully-Integrated Synchronous Boost Converter
logo
Shenzhen Huazhimei Semi...
HM5167 HMSEMI-HM5167 Datasheet
1Mb / 18P
   13V, 10A fully integrated synchronous boost converter
HM5168 HMSEMI-HM5168 Datasheet
1Mb / 19P
   20V, 14A fully integrated synchronous boost converter
logo
Texas Instruments
TPS61288 TI-TPS61288_V01 Datasheet
2Mb / 30P
[Old version datasheet]   TPS61288 18-V, 15-A, Fully Integrated Synchronous Boost Converter
DECEMBER 2021
TPS61288 TI-TPS61288 Datasheet
2Mb / 25P
[Old version datasheet]   TPS61288 18-V, 15-A, Fully Integrated Synchronous Boost Converter
logo
Monolithic Power System...
MP3429 MPS-MP3429 Datasheet
1Mb / 22P
   16VOUT, 21A, High-Efficiency, Fully Integrated, Synchronous, Boost Converter
logo
Texas Instruments
TPS61033 TI-TPS61033 Datasheet
2Mb / 28P
[Old version datasheet]   TPS61033 5.5-V 5.5-A 2.4-MHz Fully-Integrated Synchronous Boost Converter
OCTOBER 2022
TPS61178 TI1-TPS61178 Datasheet
728Kb / 35P
[Old version datasheet]   20-V, 10-A Fully-Integrated Synchronous Boost with Load Disconnect Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com