Electronic Components Datasheet Search |
|
EEEFK1A471GP Datasheet(PDF) 4 Page - Panasonic Semiconductor |
|
EEEFK1A471GP Datasheet(HTML) 4 Page - Panasonic Semiconductor |
4 / 4 page Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use. Should a safety concern arise regarding this product, please be sure to contact us immediately. Aluminum Electrolytic Capacitors (SMD Type) Rated voltage (V.DC) Cap. (±20 %) (µF) Case size (mm) Size ✽ code Specification Part No. Reflow Min. Packaging Q'ty 0DL Ripple current (100 kHz) (+105 °C) (mA r.m.s.) Impedance (100 kHz) (+20 °C) ( Ω) tan d (120 Hz) (+20 °C) Taping (pcs) 6.3 470 8 10.2 F 600 0.16 0.26 EEEFK0J471GP (2) 500 1000 8 10.2 F 600 0.16 0.26 EEEFK0J102GP (2) 500 1500 10 10.2 G 850 0.08 0.26 EEEFK0J152GP (2) 500 10 330 8 10.2 F 600 0.16 0.19 EEEFK1A331GP (2) 500 470 8 10.2 F 600 0.16 0.19 EEEFK1A471GP (2) 500 680 8 10.2 F 600 0.16 0.19 EEEFK1A681GP (2) 500 1000 10 10.2 G 850 0.08 0.19 EEEFK1A102GP (2) 500 16 330 8 10.2 F 600 0.16 0.16 EEEFK1C331GP (2) 500 470 8 10.2 F 600 0.16 0.16 EEEFK1C471GP (2) 500 680 10 10.2 G 850 0.08 0.16 EEEFK1C681GP (2) 500 25 150 8 10.2 F 600 0.16 0.14 EEEFK1E151GP (2) 500 220 8 10.2 F 600 0.16 0.14 EEEFK1E221GP (2) 500 330 8 10.2 F 600 0.16 0.14 EEEFK1E331GP (2) 500 470 10 10.2 G 850 0.08 0.14 EEEFK1E471GP (2) 500 35 100 8 10.2 F 600 0.16 0.12 EEEFK1V101GP (2) 500 150 8 10.2 F 600 0.16 0.12 EEEFK1V151GP (2) 500 220 8 10.2 F 600 0.16 0.12 EEEFK1V221GP (2) 500 330 10 10.2 G 850 0.08 0.12 EEEFK1V331GP (2) 500 50 100 8 10.2 F 350 0.34 0.10 EEEFK1H101GP (2) 500 150 10 10.2 G 670 0.18 0.10 EEEFK1H151GP (2) 500 220 10 10.2 G 670 0.18 0.10 EEEFK1H221GP (2) 500 · Please refer to the page of “Reflow Profile” and “The Taping Dimensions”. · When requesting vibration-proof product, please put the last “V” instead to “P” Rated voltage (V.DC) Cap. (±20 %) (µF) Case size (mm) Size ✽ code Specification Part No. Reflow Min. Packaging Q'ty 0DL Ripple current (100 kHz) (+105 °C) (mA r.m.s.) Impedance (100 kHz) (+20 °C) ( Ω) tan d (120 Hz) (+20 °C) Taping (pcs) 100 22 8 10.2 F 130 1.30 0.07 EEEFK2A220P (2) 500 33 10 10.2 G 200 0.70 0.07 EEEFK2A330P (2) 500 47 12.5 13.5 H13 500 0.32 0.07 EEVFK2A470Q (3) 200 68 12.5 13.5 H13 500 0.32 0.07 EEVFK2A680Q (3) 200 100 16 16.5 J16 793 0.17 0.07 EEVFK2A101M (3) 125 150 16 16.5 J16 793 0.17 0.07 EEVFK2A151M (3) 125 220 18 16.5 K16 917 0.153 0.07 EEVFK2A221M (3) 125 330 18 16.5 K16 917 0.153 0.07 EEVFK2A331M (3) 125 ✽ Size code( ) : Miniaturization product · Please refer to the page of “Reflow Profile” and “The Taping Dimensions”. Endurance : 105 °C 2000 h ( > 012.5 : 5000 h) Endurance : 105 °C 5000 h Characteristics list Characteristics list Mar. 2016 02 |
Similar Part No. - EEEFK1A471GP |
|
Similar Description - EEEFK1A471GP |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |