Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMV1235 Datasheet(PDF) 7 Page - Skyworks Solutions Inc.

Part # SMV1235
Description  Hyperabrupt Junction Tuning Varactors
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SMV1235 Datasheet(HTML) 7 Page - Skyworks Solutions Inc.

Back Button SMV1235 Datasheet HTML 3Page - Skyworks Solutions Inc. SMV1235 Datasheet HTML 4Page - Skyworks Solutions Inc. SMV1235 Datasheet HTML 5Page - Skyworks Solutions Inc. SMV1235 Datasheet HTML 6Page - Skyworks Solutions Inc. SMV1235 Datasheet HTML 7Page - Skyworks Solutions Inc. SMV1235 Datasheet HTML 8Page - Skyworks Solutions Inc. SMV1235 Datasheet HTML 9Page - Skyworks Solutions Inc. SMV1235 Datasheet HTML 10Page - Skyworks Solutions Inc. SMV1235 Datasheet HTML 11Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
DATA SHEET • SMV123x VARACTORS
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
200058V • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • August 7, 2015
7
3
2
1
0.031 (0.80 mm) Min.
0.039 (1.00 mm) Max.
0.000 (0.00 mm) Min.
0.004 (0.10 mm) Max.
0.010 (0.25 mm) Min.
0.016 (0.40 mm) Max.
0.071 (1.80 mm) Min.
0.087 (2.20 mm) Max.
0.071 (1.80 mm) Min.
0.094 (2.40 mm) Max.
0.045 (1.15 mm) Min.
0.053 (1.35 mm) Max.
0.026 (0.65 mm) Ref.
0.051 (1.30 mm) Ref.
0.004 (0.10 mm) Min.
0.007 (0.18 mm) Max.
0.004 (0.10 mm) Min.
0.012 (0.30 mm) Max.
0.014 (0.35 mm) Ref.
S1653
Dimensions are in inches (millimeters shown in parentheses)
Figure 6. SC-70 Package Dimensions
4.00
(See Note 1)
1.00
2.25 (Ao)
4.00
2.00
1.75 ± 0.10
A
A
A
T ± 0.05
1.19 (Ko)
0.59
∅0.76 Min.
∅1.50 +0.1/–0
Pin 1
R 0.3 Typ.
S1685c
2.00 ± 0.05
(See Note 3)
R 0.20 Max.
Notes:
1. Sprocket hole pitch cumulative tolerance ±0.2.
2. Carrier tape: black conductive polystyrene.
3. Pocket position relative to sprocket hole measured
as true position of pocket, not pocket hole.
4. Cover tape material: transparent conductive PSA with 9.2 mm width.
5. All measurements are in millimeters.
Figure 7. SC-70 Tape and Reel Dimensions


Similar Part No. - SMV1235

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SMV1235 SKYWORKS-SMV1235 Datasheet
179Kb / 7P
   Hyperabrupt Tuning Varactors
logo
Alpha Industries
SMV1235-001 ALPHA-SMV1235-001 Datasheet
42Kb / 4P
   Hyperabrupt Tuning Varactors
logo
Skyworks Solutions Inc.
SMV1235-001 SKYWORKS-SMV1235-001 Datasheet
179Kb / 7P
   Hyperabrupt Tuning Varactors
logo
Alpha Industries
SMV1235-004 ALPHA-SMV1235-004 Datasheet
42Kb / 4P
   Hyperabrupt Tuning Varactors
logo
Skyworks Solutions Inc.
SMV1235-004 SKYWORKS-SMV1235-004 Datasheet
179Kb / 7P
   Hyperabrupt Tuning Varactors
More results

Similar Description - SMV1235

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SMV1129 SKYWORKS-SMV1129 Datasheet
119Kb / 4P
   Hyperabrupt Junction Tuning Varactors
SMV1770-079 SKYWORKS-SMV1770-079 Datasheet
140Kb / 4P
   Hyperabrupt Junction Tuning Varactors
SMV1771 SKYWORKS-SMV1771 Datasheet
539Kb / 7P
   Hyperabrupt Junction Tuning Varactors
SMV1245 SKYWORKS-SMV1245 Datasheet
524Kb / 7P
   Hyperabrupt Junction Tuning Varactors
SMV2019 SKYWORKS-SMV2019_15 Datasheet
822Kb / 10P
   Hyperabrupt Junction Tuning Varactors
SMV1281 SKYWORKS-SMV1281 Datasheet
130Kb / 4P
   Hyperabrupt Junction Tuning Varactors
SMV2019 SKYWORKS-SMV2019 Datasheet
110Kb / 9P
   Hyperabrupt Junction Tuning Varactors
logo
Alpha Industries
SMV1142 ALPHA-SMV1142 Datasheet
465Kb / 4P
   Hyperabrupt Junction Tuning Varactors
logo
Skyworks Solutions Inc.
SMV1130 SKYWORKS-SMV1130_15 Datasheet
598Kb / 8P
   Hyperabrupt Junction Tuning Varactors
SMV1247 SKYWORKS-SMV1247_16 Datasheet
940Kb / 11P
   Hyperabrupt Junction Tuning Varactors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com