Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT71V546S100PFI Datasheet(PDF) 5 Page - Integrated Device Technology

Part # IDT71V546S100PFI
Description  128K x 36, 3.3V Synchronous SRAM with ZBT Feature, Burst Counter and Pipelined Outputs
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT71V546S100PFI Datasheet(HTML) 5 Page - Integrated Device Technology

  IDT71V546S100PFI Datasheet HTML 1Page - Integrated Device Technology IDT71V546S100PFI Datasheet HTML 2Page - Integrated Device Technology IDT71V546S100PFI Datasheet HTML 3Page - Integrated Device Technology IDT71V546S100PFI Datasheet HTML 4Page - Integrated Device Technology IDT71V546S100PFI Datasheet HTML 5Page - Integrated Device Technology IDT71V546S100PFI Datasheet HTML 6Page - Integrated Device Technology IDT71V546S100PFI Datasheet HTML 7Page - Integrated Device Technology IDT71V546S100PFI Datasheet HTML 8Page - Integrated Device Technology IDT71V546S100PFI Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
6.42
5
IDT71V546, 128K x 36, 3.3V Synchronous SRAM with
ZBT
™ Feature, Burst Counter and Pipelined Outputs
Commercial and Industrial Temperature Ranges
Synchronous Truth Table(1)
Partial Truth Table for Writes(1)
NOTES:
1. L = VIL, H = VIH, X = Don’t Care.
2. When ADV/
LD signal is sampled high, the internal burst counter is incremented. The R/W signal is ignored when the counter is advanced. Therefore the nature of
the burst cycle (Read or Write) is determined by the status of the R/
W signal when the first address is loaded at the beginning of the burst cycle.
3. Deselect cycle is initiated when either (
CE1, or CE2 is sampled high or CE2 is sampled low) and ADV/LD is sampled low at rising edge of clock. The data bus will
tri-state two cycles after deselect is initiated.
4. When
CEN is sampled high at the rising edge of clock, that clock edge is blocked from propogating through the part. The state of all the internal registers and the I/
Os remains unchanged.
5. To select the chip requires
CE1 = L, CE2 = L, CE2 = H on these chip enables. Chip is deselected if either one of the chip enables is false.
6. Device Outputs are ensured to be in High-Z after the first rising edge of clock upon power-up.
7. Q - Data read from the device, D - data written to the device.
CEN
R/
W
Chip
(5)
Enable
ADV/
LD
BWx
ADDRESS
USED
PREVIOUIS CYCLE
CURRENT CYCLE
I/O
(2 cycles later)
L
L
Select
L
Valid
External
X
LOAD WRITE
D
(7)
L
H
Select
L
X
External
X
LOAD READ
Q(7)
L
X
X
H
Valid
Internal
LOAD WRITE/
BURST WRITE
BURST WRITE
(Advance Burst Counter)(2)
D(7)
L
X
X
H
X
Internal
LOAD READ/
BURST READ
BURST READ
(Advance Burst Counter)(2)
Q(7)
L
X
Deselect
L
X
X
X
DESELECT or STOP(3)
HiZ
L
X
X
H
X
X
DESELECT / NOOP
NOOP
HiZ
H
X
X
XXX
X
SUSPEND(4)
Previous Value
3821 tbl 07
NOTES:
1. L = VIL, H = VIH, X = Don’t Care.
2. Multiple bytes may be selected during the same cycle.
Operation
R/
W
BW1
BW2
BW3
BW4
READ
H
X
XXX
WRITE ALL BYTES
L
L
L
L
L
WRITE BYTE 1 (I/O [0:7], I/OP1)(2)
LL
H
H
H
WRITE BYTE 2 (I/O [8:15], I/OP2)(2)
LH
LH
H
WRITE BYTE 3 (I/O [16:23], I/OP3)(2)
LH
H
L
H
WRITE BYTE 4 (I/O [24:31], I/OP4)(2)
LH
H
H
L
NO WRITE
L
HH
HH
3821 tbl 08


Similar Part No. - IDT71V546S100PFI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71V546S IDT-IDT71V546S Datasheet
164Kb / 21P
   3.3V Synchronous SRAM
IDT71V546S IDT-IDT71V546S Datasheet
228Kb / 21P
   Synchronous SRAM with ZBT Feature Burst Counter and Pipelined Outputs
logo
Renesas Technology Corp
IDT71V546S RENESAS-IDT71V546S Datasheet
450Kb / 22P
   128K x 36, 3.3V Synchronous SRAM with ZBT™ Feature Burst Counter and Pipelined Outputs
AUGUST 2017
logo
Integrated Device Techn...
IDT71V546S IDT-IDT71V546S_08 Datasheet
164Kb / 21P
   3.3V Synchronous SRAM
IDT71V546S IDT-IDT71V546S_17 Datasheet
228Kb / 21P
   Synchronous SRAM with ZBT Feature Burst Counter and Pipelined Outputs
More results

Similar Description - IDT71V546S100PFI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
71V546S133PFG IDT-71V546S133PFG Datasheet
1,003Kb / 21P
   128K x 36, 3.3V Synchronous SRAM with ZBT??Feature, Burst Counter and Pipelined Outputs
logo
Renesas Technology Corp
IDT71V546S RENESAS-IDT71V546S Datasheet
450Kb / 22P
   128K x 36, 3.3V Synchronous SRAM with ZBT™ Feature Burst Counter and Pipelined Outputs
AUGUST 2017
logo
Integrated Device Techn...
IDT71V547 IDT-IDT71V547 Datasheet
162Kb / 19P
   128K X 36, 3.3V Synchronous SRAM with ZBT Feature, Burst Counter and Flow-Through Outputs
IDT71V546S IDT-IDT71V546S_17 Datasheet
228Kb / 21P
   Synchronous SRAM with ZBT Feature Burst Counter and Pipelined Outputs
logo
Renesas Technology Corp
71V547S RENESAS-71V547S Datasheet
297Kb / 21P
   128K X 36, 3.3V Synchronous SRAM with ZBT™ Feature, Burst Counter and Flow-Through Outputs
Apr.24.20
71V2546S RENESAS-71V2546S Datasheet
279Kb / 22P
   128K x 36 3.3V Synchronous ZBT™ SRAM 2.5V I/O, Burst Counter Pipelined Outputs
Aug.12.20
logo
Integrated Device Techn...
IDT71V3556S IDT-IDT71V3556S Datasheet
1,010Kb / 28P
   128K x 36, 256K x 18 3.3V Synchronous ZBT SRAMs 3.3V I/O, Burst Counter Pipelined Outputs
logo
Renesas Technology Corp
71V3556S RENESAS-71V3556S Datasheet
337Kb / 29P
   128K x 36, 256K x 18 3.3V Synchronous ZBT SRAMs 3.3V I/O, Burst Counter Pipelined Outputs
Aug.06.21
logo
Integrated Device Techn...
71V3558S200PFG IDT-71V3558S200PFG Datasheet
643Kb / 28P
   128K x 36, 256K x 18 3.3V Synchronous ZBT SRAMs 3.3V I/O, Burst Counter Pipelined Outputs
logo
Renesas Technology Corp
71V2556S RENESAS-71V2556S Datasheet
298Kb / 25P
   128K x 36 3.3V Synchronous ZBT™ SRAMs 2.5V I/O, Burst Counter Pipelined Outputs
Aug.20.20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com