Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMV1263-074LF Datasheet(PDF) 5 Page - Skyworks Solutions Inc.

Part # SMV1263-074LF
Description  Hyperabrupt Junction Tuning Varactors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SMV1263-074LF Datasheet(HTML) 5 Page - Skyworks Solutions Inc.

  SMV1263-074LF Datasheet HTML 1Page - Skyworks Solutions Inc. SMV1263-074LF Datasheet HTML 2Page - Skyworks Solutions Inc. SMV1263-074LF Datasheet HTML 3Page - Skyworks Solutions Inc. SMV1263-074LF Datasheet HTML 4Page - Skyworks Solutions Inc. SMV1263-074LF Datasheet HTML 5Page - Skyworks Solutions Inc. SMV1263-074LF Datasheet HTML 6Page - Skyworks Solutions Inc. SMV1263-074LF Datasheet HTML 7Page - Skyworks Solutions Inc. SMV1263-074LF Datasheet HTML 8Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
DATA SHEET • SMV1263 SERIES VARACTORS
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
200062K • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • August 7, 2015
5
3
2
1
0.031 (0.80 mm) Min.
0.039 (1.00 mm) Max.
0.000 (0.00 mm) Min.
0.004 (0.10 mm) Max.
0.010 (0.25 mm) Min.
0.016 (0.40 mm) Max.
0.071 (1.80 mm) Min.
0.087 (2.20 mm) Max.
0.071 (1.80 mm) Min.
0.094 (2.40 mm) Max.
0.045 (1.15 mm) Min.
0.053 (1.35 mm) Max.
0.026 (0.65 mm) Ref.
0.051 (1.30 mm) Ref.
0.004 (0.10 mm) Min.
0.007 (0.18 mm) Max.
0.004 (0.10 mm) Min.
0.012 (0.30 mm) Max.
0.014 (0.35 mm) Ref.
S1653
Dimensions are in inches (millimeters shown in parentheses)
Figure 4. SC-70 Package Dimensions
Notes:
1. Carrier tape: black conductive polystyrene bakeable
material at 125 °C.
2. Cover tape material: transparent conductive PSA.
3. Cover tape size: 5.40 mm width.
4. ESD surface resistivity is ≥1 x 104 and approx. ≤1 x 108
Ohms/square per EIA, JEDEC TNR Specification.
5. All measurements are in millimeters.
4.00
1.00
2.25 (Ao)
4.00
2.00
1.75
A
A
A
0.30
1.19 (Ko)
0.59
∅0.76 Min.
∅1.50 +0.1/–0
Pin 1
S1685b
2.00 ± 0.05
R 0.20
Figure 5. SC-70 Tape and Reel Dimensions


Similar Part No. - SMV1263-074LF

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
SMV1263-079 ALPHA-SMV1263-079 Datasheet
262Kb / 2P
   Hyperabrupt Junction Tuning Varactor
logo
Skyworks Solutions Inc.
SMV1263-079 SKYWORKS-SMV1263-079 Datasheet
139Kb / 4P
   Hyperabrupt Junction Tuning Varactors
More results

Similar Description - SMV1263-074LF

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SMV1129 SKYWORKS-SMV1129 Datasheet
119Kb / 4P
   Hyperabrupt Junction Tuning Varactors
SMV1770-079 SKYWORKS-SMV1770-079 Datasheet
140Kb / 4P
   Hyperabrupt Junction Tuning Varactors
SMV1771 SKYWORKS-SMV1771 Datasheet
539Kb / 7P
   Hyperabrupt Junction Tuning Varactors
SMV1245 SKYWORKS-SMV1245 Datasheet
524Kb / 7P
   Hyperabrupt Junction Tuning Varactors
SMV2019 SKYWORKS-SMV2019_15 Datasheet
822Kb / 10P
   Hyperabrupt Junction Tuning Varactors
SMV1281 SKYWORKS-SMV1281 Datasheet
130Kb / 4P
   Hyperabrupt Junction Tuning Varactors
SMV2019 SKYWORKS-SMV2019 Datasheet
110Kb / 9P
   Hyperabrupt Junction Tuning Varactors
logo
Alpha Industries
SMV1142 ALPHA-SMV1142 Datasheet
465Kb / 4P
   Hyperabrupt Junction Tuning Varactors
logo
Skyworks Solutions Inc.
SMV1130 SKYWORKS-SMV1130_15 Datasheet
598Kb / 8P
   Hyperabrupt Junction Tuning Varactors
SMV1231 SKYWORKS-SMV1231_15 Datasheet
1Mb / 12P
   Hyperabrupt Junction Tuning Varactors
SMV1247 SKYWORKS-SMV1247_16 Datasheet
940Kb / 11P
   Hyperabrupt Junction Tuning Varactors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com