Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EEUFR1J271U Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # EEUFR1J271U
Description  Aluminum Electrolytic Capacitors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EEUFR1J271U Datasheet(HTML) 3 Page - Panasonic Semiconductor

  EEUFR1J271U Datasheet HTML 1Page - Panasonic Semiconductor EEUFR1J271U Datasheet HTML 2Page - Panasonic Semiconductor EEUFR1J271U Datasheet HTML 3Page - Panasonic Semiconductor EEUFR1J271U Datasheet HTML 4Page - Panasonic Semiconductor EEUFR1J271U Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Aluminum Electrolytic Capacitors (Radial Lead Type)
Characteristics list
Rated
voltage
(V.DC)
Cap.
(±20 %)
(µF)
Case size (mm)
Specification
Lead length (mm)
Part No.
Min. Packaging Q'ty
0DL
Ripple
current
(100 kHz)
(+105 °C)
(mA r.m.s.)
Impedance
(100 kHz)
(+20 °C)
(
Ω)
Endurance
(hours)
Lead
dia.
0d
Lead space
Straight
leads
(pcs)
Taping
(pcs)
Straight
Taping
✽B
Taping
✽H
6.3
150
5
11
280
0.300
5000
0.5
2.0
5.0
2.5
EEUFR0J151( )
200
2000
220
6.3
11.2
455
0.130
5000
0.5
2.5
5.0
2.5
EEUFR0J221( )
200
2000
330
6.3
11.2
455
0.130
5000
0.5
2.5
5.0
2.5
EEUFR0J331( )
200
2000
470
6.3
11.2
455
0.130
5000
0.5
2.5
5.0
2.5
EEUFR0J471( )
200
2000
820
8
11.5
950
0.056
6000
0.6
3.5
5.0
EEUFR0J821( )
200
1000
1000
8
11.5
950
0.056
6000
0.6
3.5
5.0
EEUFR0J102( )
200
1000
1200
8
15
1240
0.041
8000
0.6
3.5
5.0
EEUFR0J122L( ) 200
1000
10
12.5
1290
0.043
6000
0.6
5.0
5.0
EEUFR0J122( )
200
500
1500
8
20
1560
0.030
9000
0.6
3.5
5.0
EEUFR0J152L( ) 200
1000
1800
10
16
1790
0.028
8000
0.6
5.0
5.0
EEUFR0J182( )
200
500
2200
10
20
2180
0.020 10000
0.6
5.0
5.0
EEUFR0J222( )
200
500
2700
10
25
2470
0.018
10000
0.6
5.0
5.0
EEUFR0J272L( ) 200
500
3300
10
25
2470
0.018
10000
0.6
5.0
5.0
EEUFR0J332L( ) 200
500
3900
12.5
20
2600
0.018
10000
0.6
5.0
5.0
EEUFR0J392( )
200
500
4700
12.5
25
3190
0.015
10000
0.6
5.0
5.0
EEUFR0J472( )
200
500
5600
12.5
30
3630
0.013
10000
0.8
5.0
EEUFR0J562L
100
6800
12.5
35
3750
0.012
10000
0.8
5.0
EEUFR0J682L
100
16
20
3300
0.017
10000
0.8
7.5
7.5
EEUFR0J682S( ) 100
250
8200
16
25
3820
0.014
10000
0.8
7.5
7.5
EEUFR0J822( )
100
250
10
100
5
11
280
0.300
5000
0.5
2.0
5.0
2.5
EEUFR1A101( )
200
2000
150
5
11
280
0.300
5000
0.5
2.0
5.0
2.5
EEUFR1A151( )
200
2000
220
6.3
11.2
455
0.130
5000
0.5
2.5
5.0
2.5
EEUFR1A221( )
200
2000
270
6.3
11.2
455
0.130
5000
0.5
2.5
5.0
2.5
EEUFR1A271( )
200
2000
470
8
11.5
950
0.056
6000
0.6
3.5
5.0
EEUFR1A471( )
200
1000
680
8
11.5
950
0.056
6000
0.6
3.5
5.0
EEUFR1A681( )
200
1000
820
10
12.5
1290
0.043
6000
0.6
5.0
5.0
EEUFR1A821( )
200
500
1000
10
16
1790
0.028
8000
0.6
5.0
5.0
EEUFR1A102( )
200
500
8
15
1240
0.041
8000
0.6
3.5
5.0
EEUFR1A102L( ) 200
1000
1500
8
20
1560
0.030
9000
0.6
3.5
5.0
EEUFR1A152L( ) 200
1000
10
16
1790
0.028
8000
0.6
5.0
5.0
EEUFR1A152( )
200
500
1800
10
20
2180
0.020 10000
0.6
5.0
5.0
EEUFR1A182( )
200
500
2200
10
25
2470
0.018
10000
0.6
5.0
5.0
EEUFR1A222L( ) 200
500
3300
12.5
20
2600
0.018
10000
0.6
5.0
5.0
EEUFR1A332( )
200
500
3900
12.5
25
3190
0.015
10000
0.6
5.0
5.0
EEUFR1A392( )
200
500
4700
12.5
30
3630
0.013
10000
0.8
5.0
EEUFR1A472L
100
16
20
3300
0.017
10000
0.8
7.5
7.5
EEUFR1A472S( ) 100
250
5600
12.5
35
3750
0.012
10000
0.8
5.0
EEUFR1A562L
100
6800
12.5
35
3750
0.012
10000
0.8
5.0
EEUFR1A682L
100
16
25
3820
0.014
10000
0.8
7.5
7.5
EEUFR1A682( )
100
250
· When requesting taped product, please put the letter "B" or "H" between the "( )". Lead wire pitch
✽B=5 mm, 7.5 mm, H=2.5 mm.
· Please refer to the page of “Taping dimensions”.
Mar. 2016
07


Similar Part No. - EEUFR1J271U

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEUFR1J271U PANASONIC-EEUFR1J271U Datasheet
120Kb / 5P
   Aluminum Electrolytic Capacitors FR
EEUFR1J271U PANASONIC-EEUFR1J271U Datasheet
149Kb / 6P
   Aluminum Electrolytic Capacitors/ FR
EEUFR1J271U PANASONIC-EEUFR1J271U Datasheet
119Kb / 5P
   Aluminum Electrolytic Capacitors/ FR
EEUFR1J271U PANASONIC-EEUFR1J271U Datasheet
119Kb / 5P
   Aluminum Electrolytic Capacitors/ FR
EEUFR1J271U PANASONIC-EEUFR1J271U Datasheet
120Kb / 5P
   Aluminum Electrolytic Capacitors/ FR
More results

Similar Description - EEUFR1J271U

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com