Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS610985DSET Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS610985DSET
Description  TPS61098x Ultra-Low Quiescent Current Synchronous Boost with Integrated LDO/Load Switch
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS610985DSET Datasheet(HTML) 4 Page - Texas Instruments

  TPS610985DSET Datasheet HTML 1Page - Texas Instruments TPS610985DSET Datasheet HTML 2Page - Texas Instruments TPS610985DSET Datasheet HTML 3Page - Texas Instruments TPS610985DSET Datasheet HTML 4Page - Texas Instruments TPS610985DSET Datasheet HTML 5Page - Texas Instruments TPS610985DSET Datasheet HTML 6Page - Texas Instruments TPS610985DSET Datasheet HTML 7Page - Texas Instruments TPS610985DSET Datasheet HTML 8Page - Texas Instruments TPS610985DSET Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 44 page
background image
VMAIN
VIN
SW
GND
MODE
VSUB
4
TPS61098, TPS610981
TPS610982, TPS610985, TPS610986, TPS610987
SLVS873D – JUNE 2015 – REVISED APRIL 2016
www.ti.com
Product Folder Links: TPS61098 TPS610981 TPS610982 TPS610985 TPS610986 TPS610987
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
(1)
The DSE package is available taped and reeled. Add R suffix to device type (e.g., TPS61098DSER) to order quantities of 3000 devices
per reel. Add T suffix to device type (e.g., TPS61098DSET) to order quantities of 250 devices per reel. For detailed ordering information
please check the PACKAGE OPTION ADDENDUM section at the end of this datasheet.
5 Device Comparison Table
PART NUMBER
INTEGRATED LDO OR
LOAD SWITCH
VMAIN
(ACTIVE MODE)
VMAIN
(LOW POWER MODE)
VSUB
(ACTIVE MODE)
VSUB
(LOW POWER MODE)
VSUB ACTIVE
DISCHARGE IN LOW
POWER MODE
TPS61098DSE
(1)
LDO
4.3 V
2.2 V
3.1 V
OFF
No
TPS610981DSE
LDO
3.3 V
3.3 V
3.0 V
OFF
Yes
TPS610982DSE
LDO
3.3 V
3.3 V
2.8 V
2.8 V
No
TPS610985DSE
Load Switch
3.0 V
3.0 V
ON
OFF
Yes
TPS610986DSE
Load Switch
3.3 V
3.3 V
ON
OFF
Yes
TPS610987DSE
LDO
4.3 V
2.2 V
3.1 V
OFF
Yes
6 Pin Configuration and Functions
DSE Package
6-Pin WSON
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
VMAIN
1
PWR
Boost converter output
SW
2
PWR
Connection for inductor
VIN
3
I
IC power supply input
MODE
4
I
Mode selection pin. 1: Active mode; 0: Low Power mode. Must be actively tied high or low. Do not leave
floating.
VSUB
5
PWR
LDO or load switch output
GND
6
PWR
IC ground


Similar Part No. - TPS610985DSET

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS610985DSET TI1-TPS610985DSET Datasheet
2Mb / 42P
[Old version datasheet]   Ultra-Low Quiescent Current Synchronous Boost
More results

Similar Description - TPS610985DSET

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61098 TI-TPS61098_15 Datasheet
2Mb / 38P
[Old version datasheet]   TPS61098x Ultra-Low Quiescent Current Synchronous Boost with Integrated LDO/Load Switch
TPS61098 TI1-TPS61098 Datasheet
2Mb / 42P
[Old version datasheet]   Ultra-Low Quiescent Current Synchronous Boost
TPS61099 TI1-TPS61099_17 Datasheet
2Mb / 23P
[Old version datasheet]   Synchronous Boost Converter with Ultra-Low Quiescent Current
TPS61099 TI1-TPS61099_18 Datasheet
3Mb / 35P
[Old version datasheet]   Synchronous Boost Converter with Ultra-Low Quiescent Current
logo
SG Micro Corp
SGM66099B SGMICRO-SGM66099B Datasheet
979Kb / 17P
   Synchronous Boost Converter with Ultra-Low Quiescent Current
AUGUST2022-REV.B
logo
Texas Instruments
TPS61099 TI1-TPS61099_16 Datasheet
2Mb / 22P
[Old version datasheet]   Synchronous Boost Converter with Ultra-Low Quiescent Current
TPS61099_017 TI1-TPS61099_017 Datasheet
3Mb / 31P
[Old version datasheet]   Synchronous Boost Converter with Ultra-Low Quiescent Current
TPS61099 TI-TPS61099_V01 Datasheet
3Mb / 35P
[Old version datasheet]   TPS61099x Synchronous Boost Converter with Ultra-Low Quiescent Current
TPS61099 TI1-TPS61099 Datasheet
2Mb / 22P
[Old version datasheet]   TPS61099x Synchronous Boost Converter with Ultra-Low Quiescent Current
logo
Taiwan Semiconductor Co...
TS1900 TSC-TS1900 Datasheet
235Kb / 5P
   Ultra Low Quiescent Current Smart Load Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com