Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HM11-31804LF Datasheet(PDF) 1 Page - Bi technologies

Part # HM11-31804LF
Description  Vertical Mount Inductors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

HM11-31804LF Datasheet(HTML) 1 Page - Bi technologies

  HM11-31804LF Datasheet HTML 1Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2009/10 EDITION MAGNETIC COMPONENTS SELECTOR GUIDE
We reserve the right to change specifications without prior notice.
www.bitechnologies.com
13
Part
Core
AWG
@ 10 kHz
Max.
DC Amps at 35°C at 45°C
Quantity
Number
Size
mm(1)
± 25%
mW
Approx.
Rise
Rise
A
B
C
(Units)
Wire
Inductance
Max. Current
Mechanical Outline
Carton
Gauge
µH
DCR
I
SAT
DC Amps
Dimensions: Inches (mm)
Box
HM11-11001LF
10 X 40
10 (2.59)
4.46
2.0
48
23.5
26.5
1.65 (42)
.75 (19.0)
.63 (16.0)
250
HM11-11302LF
10 X 35
13 (1.83)
7.20
4.5
36
13.0
15.0
1.46 (37)
.65 (16.5)
.57 (14.5)
300
HM11-11503LF
10 X 35
15 (1.45)
11.00
8.1
28
10.5
12.0
1.46 (37)
.60 (15.2)
.54 (13.7)
300
HM11-11804LF
10 X 35
18 (1.02)
21.00
21.4
20
7.0
8.0
1.46 (37)
.55 (14.0)
.50 (12.8)
300
HM11-12005LF
10 X 35
20 (0.81)
34.00
43.0
16
5.5
6.5
1.46 (37)
.55 (14.0)
.49 (12.4)
300
HM11-21001LF
10 X 25
10 (2.59)
1.40
1.2
85
25.0
28.0
1.06 (27)
.75 (19.0)
.63 (16.0)
300
HM11-21302LF
10 X 25
13 (1.83)
3.30
3.4
60
14.0
16.0
1.06 (27)
.65 (16.5)
.57 (14.5)
300
HM11-21503LF
10 X 25
15 (1.45)
5.00
5.8
46
11.5
13.5
1.06 (27)
.60 (15.2)
.54 (13.7)
300
HM11-21804LF
10 X 25
18 (1.02)
9.30
15.0
30
8.0
9.0
1.06 (27)
.55 (14.0)
.50 (12.8)
300
HM11-22005LF
10 X 25
20 (0.81)
16.20
30.6
22
5.0
5.5
1.06 (27)
.55 (14.0)
.49 (12.4)
1000
HM11-31001LF
8 X 25
10 (2.59)
1.20
1.2
72
28.0
31.0
1.06 (27)
.65 (16.5)
.55 (14.0)
300
HM11-31302LF
8 X 25
13 (1.83)
2.70
2.7
45
14.5
17.0
1.06 (27)
.55 (14.0)
.49 (12.5)
400
HM11-31503LF
8 X 25
15 (1.45)
4.20
4.9
35
11.5
13.5
1.06 (27)
.55 (14.0)
.46 (11.7)
1000
HM11-31804LF
8 X 25
18 (1.02)
7.20
11.6
26
8.0
9.0
1.06 (27)
.50 (12.7)
.43 (10.8)
1000
HM11-32005LF
8 X 25
20 (0.81)
12.00
22.8
22
5.5
6.5
1.06 (27)
.45 (11.4)
.41 (10.4)
1000
HM11-41301LF
6 X 16
13 (1.83)
0.66
1.4
65
13.0
15.0
.71 (18)
.50 (12.7)
.41 (10.5)
660
HM11-41502LF
6 X 16
15 (1.45)
1.00
2.3
50
10.0
12.0
.71 (18)
.45 (11.4)
.38 (9.7)
660
HM11-41803LF
6 X 16
18 (1.02)
2.20
6.1
32
8.0
9.0
.71 (18)
.40 (10.2)
.35 (8.8)
660
HM11-42004LF
6 X 16
20 (.081)
3.30
10.87
23
7.5
8.5
.71 (18)
.40 (10.2)
.33 (8.4)
660
HM11-51301LF
5 X 25
13 (1.83)
2.00
1.9
25
17.0
19.5
1.06 (27)
.45 (11.4)
.37 (9.5)
1000
HM11-51502LF
5 X 25
15 (1.45)
2.60
3.2
20
14.5
16.5
1.06 (27)
.45 (11.4)
.34 (8.7)
1000
HM11-51803LF
5 X 25
18 (1.02)
5.50
8.4
14
9.0
10.0
1.06 (27)
.35 (8.9)
.31 (7.8)
1000
HM11-52004LF
5 X 25
20 (0.81)
8.80
16.5
10
6.5
7.0
1.06 (27)
.35 (8.9)
.29 (7.4)
1000
HM11-61301LF
4 X 16
13 (1.83)
0.37
0.9
53
18.0
20.0
.71 (18)
.40 (10.2)
.33 (8.5)
450
HM11-61502LF
4 X 16
15 (1.45)
0.68
1.7
38
15.5
17.5
.71 (18)
.40 (10.2)
.30 (7.7)
450
HM11-61803LF
4 X 16
18 (1.02)
1.15
3.7
28
10.5
12.0
.71 (18)
.35 (8.9)
.27 (6.8)
450
HM11-62004LF
4 X 16
20 (0.81)
1.80
6.9
20
8.5
9.5
.71 (18)
.30 (7.6)
.25 (6.4)
450
HM11-71001LF
9 X 9
13.5 (1.72) 0.19 ± 15% 0.76
-
33.0
37.0
.37 (9.5)
.52 (13.2)
.51 (13)
500
HM11
Electrical / Environmental
Outline Dimensions (Inch / mm) / Schematic
Notes: (1) Nominal bare wire diameter.
(2) Electrical specifications at 25°C.
• Operating Temperature Range
-40°C to +105°C
• TemperatureRise,Maximum
45°C
Specifications / Packaging
VerticalMountInductors
RoHS
Compliant
Vertical Mount Inductors
Model HM11
Make Possible
Magnetics
Electrical / Environmental
OperatingTemperatureRange-40°Cto+105°C
TemperatureRise,Maximum45°C
RoHSCompliant
Notes: (1) Nominal bare wire diameter. (2) Electrical specifications at 25°C.
OutlineDimensions(Inch/mm)/Schematic
Specifications/Packaging
Part number
Core
Size
Wire
Guage
AWG
mm(1)
Inductance
μH
@ 10 kHz
± 25%
DCR
Max.
mΩ
I
SAT
DC Amps
Approx.
Max. Current
DC Amps
Mechanical Outline
Dimensions: Inches (mm)
Carton Box
Quantity
(Units)
at 35°C
Rise
at 45°C
Rise
A
B
C
HM11-11001LF 10X40 10(2.59)
4.46
2.0
48
23.5
26.5
1.65(42) .75(19.0)
.63(16.0)
250
HM11-11302LF 10X35 13(1.83)
7.20
4.5
36
13.0
15.0
1.46(37) .65(16.5)
.57(14.5)
300
HM11-11503LF 10X35 15(1.45)
11.00
8.1
28
10.5
12.0
1.46(37)
.60(15.2)
.54(13.7)
300
HM11-11804LF 10X35 18(1.02)
21.00
21.4
20
7.0
8.0
1.46(37) .55(14.0)
.50(12.8)
300
HM11-12005LF 10X35 20(0.81)
34.00
43.0
16
5.5
6.5
1.46(37) .55(14.0)
.49(12.4)
300
HM11-21001LF 10X25 10(2.59)
1.40
1.2
85
25.0
28.0
1.06(27) .75(19.0)
.63(16.0)
300
HM11-21302LF 10X25 13(1.83)
3.30
3.4
60
14.0
16.0
1.06(27) .65(16.5)
.57(14.5)
300
HM11-21503LF 10X25 15(1.45)
5.00
5.8
46
11.5
13.5
1.06(27) .60(15.2)
.54(13.7)
300
HM11-21804LF 10X25 18(1.02)
9.30
15.0
30
8.0
9.0
1.06(27) .55(14.0)
.50(12.8)
300
HM11-22005LF 10X25 20(0.81)
16.20
30.6
22
5.0
5.5
1.06(27) .55(14.0)
.49(12.4)
1000
HM11-31001LF 8X25 10(2.59)
1.20
1.2
72
28.0
31.0
1.06(27) .65(16.5)
.55(14.0)
300
HM11-31302LF 8X25 13(1.83)
2.70
2.7
45
14.5
17.0
1.06(27)
.55(14.0)
.49(12.5)
400
HM11-31503LF 8X25 15(1.45)
4.20
4.9
35
11.5
13.5
1.06(27) .55(14.0)
.46(11.7)
1000
HM11-31804LF 8X25 18(1.02)
7.20
11.6
26
8.0
9.0
1.06(27) .50(12.7)
.43(10.8)
1000
HM11-32005LF 8X25 20(0.81)
12.00
22.8
22
5.5
6.5
1.06(27) .45(11.4)
.41(10.4)
1000
HM11-41301LF 6X16 13(1.83)
0.66
1.4
65
13.0
15.0
.71(18)
.50(12.7)
.41(10.5)
660
HM11-41502LF 6X16 15(1.45)
1.00
2.3
50
10.0
12.0
.71(18)
.45(11.4)
.38(9.7)
660
HM11-41803LF 6X16 18(1.02)
2.20
6.1
32
8.0
9.0
.71(18)
.40(10.2)
.35(8.8)
660
HM11-42004LF 6X16 20(.081)
3.30
10.87
23
7.5
8.5
.71(18)
.40(10.2)
.33(8.4)
660
HM11-51301LF 5X25 13(1.83)
2.00
1.9
25
17.0
19.5
1.06(27) .45(11.4)
.37(9.5)
1000
HM11-51502LF 5X25 15(1.45)
2.60
3.2
20
14.5
16.5
1.06(27) .45(11.4)
.34(8.7)
1000
HM11-51803LF 5X25 18(1.02)
5.50
8.4
14
9.0
10.0
1.06(27)
.35(8.9)
.31(7.8)
1000
HM11-52004LF 5X25 20(0.81)
8.80
16.5
10
6.5
7.0
1.06(27)
.35(8.9)
.29(7.4)
1000
HM11-61301LF 4X16 13(1.83)
0.37
0.9
53
18.0
20.0
.71(18)
.40(10.2)
.33(8.5)
450
HM11-61502LF 4X16 15(1.45)
0.68
1.7
38
15.5
17.5
.71(18)
.40(10.2)
.30(7.7)
450
HM11-61803LF 4X16 18(1.02)
1.15
3.7
28
10.5
12.0
.71(18)
.35(8.9)
.27(6.8)
450
HM11-62004LF 4X16 20(0.81)
1.80
6.9
20
8.5
9.5
.71(18)
.30(7.6)
.25(6.4)
450
HM11-71001LF 9X9 13.5(1.72) 0.19±15% 0.76
-
33.0
37.0
.37(9.5)
.52(13.2)
.51(13)
500
05.15
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronicsmagnetics.com
Vertical Mount Inductors
Model HM11
Make Possible
Magnetics
Electrical / Environmental
OperatingTemperatureRange-40°Cto+105°C
TemperatureRise,Maximum45°C
RoHSCompliant
Notes: (1) Nominal bare wire diameter. (2) Electrical specifications at 25°C.
OutlineDimensions(Inch/mm)/Schematic
Specifications/Packaging
Part number
Core
Size
Wire
Guage
AWG
mm(1)
Inductance
μH
@ 10 kHz
± 25%
DCR
Max.
mΩ
I
SAT
DC Amps
Approx.
Max. Current
DC Amps
Mechanical Outline
Dimensions: Inches (mm)
Carton Box
Quantity
(Units)
at 35°C
Rise
at 45°C
Rise
A
B
C
HM11-11001LF 10X40 10(2.59)
4.46
2.0
48
23.5
26.5
1.65(42) .75(19.0)
.63(16.0)
250
HM11-11302LF 10X35 13(1.83)
7.20
4.5
36
13.0
15.0
1.46(37) .65(16.5)
.57(14.5)
300
HM11-11503LF 10X35 15(1.45)
11.00
8.1
28
10.5
12.0
1.46(37) .60(15.2)
.54(13.7)
300
HM11-11804LF 10X35 18(1.02)
21.00
21.4
20
7.0
8.0
1.46(37) .55(14.0)
.50(12.8)
300
HM11-12005LF 10X35 20(0.81)
34.00
43.0
16
5.5
6.5
1.46(37) .55(14.0)
.49(12.4)
300
HM11-21001LF 10X25 10(2.59)
1.40
1.2
85
25.0
28.0
1.06(27) .75(19.0)
.63(16.0)
300
HM11-21302LF 10X25 13(1.83)
3.30
3.4
60
14.0
16.0
1.06(27) .65(16.5)
.57(14.5)
300
HM11-21503LF 10X25 15(1.45)
5.00
5.8
46
11.5
13.5
1.06(27) .60(15.2)
.54(13.7)
300
HM11-21804LF 10X25 18(1.02)
9.30
15.0
30
8.0
9.0
1.06(27) .55(14.0)
.50(12.8)
300
HM11-22005LF 10X25 20(0.81)
16.20
30.6
22
5.0
5.5
1.06(27) .55(14.0)
.49(12.4)
1000
HM11-31001LF 8X25 10(2.59)
1.20
1.2
72
28.0
31.0
1.06(27) .65(16.5)
.55(14.0)
300
HM11-31302LF 8X25 13(1.83)
2.70
2.7
45
14.5
17.0
1.06(27) .55(14.0)
.49(12.5)
400
HM11-31503LF 8X25 15(1.45)
4.20
4.9
35
11.5
13.5
1.06(27) .55(14.0)
.46(11.7)
1000
HM11-31804LF 8X25 18(1.02)
7.20
11.6
26
8.0
9.0
1.06(27) .50(12.7)
.43(10.8)
1000
HM11-32005LF 8X25 20(0.81)
12.00
22.8
22
5.5
6.5
1.06(27) .45(11.4)
.41(10.4)
1000
HM11-41301LF 6X16 13(1.83)
0.66
1.4
65
13.0
15.0
.71(18)
.50(12.7)
.41(10.5)
660
HM11-41502LF 6X16 15(1.45)
1.00
2.3
50
10.0
12.0
.71(18)
.45(11.4)
.38(9.7)
660
HM11-41803LF 6X16 18(1.02)
2.20
6.1
32
8.0
9.0
.71(18)
.40(10.2)
.35(8.8)
660
HM11-42004LF 6X16 20(.081)
3.30
10.87
23
7.5
8.5
.71(18)
.40(10.2)
.33(8.4)
1,210
HM11-51301LF 5X25 13(1.83)
2.00
1.9
25
17.0
19.5
1.06(27) .45(11.4)
.37(9.5)
1000
HM11-51502LF 5X25 15(1.45)
2.60
3.2
20
14.5
16.5
1.06(27) .45(11.4)
.34(8.7)
1000
HM11-51803LF 5X25 18(1.02)
5.50
8.4
14
9.0
10.0
1.06(27)
.35(8.9)
.31(7.8)
1000
HM11-52004LF 5X25 20(0.81)
8.80
16.5
10
6.5
7.0
1.06(27)
.35(8.9)
.29(7.4)
1000
HM11-61301LF 4X16 13(1.83)
0.37
0.9
53
18.0
20.0
.71(18)
.40(10.2)
.33(8.5)
1,210
HM11-61502LF 4X16 15(1.45)
0.68
1.7
38
15.5
17.5
.71(18)
.40(10.2)
.30(7.7)
1,210
HM11-61803LF 4X16 18(1.02)
1.15
3.7
28
10.5
12.0
.71(18)
.35(8.9)
.27(6.8)
450
HM11-62004LF 4X16 20(0.81)
1.80
6.9
20
8.5
9.5
.71(18)
.30(7.6)
.25(6.4)
450
HM11-71001LF 9X9 13.5(1.72) 0.19±15% 0.76
-
33.0
37.0
.37(9.5) .52(13.2)
.51(13)
500
Rev. 02
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronicsmagnetics.com


Similar Part No. - HM11-31804LF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HM11-31804LF ETC2-HM11-31804LF Datasheet
383Kb / 1P
   Electrical / Environmental
logo
TT Electronics.
HM11-31804LF TTELEC-HM11-31804LF Datasheet
717Kb / 1P
   Vertical Mount Inductors
More results

Similar Description - HM11-31804LF

ManufacturerPart #DatasheetDescription
logo
Bi technologies
HM11 BITECH-HM11 Datasheet
166Kb / 1P
   Vertical Mount Inductors
logo
List of Unclassifed Man...
HM11 ETC-HM11 Datasheet
67Kb / 3P
   Vertical Mount Inductors
logo
TT Electronics.
HM11 TTELEC-HM11 Datasheet
717Kb / 1P
   Vertical Mount Inductors
logo
Rhombus Industries Inc.
L-268 RHOMBUS-IND-L-268 Datasheet
31Kb / 1P
   Vertical & Horizontal Mount Inductors
logo
Murata Power Solutions ...
33100C MURATA-PS-33100C Datasheet
137Kb / 3P
   Vertical Mount Toroidal Inductors
logo
Murata Manufacturing Co...
KMP_3300 MURATA-KMP_3300 Datasheet
130Kb / 3P
   Vertical Mount Toroidal Inductors
KMP_3200 MURATA-KMP_3200 Datasheet
129Kb / 3P
   Vertical Mount Toroidal Inductors
logo
Bourns Electronic Solut...
2301-RC BOURNS-2301-RC Datasheet
112Kb / 1P
   High Current Toroid Inductors Horizontal or vertical mount
logo
Vishay Siliconix
IHVR-4025JZ-3Z VISHAY-IHVR-4025JZ-3Z Datasheet
176Kb / 3P
   Ultra Low DCR Inductors, High Current, Vertical Mount Series
01-Jan-2022
logo
Dubilier
DCH1210150K DUBILIER-DCH1210150K Datasheet
157Kb / 3P
   INDUCTORS SURFACE MOUNT INDUCTORS DCH
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com