Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SRF2012-221YA Datasheet(PDF) 4 Page - Bourns Electronic Solutions

Part # SRF2012-221YA
Description  Common Mode Chip Inductors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SRF2012-221YA Datasheet(HTML) 4 Page - Bourns Electronic Solutions

  SRF2012-221YA Datasheet HTML 1Page - Bourns Electronic Solutions SRF2012-221YA Datasheet HTML 2Page - Bourns Electronic Solutions SRF2012-221YA Datasheet HTML 3Page - Bourns Electronic Solutions SRF2012-221YA Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SRF2012ASeries-CommonModeChipInductors
9.0 ± 0.5
(.354 ± .020)
60 ± 2
(2.362 ± .079)
178 ± 2
(7.008 ± .079)
13.5 ± 0.5
(.531 ± .020)
DIA.
USER DIRECTION OF FEED
120 °
1.45 ± 0.1
(.057 ± .004)
0.22 ± 0.05
(.009 ± .002)
1.9
(.075)
R
13.5 ± 0.5
(.531 ± .020)
R
20.5
(.807)
2.35 ± 0.1
(.093 ± .004)
0.5
(.020)
R
10.5
(.413)
R
1.5 + 0.1
(.059 + .004)
DIA.
1.1 + 0.1
(.043 + .004)
DIA.
A
A
1.50 ± 0.1
(.059 ± .004)
SECTION A-A
8.0 ± 0.1
(.315 ± .004)
1.75 ± 0.1
(.069 ± .004)
3.5 ± 0.05
(.138 ± .002)
4.0 ± 0.1
(.157 ± .004)
4.0 ± 0.1
(.157 ± .004)
2.0 ± 0.05
(.079 ± .002)
Packaging Specifications
DIMENSIONS:
MM
(INCHES)
QTY:2000PCS.PERREEL
9.0 ± 0.5
(.354 ± .020)
60 ± 2
(2.362 ± .079)
178 ± 2
(7.008 ± .079)
13.5 ± 0.5
(.531 ± .020)
DIA.
USER DIRECTION OF FEED
120 °
1.45 ± 0.1
(.057 ± .004)
0.22 ± 0.05
(.009 ± .002)
1.9
(.075)
R
13.5 ± 0.5
(.531 ± .020)
R
20.5
(.807)
2.35 ± 0.1
(.093 ± .004)
0.5
(.020)
R
10.5
(.413)
R
1.5 + 0.1
(.059 + .004)
DIA.
1.1 + 0.1
(.043 + .004)
DIA.
A
A
1.50 ± 0.1
(.059 ± .004)
SECTION A-A
8.0 ± 0.1
(.315 ± .004)
1.75 ± 0.1
(.069 ± .004)
3.5 ± 0.05
(.138 ± .002)
4.0 ± 0.1
(.157 ± .004)
4.0 ± 0.1
(.157 ± .004)
2.0 ± 0.05
(.079 ± .002)
03/16
Specificationsaresubjecttochangewithoutnotice.
Thedevicecharacteristicsandparametersinthisdatasheetcananddovaryindifferentapplicationsandactualdeviceperformancemayvaryovertime.
Usersshouldverifyactualdeviceperformanceintheirspecificapplications.


Similar Part No. - SRF2012-221YA

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SRF2012-221YA BOURNS-SRF2012-221YA Datasheet
413Kb / 3P
   SRF2012A Series - Common Mode Chip Inductors
SRF2012-221YA BOURNS-SRF2012-221YA Datasheet
413Kb / 3P
   Common Mode Chip Inductors
More results

Similar Description - SRF2012-221YA

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SRF4532 BOURNS-SRF4532 Datasheet
281Kb / 3P
   Common Mode Chip Inductors
SRF2012AA BOURNS-SRF2012AA Datasheet
449Kb / 3P
   Common Mode Chip Inductors
SRF3216A BOURNS-SRF3216A Datasheet
526Kb / 4P
   Common Mode Chip Inductors
SRF3216 BOURNS-SRF3216 Datasheet
378Kb / 3P
   Common Mode Chip Inductors
SRF2012A BOURNS-SRF2012A Datasheet
413Kb / 3P
   Common Mode Chip Inductors
SRF2012A-670YA BOURNS-SRF2012A-670YA Datasheet
449Kb / 3P
   Common Mode Chip Inductors
SRF3216A-900Y BOURNS-SRF3216A-900Y Datasheet
526Kb / 4P
   Common Mode Chip Inductors
SRF4532-1R0Y BOURNS-SRF4532-1R0Y Datasheet
252Kb / 3P
   Common Mode Chip Inductors
logo
Central Technologies
CTDLW43SF CT-CTDLW43SF Datasheet
545Kb / 2P
   Common Mode Chip Inductors
logo
Bourns Electronic Solut...
SRF2012-361YA BOURNS-SRF2012-361YA Datasheet
413Kb / 3P
   SRF2012A Series - Common Mode Chip Inductors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com