Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AR10KT2L25 Datasheet(PDF) 1 Page - Bi technologies

Part # AR10KT2L25
Description  Precision Potentiometer
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

AR10KT2L25 Datasheet(HTML) 1 Page - Bi technologies

  AR10KT2L25 Datasheet HTML 1Page - Bi technologies AR10KT2L25 Datasheet HTML 2Page - Bi technologies AR10KT2L25 Datasheet HTML 3Page - Bi technologies AR10KT2L25 Datasheet HTML 4Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2
2-5
Model A
ELECTRICAL
Resistance Range, Ohms
10 to 500K
Standard Resistance Tolerance
< 100 Ohms = ±5%,
≥ 100 Ohms = ±3%
Minimum Practical Resistance Tolerance
±1%
Independent Linearity
< 300 Ohms = ±0.50%,
≥ 300 Ohms = ±0.25%
Minimum Practical Independent Linearity
±0.15%,
≤ 20 Ohms
±0.10%, < 100 Ohms
±0.075%, < 300 Ohms
±0.05%,
≥ 300 Ohms
Power Rating, Watts
5.0 at 40°C derating to 0 at 85°C
Input Voltage, Maximum
1,000Vdc not to exceed power rating
Dielectric Strength
1,000V rms
Insulation Resistance, Minimum
1,000 Megohms
Noise, Maximum
500 Ohms: RT
≤ 2613.7 Ohms
250 Ohms: RT > 2613.7 Ohms
Actual Electrical Travel
3600° + 4° – 0°
Tap Tolerance
≤ 20 Ohms = ±3°, < 100 Ohms = ±2°
< 300 Ohms = ±1.5°,
≥ 300 Ohms = ±1°
End Voltage, Maximum
10 Ohms = 3%, 25 Ohms = 1.2%
(% of input voltage)
50 Ohms = 0.6%,
≥100 Ohms = 0.25%
ENVIRONMENTAL (MIL-R-12934)
Operating Temperature Range
Static: –65°C to +85°C
Dynamic: –40°C to +85°C
Temperature Cycling
5 cycles, –65°C to +85°C (5%
∆R)
Shock, 6ms Sawtooth
100G’s (0.1ms discontinuity max.)
Vibration
6 hours, 10 to 55 Hz (5%
∆RT, 0.1ms discontinuity max.)
Moisture Resistance
Ten 24 hour cycles (3%
∆R)
High Temperature Exposure
1,000 hours at 85°C (5%
∆R)
Rotational Load Life
2 mil. shaft rev. + 900 hrs. at rated wattage at 40°C (5%
∆R)
MODEL A
1-13/16” Diameter
10-Turn
Wirewound
Precision Potentiometer
Specifications subject to change without notice.
This model available in a hybrid version – contact factory for details.


Similar Part No. - AR10KT2L25

ManufacturerPart #DatasheetDescription
logo
Bi technologies
AR10KT2L.25XX BITECH-AR10KT2L.25XX Datasheet
103Kb / 4P
   1-13/16 Diameter 10-Turn Wirewound Precision Potentiometer
More results

Similar Description - AR10KT2L25

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
3500S-1-102L BOURNS-3500S-1-102L Datasheet
231Kb / 2P
   Precision Potentiometer
3400 BOURNS-3400_13 Datasheet
195Kb / 2P
   Precision Potentiometer
3548H BOURNS-3548H Datasheet
289Kb / 4P
   Precision Potentiometer
3540 BOURNS-3540 Datasheet
211Kb / 2P
   Precision Potentiometer
6538S BOURNS-6538S Datasheet
61Kb / 4P
   Precision Potentiometer
6539 BOURNS-6539_13 Datasheet
223Kb / 2P
   Precision Potentiometer
6638 BOURNS-6638_08 Datasheet
185Kb / 1P
   Precision Potentiometer
6674 BOURNS-6674_11 Datasheet
181Kb / 2P
   Precision Potentiometer
3590S-2-L BOURNS-3590S-2-L Datasheet
254Kb / 4P
   Precision Potentiometer
3590 BOURNS-3590 Datasheet
241Kb / 1P
   Precision Potentiometer
logo
Bi technologies
5311 BITECH-5311 Datasheet
77Kb / 3P
   Precision Potentiometer
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com