Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8141 Datasheet(PDF) 2 Page - Bi technologies

Part # 8141
Description  Precision Potentiometer / Position Sensor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

8141 Datasheet(HTML) 2 Page - Bi technologies

  8141 Datasheet HTML 1Page - Bi technologies 8141 Datasheet HTML 2Page - Bi technologies 8141 Datasheet HTML 3Page - Bi technologies 8141 Datasheet HTML 4Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BI Technologies Corporation
4200 Bonita Place, Fullerton, CA 92835 USA
Phone: 714 447 2345
Website: www.bitechnologies.com
November 13 2015
Model 8140 page 2 of 4
Operating Temperature Range
-40°C to +125°C dynamic, -55°C to +125°C static
Temperature Cycling
5 cycles, -40°C to +125°C, maximum 5% ΔR
Shock
6 ms Saw-tooth, 100 G’s, 0.1 ms maximum discontinuity
Vibration
15 G’s, 10 to 2,000 Hz, maximum 5% ΔR, 0.1 ms maximum discontinuity
Moisture Resistance
Five 24 hour cycles, maximum 5% ΔR
High Temperature Exposure
1,000 hours at 125°C, maximum 5% ΔR
Rotational Load Life (1 lb side load for 8148) 5 million shaft revolutions + 900 hours at 2.0 Watts & 70°C, maximum 5% ΔR
Ingress Protection Rating (IP Code)
IP50, IP66 available as option (feature code ES)
ENVIRONMENTAL (MIL-PRF-39023)
ORDERING INFORMATION
Model Series
Resistance Prefix
Resistance Value
Optional Feature Code
(see table)
Optional Non-standard Tolerance
8146 R 10K T5 L.25 xx
FEATURE CODES
Model 8140 series
Linearity
(CCW)
(S)
(CW)
CIRCUIT DIAGRAM
STANDARD RESISTANCE VALUES
1K
2K
5K
10K
20K
50K
100K
Center Tap
CT
Linearity Tape
LT
Flatted Shaft
FS
Slotted Shaft (standard on single gang 8146 without RS feature)
SS
Rear Shaft Extension (8143, 8146 single cup only)
RS
Shaft Lock (8146 only)
SL
High Torque 2-6 oz.-in. (8146 only)
HT
Additional Gang
2G
Gold Plated Solder Lug Terminals (see optional terminal configuration)
FT
Seal (IP66) 8144, 8146, or 8148 only
ES
When multiple Feature codes
are used the P/N shall be in
the same sequence as listed in
this table (top to bottom).


Similar Part No. - 8141

ManufacturerPart #DatasheetDescription
logo
Sonardyne sound in dept...
8141 SONARDYNE-8141 Datasheet
161Kb / 2P
   Tsunami Detection System
logo
List of Unclassifed Man...
8141 ETC1-8141 Datasheet
30Kb / 1P
   Diagonal cutters oval
logo
Unisonic Technologies
8141-AB3-D-B UTC-8141-AB3-D-B Datasheet
201Kb / 6P
   POWER RESET IC
8141-AB3-D-K UTC-8141-AB3-D-K Datasheet
201Kb / 6P
   POWER RESET IC
8141-AB3-D-R UTC-8141-AB3-D-R Datasheet
201Kb / 6P
   POWER RESET IC
More results

Similar Description - 8141

ManufacturerPart #DatasheetDescription
logo
Bi technologies
6173 BITECH-6173 Datasheet
189Kb / 3P
   Precision Potentiometer / Position Sensor
3371 BITECH-3371_14 Datasheet
171Kb / 3P
   Precision Potentiometer / Position Sensor
7216 BITECH-7216 Datasheet
81Kb / 5P
   Precision Potentiometer/ Position Sensor
3381 BITECH-3381 Datasheet
167Kb / 3P
   Precision Potentiometer / Position Sensor
6273 BITECH-6273 Datasheet
191Kb / 3P
   Precision Potentiometer / Position Sensor
6134 BITECH-6134 Datasheet
379Kb / 3P
   Precision Potentiometer Position Sensor
6181 BITECH-6181 Datasheet
417Kb / 3P
   Precision Potentiometer / Position Sensor
6671 BITECH-6671 Datasheet
256Kb / 3P
   Precision Potentiometer / Position Sensor
400 BITECH-400 Datasheet
255Kb / 3P
   Precision Potentiometer / Position Sensor
6371 BITECH-6371 Datasheet
176Kb / 3P
   Precision Potentiometer / Position Sensor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com