Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8148 Datasheet(PDF) 4 Page - Bi technologies

Part # 8148
Description  Precision Potentiometer / Position Sensor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

8148 Datasheet(HTML) 4 Page - Bi technologies

  8148 Datasheet HTML 1Page - Bi technologies 8148 Datasheet HTML 2Page - Bi technologies 8148 Datasheet HTML 3Page - Bi technologies 8148 Datasheet HTML 4Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
BI Technologies Corporation
4200 Bonita Place, Fullerton, CA 92835 USA
Phone: 714 447 2345
Website: www.bitechnologies.com
November 13 2015
Model 8140 page 4 of 4
Model 8140 series
40°
SLIDER
.625RMAX
15.9RMAX
VIEWB
105°MAX
Optional Terminal Configuration
.110
2.794
.020Thickness
.060±.003
1.524±.076
.062±.003
1.524±.076
Dia.
Use Special Feature Code “FT” to order.
Enlarged View B
105°
Max.
Clamp
.922
23.4Dia. Max.
.625
15.9 R. Max.
Clamp
Ears
.875±.016
22.2±0.41
Housing Dia.
Slider
.080±.001
2.03±0.03 Dia.
.057
1.45 Min.
.062±.005
1.58±0.13
.062±.005
1.58±0.13
Chamfer
.016/0.406 Max. x 45°
.625
15.875
+.000
-.001
+0.000
-0.025
.875
22.2
+.005
-.010
+0.13
-0.25
.1248
3.1699
+.0000
-.0003
+0.0000
-0.0076
Dia.
Dia.
Dia.
Mounting Surface
.375±.031
9.53±0.79
.781
19.8 Dia. Max.
1.250±.031
31.75±0.79
.875±.016
22.2±0.41
.250
6.35
Min.
CCW
CW
Model 8143
Servo Mount with Ball Bearing
OUTLINE DRAWINGS (continued)


Similar Part No. - 8148

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
8148 BELDEN-8148 Datasheet
172Kb / 2P
   RS232/485 Low Cap, #28-18pr, FPE, O/A FoilBraid, PVC Jkt, CL2, 120Ω
05-05-2023
logo
Unisonic Technologies
8148-AB3-D-B UTC-8148-AB3-D-B Datasheet
201Kb / 6P
   POWER RESET IC
8148-AB3-D-K UTC-8148-AB3-D-K Datasheet
201Kb / 6P
   POWER RESET IC
8148-AB3-D-R UTC-8148-AB3-D-R Datasheet
201Kb / 6P
   POWER RESET IC
8148-AE3-D-B UTC-8148-AE3-D-B Datasheet
201Kb / 6P
   POWER RESET IC
More results

Similar Description - 8148

ManufacturerPart #DatasheetDescription
logo
Bi technologies
6173 BITECH-6173 Datasheet
189Kb / 3P
   Precision Potentiometer / Position Sensor
3371 BITECH-3371_14 Datasheet
171Kb / 3P
   Precision Potentiometer / Position Sensor
7216 BITECH-7216 Datasheet
81Kb / 5P
   Precision Potentiometer/ Position Sensor
3381 BITECH-3381 Datasheet
167Kb / 3P
   Precision Potentiometer / Position Sensor
6273 BITECH-6273 Datasheet
191Kb / 3P
   Precision Potentiometer / Position Sensor
6134 BITECH-6134 Datasheet
379Kb / 3P
   Precision Potentiometer Position Sensor
6181 BITECH-6181 Datasheet
417Kb / 3P
   Precision Potentiometer / Position Sensor
6671 BITECH-6671 Datasheet
256Kb / 3P
   Precision Potentiometer / Position Sensor
400 BITECH-400 Datasheet
255Kb / 3P
   Precision Potentiometer / Position Sensor
6371 BITECH-6371 Datasheet
176Kb / 3P
   Precision Potentiometer / Position Sensor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com